Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKJBC-6-6-W Datasheet(PDF) 3 Page - ITT Industries

Part # MKJBC-6-6-W
Description  Selector Guide
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MKJBC-6-6-W Datasheet(HTML) 3 Page - ITT Industries

  MKJBC-6-6-W Datasheet HTML 1Page - ITT Industries MKJBC-6-6-W Datasheet HTML 2Page - ITT Industries MKJBC-6-6-W Datasheet HTML 3Page - ITT Industries MKJBC-6-6-W Datasheet HTML 4Page - ITT Industries MKJBC-6-6-W Datasheet HTML 5Page - ITT Industries MKJBC-6-6-W Datasheet HTML 6Page - ITT Industries MKJBC-6-6-W Datasheet HTML 7Page - ITT Industries MKJBC-6-6-W Datasheet HTML 8Page - ITT Industries MKJBC-6-6-W Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
B-3
www.ittcannon.com
B
Series
Military Spec
Market
Coupling System
Temperature
Range
Hardware
Finishes
Contact Termination
PCB Termination
Contact Type
Contact Release
Contact Plating
Contact Sizes
Wire Range AWG
Current Rating
Insulation Resistance
Sea Level
Shell Sizes
Mating Cycles
RoHS Compliance
Salt Spray Max
Grommet and Seals
Page No.
Single Start Thread
MKJ0
Military/
Industrial/Commercial
UNC Thread
-55° to +125° C
Aluminum
Cadmium/Zinc Nickel/Nickel
Crimp/Solder Cup
Straight PCB
Available
AS39029 Style
Machined Pin / Socket
Rear Release
Gold/Nickel
Size 20-16
Size #16-28
5 Amps (#20)
13 Amps (#16)
500 VAC rms
5 to 18
500
Available
500 Hours
Fluorosilicone
B-34
Mini Circular
Double Start Thread
MKJ1
Military/
Industrial/Commercial
Double Start
-55° to +125° C
Aluminum/Stainless Steel
Cadmium/Zinc Nickel/Nickel
Crimp/Solder Cup
Straight PCB
Available
AS39029 Style
Machined Pin / Socket
Rear Release
Gold/Nickel
Size 20-16
Size #16-28
5 Amps (#20)
13 Amps (#16)
500 VAC rms
5 to 18
500
Available
200 Hours
Fluorosilicone
B-40
Bayonet Style
MKJ3
Military/
Industrial/Commercial
Bayonet
-55° to +125° C
Aluminum
Cadmium/Zinc Nickel/Nickel
Crimp/Solder Cup
Straight PCB
Available
AS39029 Style
Machined Pin / Socket
Rear Release
Gold/Nickel
Size 20-16
Size #16-28
5 Amps (#20)
13 Amps (#16)
500 VAC rms
5 to 18
500
Available
200 Hours
Fluorosilicone
B-46
Selector Guide


Similar Part No. - MKJBC-6-6-W

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MKJ ITT-MKJ Datasheet
4Mb / 31P
   MKJ Series Connectors
More results

Similar Description - MKJBC-6-6-W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM14ML1S18 ETC2-SM14ML1S18 Datasheet
393Kb / 8P
   Contact selector guide
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
Silicon Laboratories
SI5374B-A-GL SILABS-SI5374B-A-GL Datasheet
1Mb / 20P
   Timing Selector Guide
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
597-7701-507F DIALIGHT-597-7701-507F Datasheet
1Mb / 17P
   Surface Mount LED Selector Guide
logo
Microchip Technology
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
598-8070-102F DIALIGHT-598-8070-102F Datasheet
1Mb / 16P
   Surface Mount LED Selector Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com