Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24FJ64GB108-I Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC24FJ64GB108-I
Description  64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
Download  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GB108-I Datasheet(HTML) 5 Page - Microchip Technology

  PIC24FJ64GB108-I Datasheet HTML 1Page - Microchip Technology PIC24FJ64GB108-I Datasheet HTML 2Page - Microchip Technology PIC24FJ64GB108-I Datasheet HTML 3Page - Microchip Technology PIC24FJ64GB108-I Datasheet HTML 4Page - Microchip Technology PIC24FJ64GB108-I Datasheet HTML 5Page - Microchip Technology PIC24FJ64GB108-I Datasheet HTML 6Page - Microchip Technology PIC24FJ64GB108-I Datasheet HTML 7Page - Microchip Technology PIC24FJ64GB108-I Datasheet HTML 8Page - Microchip Technology PIC24FJ64GB108-I Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 352 page
background image
 2009 Microchip Technology Inc.
DS39897C-page 5
PIC24FJ256GB110 FAMILY
Pin Diagram (64-Pin TQFP and QFN)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
44
PIC24FJ64GB106
1
46
45
43
42
41
40
39
SOSCI/C3IND/CN1/RC13
DMH/RP11/INT0/CN49/RD0
SCL1/RP3/PMCS2/CN55/RD10
DPLN/SDA1/RP4/CN54/RD9
RTCC/DMLN/RP2/CN53/RD8
RP12/PMCS1/CN56/RD11
OSCO/CLKO/CN22/RC15
OSCI/CLKI/CN23/RC12
VDD
D+/RG2
VUSB
VBUS
RP16/USBID/CN71/RF3
D-/RG3
SOSCO/T1CK/C3INC/RPI37/
PMD5/CN63/RE5
SCL3/PMD6/CN64/RE6
SDA3/PMD7/CN65/RE7
C1IND/RP21/PMA5/CN8/RG6
VDD
PGEC3/AN5/C1INA/VBUSON/RP18/CN7/RB5
PGED3/AN4/C1INB/USBOEN/RP28/CN6/RB4
AN3/C2INA/VPIO/CN5/RB3
AN2/C2INB/VMIO/RP13/CN4/RB2
C1INC/RP26/PMA4/CN9/RG7
C2IND/RP19/PMA3/CN10/RG8
PGEC1/AN1/VREF-/RP1/CN3/RB1
PGED1/AN0/VREF+/RP0/PMA6/CN2/RB0
RP27/PMA2/C2INC/CN11/RG9
MCLR
VSS
VSS
38
37
34
36
35
33
CN0/RC14
PIC24FJ128GB106
PIC24FJ192GB106
PIC24FJ256GB106
Legend:
Shaded pins indicate pins tolerant to up to +5.5 VDC.
RPn represents remappable pins for the Peripheral Pin Select feature.
Note
1:
For QFN devices, the backplane on the underside of the device must also be connected to VSS.


Similar Part No. - PIC24FJ64GB108-I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ64GB108 MICROCHIP-PIC24FJ64GB108 Datasheet
2Mb / 352P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2009
PIC24FJ64GB108 MICROCHIP-PIC24FJ64GB108 Datasheet
3Mb / 328P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
01/02/08
PIC24FJ64GB108 MICROCHIP-PIC24FJ64GB108 Datasheet
3Mb / 328P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
01/02/08
More results

Similar Description - PIC24FJ64GB108-I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ256GB106-IMR MICROCHIP-PIC24FJ256GB106-IMR Datasheet
2Mb / 352P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
03/26/09
PIC24FJ256GB106 MICROCHIP-PIC24FJ256GB106 Datasheet
2Mb / 352P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2009
PIC24FJ256GB110-I MICROCHIP-PIC24FJ256GB110-I Datasheet
3Mb / 328P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
01/02/08
PIC24FJ256GB106-I MICROCHIP-PIC24FJ256GB106-I Datasheet
3Mb / 328P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
01/02/08
PIC24FJ256GB110 MICROCHIP-PIC24FJ256GB110 Datasheet
5Mb / 328P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2008
PIC24FJ256GB210 MICROCHIP-PIC24FJ256GB210 Datasheet
3Mb / 386P
   64/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2010
PIC24FJ256DA210 MICROCHIP-PIC24FJ256DA210 Datasheet
3Mb / 408P
   64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
2010
PIC24FJ128DA106-I MICROCHIP-PIC24FJ128DA106-I Datasheet
156Kb / 3P
   PIC24FJ256DA210 FAMILY, 64-100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PIC24FJ256DA210-I-PT MICROCHIP-PIC24FJ256DA210-I-PT Datasheet
3Mb / 408P
   16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
01/05/10
PIC24FJ64GB004 MICROCHIP-PIC24FJ64GB004 Datasheet
2Mb / 352P
   28/44-Pin, 16-Bit, Flash Microcontrollers with USB On-The-Go (OTG) and nanoWatt XLP Technology
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com