Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F66J16T-1 Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC18F66J16T-1
Description  64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
Download  466 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F66J16T-1 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC18F66J16T-1 Datasheet HTML 6Page - Microchip Technology PIC18F66J16T-1 Datasheet HTML 7Page - Microchip Technology PIC18F66J16T-1 Datasheet HTML 8Page - Microchip Technology PIC18F66J16T-1 Datasheet HTML 9Page - Microchip Technology PIC18F66J16T-1 Datasheet HTML 10Page - Microchip Technology PIC18F66J16T-1 Datasheet HTML 11Page - Microchip Technology PIC18F66J16T-1 Datasheet HTML 12Page - Microchip Technology PIC18F66J16T-1 Datasheet HTML 13Page - Microchip Technology PIC18F66J16T-1 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 466 page
background image
PIC18F87J11 FAMILY
DS39778E-page 10
 2007-2012 Microchip Technology Inc.
FIGURE 1-1:
PIC18F6XJ1X (64-PIN) BLOCK DIAGRAM
Instruction
Decode and
Control
PORTA
Data Latch
Data Memory
(2.0, 3.9
Address Latch
Data Address<12>
12
Access
BSR
FSR0
FSR1
FSR2
inc/dec
logic
Address
4
12
4
PCH
PCL
PCLATH
8
31 Level Stack
Program Counter
PRODL
PRODH
8 x 8 Multiply
8
BITOP
8
8
ALU<8>
Address Latch
Program Memory
(96 Kbytes)
Data Latch
20
8
8
Table Pointer<21>
inc/dec logic
21
8
Data Bus<8>
Table Latch
8
IR
12
3
PCLATU
PCU
Note
1:
See Table 1-3 for I/O port pin descriptions.
2:
BOR functionality is provided when the on-board voltage regulator is enabled.
EUSART1
Comparators
MSSP1
Timer2
Timer1
Timer3
Timer0
ECCP1
A/D
10-Bit
W
Instruction Bus <16>
STKPTR
Bank
8
State Machine
Control Signals
Decode
8
8
EUSART2
ECCP2
ROM Latch
ECCP3
MSSP2
CCP4
CCP5
PORTC
PORTD
PORTE
PORTF
PORTG
RA<7:0>(1)
RC<7:0>(1)
RD<7:0>(1)
RE<7:0>(1)
RF<7:2>(1)
RG<4:0>(1)
PORTB
RB<7:0>(1)
Timer4
OSC1/CLKI
OSC2/CLKO
VDD, VSS
8 MHz
INTOSC
MCLR
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Brown-out
Reset(2)
Precision
Reference
Band Gap
INTRC
Oscillator
Regulator
Voltage
VDDCORE/VCAP
ENVREG
Kbytes)
PMP
Timing
Generation


Similar Part No. - PIC18F66J16T-1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F66J16 MICROCHIP-PIC18F66J16 Datasheet
7Mb / 448P
   64/80-Pin High-Performance,1-Mbit Flash Microcontrollers with nanoWatt Technology
2007
PIC18F66J16 MICROCHIP-PIC18F66J16 Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F66J16 MICROCHIP-PIC18F66J16 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
More results

Similar Description - PIC18F66J16T-1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F87J11 MICROCHIP-PIC18F87J11_12 Datasheet
7Mb / 466P
   64/80-Pin, High-Performance, 1-Mbit Flash Microcontrollers
11/29/11
PIC18F86K22-I MICROCHIP-PIC18F86K22-I Datasheet
4Mb / 550P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
05/02/11
PIC18F87K22 MICROCHIP-PIC18F87K22_11 Datasheet
4Mb / 548P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
2011
PIC18LF8622-I MICROCHIP-PIC18LF8622-I Datasheet
7Mb / 446P
   64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers
01/02/08
PIC18LF6527-I MICROCHIP-PIC18LF6527-I Datasheet
7Mb / 446P
   64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers
01/02/08
PIC18F97J60 MICROCHIP-PIC18F97J60 Datasheet
8Mb / 474P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2006
PIC18F87J10 MICROCHIP-PIC18F87J10 Datasheet
3Mb / 394P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
2005
PIC18F87J11 MICROCHIP-PIC18F87J11 Datasheet
7Mb / 448P
   64/80-Pin High-Performance,1-Mbit Flash Microcontrollers with nanoWatt Technology
2007
PIC18F97J60 MICROCHIP-PIC18F97J60_09 Datasheet
8Mb / 480P
   64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
2009
PIC18F97J60 MICROCHIP-PIC18F97J60_11 Datasheet
3Mb / 492P
   64/80/100-Pin, High-Performance, 1-Mbit Flash Microcontrollers with Ethernet
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com