Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOJD107M002SWJ Datasheet(PDF) 2 Page - AVX Corporation

Part # NOJD107M002SWJ
Description  Niobium Oxide Capacitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NOJD107M002SWJ Datasheet(HTML) 2 Page - AVX Corporation

  NOJD107M002SWJ Datasheet HTML 1Page - AVX Corporation NOJD107M002SWJ Datasheet HTML 2Page - AVX Corporation NOJD107M002SWJ Datasheet HTML 3Page - AVX Corporation NOJD107M002SWJ Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
117
OxiCap® NOJ Series
Niobium Oxide Capacitor
Capacitance
Rated Voltage DC (V
R) to 85°C / 0.66 DC to 105°C
μF
Code
1.8V (x)
2.5V (e)
4V (G)
6.3V (J)
10V (A)
4.7
475
A
A
6.8
685
A
A
10
106
A
A/B
15
156
AA/B
A/B
22
226
A
A/B
A/B
B/C
33
336
A/BA/B
B/C
C
47
476
A
A/B
A*/B/C
A*/B/C
C
68
686
B
B/C
B/C
B/C
C
100
107
B/C
B/C
B/C
B/C/D
D
150
157
C
C
B*/C/D
C/D
220
227
C
C
C/D
C/D/E
330
337
C
C/D
D
D/E
470
477
D/E
D/E
E/V
680
687
E
E/V
1000
108
V
V
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
NON-BURN
NON-SMOKE
LEAD-FREE COMPATIBLE
COMPONENT
*Please Contact Manufacturer


Similar Part No. - NOJD107M002SWJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NOJD107M002SWJD AVX-NOJD107M002SWJD Datasheet
185Kb / 7P
   Standard and Low Profile Niobium Oxide Capacitors
NOJD107M002SWJE AVX-NOJD107M002SWJE Datasheet
185Kb / 7P
   Standard and Low Profile Niobium Oxide Capacitors
NOJD107M002SWJV AVX-NOJD107M002SWJV Datasheet
185Kb / 7P
   Standard and Low Profile Niobium Oxide Capacitors
NOJD107M002SWJX AVX-NOJD107M002SWJX Datasheet
185Kb / 7P
   Standard and Low Profile Niobium Oxide Capacitors
NOJD107M002SWJY AVX-NOJD107M002SWJY Datasheet
185Kb / 7P
   Standard and Low Profile Niobium Oxide Capacitors
More results

Similar Description - NOJD107M002SWJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NOJA106M006RWJ AVX-NOJA106M006RWJ Datasheet
120Kb / 4P
   Niobium Oxide Capacitor
NOSD107M006R0100V AVX-NOSD107M006R0100V Datasheet
117Kb / 5P
   Niobium Oxide Capacitor
NOM AVX-NOM Datasheet
192Kb / 4P
   Niobium Oxide Capacitor
NOJB226M01 AVX-NOJB226M01 Datasheet
115Kb / 4P
   Niobium Oxide Capacitor
NOJD107M006RWJ AVX-NOJD107M006RWJ Datasheet
128Kb / 4P
   Niobium Oxide Capacitor
NOS AVX-NOS Datasheet
208Kb / 7P
   Niobium Oxide Capacitor
NBS AVX-NBS Datasheet
125Kb / 3P
   NBS COTS-Plus Niobium Oxide Capacitor Weibull Grade
NOSB107M001-0350 AVX-NOSB107M001-0350 Datasheet
117Kb / 4P
   OxiCap짰 NOS Low ESR Series Niobium Oxide Capacitor
TPSA475K010R1400 AVX-TPSA475K010R1400 Datasheet
102Kb / 5P
   Tantalum and Niobium Oxide Capacitors
TPSA154M050R9000 AVX-TPSA154M050R9000 Datasheet
140Kb / 6P
   Tantalum Capacitors Niobium Oxide Capacitors (OxiCapTM)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com