Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKJBC-2-6-W Datasheet(PDF) 6 Page - ITT Industries

Part # MKJBC-2-6-W
Description  Selector Guide
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MKJBC-2-6-W Datasheet(HTML) 6 Page - ITT Industries

Back Button MKJBC-2-6-W Datasheet HTML 2Page - ITT Industries MKJBC-2-6-W Datasheet HTML 3Page - ITT Industries MKJBC-2-6-W Datasheet HTML 4Page - ITT Industries MKJBC-2-6-W Datasheet HTML 5Page - ITT Industries MKJBC-2-6-W Datasheet HTML 6Page - ITT Industries MKJBC-2-6-W Datasheet HTML 7Page - ITT Industries MKJBC-2-6-W Datasheet HTML 8Page - ITT Industries MKJBC-2-6-W Datasheet HTML 9Page - ITT Industries MKJBC-2-6-W Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
B-6
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
B
Nemesis Water Tight
NEM-WT
ITT ICS’s Water Tight connector is a light-
weight, robust and watertight solution
designed for military, marine, medical
and industrial application. The connector
features micro twist pin contact technol-
ogy and as its name implies the connec-
tor is rated for an immersion depth of
greater than 20 meters of water.
Specifications
Contact Type
Cable plug and free receptacle crimp, jam nut receptacle PCB
Contacts
Cable plug and free receptacle micro twist pin, receptacle micro socket
Wire Size
24 - 32 AWG
Contact Rating
3 Amps
Voltage Rating
50 Vdc
Insulation Resistance
5,000 Mohm minimum
Dielectric Withstand Voltage
500 Volts
Operating Temperature
-40°C to +100°C
Contact Resistance
8 mOhm maximum
Vibration
20 g’s in accordance with MIL-STD-1344 Method 2005, Condition IV
Shock
50 g’s in accordance with MIL-STD-1344 Method 2004, Condition E
Durability
2,500 cycles (500 cycles Push Pull)
Shell Plating
RoHS compliant 500 hour salt spray resistant black zinc nickel or electroless nickel
Receptacle Mounting**
Tamper proof jam nut
Receptacle Sealing
Using a conductive ‘O’ ring, non-conductive ‘O’ rings are available
EMI Shielding
50db attenuation 100Mhz to 1000Mhz in terminated condition
Coupling
Snap on/Breakaway, bayonet & push pull
Coding
5 polarizing positions; N, A, B, C, and D
Coding Identification*
Individual colors with colored dot on both parts plus indication on the boot; N=blue, A=red, B=green,
C=grey and D=yellow
Boot
Cable dependant, either overmoulded or adhered
Sealing
IP68, >20m
Layouts
6 layouts, 7, 14, 19, 37, 40 & 55 contacts
Shell to Shell Resistance
<10 mOhm
Blind Mate
Yes
Cable
ITT standard or customer specified
Cable Earth Termination
360° cable braid termination to the shell
Snap on/Breakaway Forces
30N
Strain Relief
Designed to withstand a 10Kg pull off force minimum
Materials
Shells - Stainless Steel
Insulators - Polyester
Seals - Fluorosilicone rubber
Contacts - Copper alloy with gold over nickel plating


Similar Part No. - MKJBC-2-6-W

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MKJ ITT-MKJ Datasheet
4Mb / 31P
   MKJ Series Connectors
More results

Similar Description - MKJBC-2-6-W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM14ML1S18 ETC2-SM14ML1S18 Datasheet
393Kb / 8P
   Contact selector guide
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
Silicon Laboratories
SI5374B-A-GL SILABS-SI5374B-A-GL Datasheet
1Mb / 20P
   Timing Selector Guide
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
597-7701-507F DIALIGHT-597-7701-507F Datasheet
1Mb / 17P
   Surface Mount LED Selector Guide
logo
Microchip Technology
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
598-8070-102F DIALIGHT-598-8070-102F Datasheet
1Mb / 16P
   Surface Mount LED Selector Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com