Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65145PWP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65145PWP
Description  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65145PWP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65145PWP Datasheet HTML 2Page - Texas Instruments TPS65145PWP Datasheet HTML 3Page - Texas Instruments TPS65145PWP Datasheet HTML 4Page - Texas Instruments TPS65145PWP Datasheet HTML 5Page - Texas Instruments TPS65145PWP Datasheet HTML 6Page - Texas Instruments TPS65145PWP Datasheet HTML 7Page - Texas Instruments TPS65145PWP Datasheet HTML 8Page - Texas Instruments TPS65145PWP Datasheet HTML 9Page - Texas Instruments TPS65145PWP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
TPS65140, TPS65141
TPS65145
SLVS497E – SEPTEMBER 2003 – REVISED NOVEMBER 2012
www.ti.com
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NO.
NAME
NO. (RGE)
(PWP)
VIN
4
7
I
Input voltage pin of the device.
Enable pin of the device. This pin should be terminated and not be left floating. A logic
EN
24
3
I
high enables the device and a logic low shuts down the device.
Compensation pin for the main boost converter. A small capacitor is connected to this
COMP
22
1
pin.
Open drain output indicating when all outputs VO1, VO2, VO3 are within 10% of their
PG
10
13
O
nominal output voltage. The output goes low when one of the outputs falls below 10%
of their nominal output voltage.
Enable pin of the linear regulator controller. This pin should be terminated and not be
ENR
23
2
I
left floating. Logic high enables the regulator and a logic low puts the regulator in
shutdown.
C1+
16
19
Positive terminal of the charge pump flying capacitor
C1-
17
20
Negative terminal of the charge pump flying capacitor
DRV
18
21
O
External charge pump driver
FB2
21
24
I
Feedback pin of negative charge pump
REF
20
23
O
Internal reference output typically 1.23 V
Feedback pin of the linear regulator controller. The linear regulator controller is set to a
FB4
2
5
I
fixed output voltage of 3.3 V or 3 V depending on the version.
BASE
3
6
O
Base drive output for the external transistor
GND
11, 19
14, 22
Ground
PGND
7, 8
10, 11
Power ground
FB3
12
15
I
Feedback pin of positive charge pump
OUT3
13
16
O
Positive charge pump output
Negative terminal of the charge pump flying capacitor and charge pump MODE pin. If
the flying capacitor is connected to this pin, the converter operates in a voltage tripler
C2-/MODE
15
18
mode. If the charge pump needs to operate in a voltage doubler mode, the flying
capacitor is removed and the C2-/MODE pin needs to be connected to GND.
Positive terminal for the charge pump flying capacitor. If the device runs in voltage
C2+
14
17
doubler mode, this pin needs to be left open.
Supply pin of the positive, negative charge pump, boost converter, and gate drive
circuit. This pin needs to be connected to the output of the main boost converter and
SUP
9
12
I
cannot be connected to any other voltage source. For performance reasons, it is not
recommended for a bypass capacitor to be connected directly to this pin.
FB1
1
4
I
Feedback pin of the boost converter
SW
5, 6
8, 9
I
Switch pin of the boost converter
PowerPAD
The PowerPAD or exposed thermal die needs to be connected to power ground pins
™ /Thermal
(PGND)
Die
6
Submit Documentation Feedback
Copyright © 2003–2012, Texas Instruments Incorporated
Product Folder Links: TPS65140 TPS65141 TPS65145


Similar Part No. - TPS65145PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65145PWP TI-TPS65145PWP Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65145PWP TI-TPS65145PWP Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65145PWP TI-TPS65145PWP Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65145PWPG4 TI-TPS65145PWPG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65145PWPR TI-TPS65145PWPR Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
More results

Similar Description - TPS65145PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65145 TI-TPS65145 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1_16 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65141PWPR TI-TPS65141PWPR Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
TPS65100 TI-TPS65100_07 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
logo
Analog Intergrations Co...
AIC1533 AIC-AIC1533 Datasheet
397Kb / 17P
   Triple-Output LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com