Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65140PWPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65140PWPR
Description  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65140PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65140PWPR Datasheet HTML 3Page - Texas Instruments TPS65140PWPR Datasheet HTML 4Page - Texas Instruments TPS65140PWPR Datasheet HTML 5Page - Texas Instruments TPS65140PWPR Datasheet HTML 6Page - Texas Instruments TPS65140PWPR Datasheet HTML 7Page - Texas Instruments TPS65140PWPR Datasheet HTML 8Page - Texas Instruments TPS65140PWPR Datasheet HTML 9Page - Texas Instruments TPS65140PWPR Datasheet HTML 10Page - Texas Instruments TPS65140PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
1.6-MHz
Oscillator
D
S
VFB
1.146 V
Comparator
VFB
1.146 V
D
S
D
S
Vref
1.213 V
Vin
~1 V
D
S
SUP
SUP
D
S
D
S
SUP
C1−
C1+
Vo3
C2+
C2−
D
S
Vref
1.214 V
Soft Start
Vref
1.213 V
SUP
ENR
BASE
FB4
REF
FB2
DRV
COMP
FB1
VIN
SW
SW
FB3
PG
GND
GND
PGND
PGND
Q1
Q3
Q4
Q5
Q6
Q7
D
S
D
S
Q8
Q9
Q10
SUP
EN
Linear
Regulator
Controller
Reference
Output
Negative
Charge Pump
Positive
Charge Pump
Main boost
converter
Vref
0 V
Current
Control
D1
D4
D2
D3
FB1
FB2
FB3
D
S
Q2
SUP
Vref
1.213 V
FB1
FB2
FB3
System Power
Good
Bias Vref = 1.213 V
Thermal Shutdown
Start−Up Sequencing
Undervoltage Detection
Overvoltage Detection
Short Circuit Protection
Current Limit
and
Soft Start
Control Logic
Gate Drive Circuit
Gain Select
(Doubler or
Tripler Mode)
Current
Control
Soft Start
Logic and
1-
µs Glitch
Filter
D
S
Short Circuit
Detect
Soft Start
Iref = 20 mA
GM Amplifier
Low Gain
SUP
(VO)
Sawtooth
Generator
TPS65140, TPS65141
TPS65145
www.ti.com
SLVS497E – SEPTEMBER 2003 – REVISED NOVEMBER 2012
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2003–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS65140 TPS65141 TPS65145


Similar Part No. - TPS65140PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65140PWPR TI-TPS65140PWPR Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140PWPR TI-TPS65140PWPR Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140PWPRG4 TI-TPS65140PWPRG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
More results

Similar Description - TPS65140PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65145 TI-TPS65145 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1_16 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65141PWPR TI-TPS65141PWPR Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
TPS65100 TI-TPS65100_07 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
logo
Analog Intergrations Co...
AIC1533 AIC-AIC1533 Datasheet
397Kb / 17P
   Triple-Output LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com