Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54355PWP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54355PWP
Description  4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54355PWP Datasheet(HTML) 5 Page - Texas Instruments

  TPS54355PWP Datasheet HTML 1Page - Texas Instruments TPS54355PWP Datasheet HTML 2Page - Texas Instruments TPS54355PWP Datasheet HTML 3Page - Texas Instruments TPS54355PWP Datasheet HTML 4Page - Texas Instruments TPS54355PWP Datasheet HTML 5Page - Texas Instruments TPS54355PWP Datasheet HTML 6Page - Texas Instruments TPS54355PWP Datasheet HTML 7Page - Texas Instruments TPS54355PWP Datasheet HTML 8Page - Texas Instruments TPS54355PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
TPS54352,TPS54353
TPS54354,TPS54355
TPS54356,TPS54357
SLVS519A − MAY 2004 − REVISED OCTOBER 2004
www.ti.com
5
ELECTRICAL CHARACTERISTICS (CONTINUED)
TJ = –40°C to 125°C, VIN = 4.5 V to 20 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FALLING EDGE TRIGGERED BIDIRECTIONAL SYNC SYSTEM (SYNC PIN)
SYNC out low-to-high rise time (10%/90%) (1)
25 pF to ground
200
500
ns
SYNC out high-to-low fall time (90%/10%) (1)
25 pF to ground
5
10
ns
Falling edge delay time (1)
Delay from rising edge to rising edge of PH
pins, see Figure 19
180
°
Minimum input pulse width (1)
RT = 100 k
100
ns
Delay (falling edge SYNC to rising edge PH) (1)
RT = 100 k
360
ns
SYNC out high level voltage
50-k
Ω Resistor to ground, no pullup resistor
2.5
V
SYNC out low level voltage
0.6
V
SYNC in low level threshold
0.8
V
SYNC in high level threshold
2.3
V
SYNC in frequency range (1)
Percentage of programmed frequency
−10%
10%
SYNC in frequency range (1)
225
770
kHz
FEED− FORWARD MODULATOR (INTERNAL SIGNAL)
Modulator gain
VIN = 12 V, TJ = 25°C
8
V/V
Modulator gain variation
−25%
25%
Minimum controllable ON time (1)
180
ns
Maximum duty factor (1)
VIN = 4.5 V
80%
86%
VSENSE PIN
Input bias current, VSENSE pin
1
µA
ENABLE (ENA PIN)
Disable low level input voltage
0.5
V
TPS54352
fs = 250 kHz, RT = ground (1)
3.20
TPS54352
fs = 500 kHz, RT = Hi−Z (1)
1.60
TPS54353
fs = 250 kHz, RT = ground (1)
4.00
TPS54353
fs = 500 kHz, RT = Hi−Z (1)
2.00
TPS54354
fs = 250 kHz, RT = ground (1)
4.60
Internal slow-start time
TPS54354
fs = 500 kHz, RT = Hi−Z (1)
2.30
ms
Internal slow-start time
(10% to 90%)
TPS54355
fs = 250 kHz, RT = ground (1)
4.40
ms
(10% to 90%)
TPS54355
fs = 500 kHz, RT = Hi−Z (1)
2.20
TPS54356
fs = 250 kHz, RT = ground (1)
5.90
TPS54356
fs = 500 kHz, RT = Hi−Z (1)
2.90
TPS54357
fs = 250 kHz, RT = ground (1)
5.40
TPS54357
fs = 500 kHz, RT = Hi−Z (1)
2.70
Pullup current source
1.8
5
10
µA
Pulldown MOSFET
II(ENA)= 1 mA
0.1
V
POWER GOOD (PWRGD PIN)
Power good threshold
Rising voltage
97%
Rising edge delay (1)
fs = 250 kHz
4
ms
Rising edge delay (1)
fs = 500 kHz
2
ms
Output saturation voltage
Isink = 1 mA, VIN > 4.5 V
0.05
V
PWRGD
Output saturation voltage
Isink = 100 µA, VIN = 0 V
0.76
V
PWRGD
Open drain leakage current
Voltage on PWRGD = 6 V
3
µA
(1) Ensured by design, not production tested.


Similar Part No. - TPS54355PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54355PWP TI-TPS54355PWP Datasheet
541Kb / 28P
[Old version datasheet]   4.5V TO 20 V INPUT 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET
TPS54355PWP TI1-TPS54355PWP Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54355PWPG4 TI1-TPS54355PWPG4 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54355PWPR TI1-TPS54355PWPR Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
More results

Similar Description - TPS54355PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54352-EP TI1-TPS54352-EP Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHES
TPS54350 TI1-TPS54350_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54352 TI1-TPS54352_16 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54350-EP TI-TPS54350-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350PWPR TI-TPS54350PWPR Datasheet
876Kb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRANTED FET(SWIFT)
TPS54350-EP TI1-TPS54350-EP Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350 TI-TPS54350 Datasheet
437Kb / 27P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET(SWIFT)
TPS54350 TI-TPS54350_15 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTERATED FET (SWIFT)
TPS54550 TI-TPS54550 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT)
TPS54550 TI-TPS54550_15 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com