Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65140PWPG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS65140PWPG4
Description  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65140PWPG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65140PWPG4 Datasheet HTML 5Page - Texas Instruments TPS65140PWPG4 Datasheet HTML 6Page - Texas Instruments TPS65140PWPG4 Datasheet HTML 7Page - Texas Instruments TPS65140PWPG4 Datasheet HTML 8Page - Texas Instruments TPS65140PWPG4 Datasheet HTML 9Page - Texas Instruments TPS65140PWPG4 Datasheet HTML 10Page - Texas Instruments TPS65140PWPG4 Datasheet HTML 11Page - Texas Instruments TPS65140PWPG4 Datasheet HTML 12Page - Texas Instruments TPS65140PWPG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
VSW
10 V/div
VO
50 mV/div
VI = 3.3 V
VO = 10 V/10 mA
IL
500 mA/div
250 ns/div
Vo1
100 mV/div
VI = 3.3 V
Vo1 = 10 V, CO= 2*22 µF
IO
50 mA to 250 mA
100
µs/div
Vo1
200 mV/div
VI = 3.3 V
Vo1 = 10 V, CO= 22 µF
IO
50 mA to 250 mA
100
µs/div
1.3
1.4
1.5
1.6
1.7
1.8
1.9
−40
−20
0
20
40
60
80
100
TA − Free-Air Temperature − °C
VI = 2.7 V
VI = 3.3 V
VI = 5.8 V
100
150
200
250
300
350
−40
−20
0
20
40
60
80
100
TA − Free-Air Temperature − °C
Vo1 = 5 V
Vo1 = 15 V
Vo1 = 10 V
VSW
10 V/div
VO
50 mV/div
VI = 3.3 V
VO = 10 V/300 mA
IL
1 A/div
250 ns/div
10
20
30
40
50
60
70
80
90
100
1
10
100
1 k
IL − Load Current − mA
Vo1 = 15 V
Vo1 = 10 V
VI = 5 V
Vo2, Vo3 = No Load, Switching
70
75
80
85
90
95
100
2.5
3
3.5
4
4.5
5
5.5
6
Vo1=6V
Vo1=15V
Vo1=10V
ILoadatVo1=100mA
Vo2,Vo3=NoLoad,Switching
VI -InputV oltage-V
10
20
30
40
50
60
70
80
90
100
1
10
100
1 k
Vo1 = 6 V
IL − Load Current − mA
Vo1 = 15 V
Vo1 = 10 V
VI = 3.3 V
Vo2, Vo3 = No Load, Switching
TPS65140, TPS65141
TPS65145
www.ti.com
SLVS497E – SEPTEMBER 2003 – REVISED NOVEMBER 2012
TYPICAL CHARACTERISTICS
EFFICIENCY
EFFICIENCY
EFFICIENCY
vs
vs
vs
LOAD CURRENT
LOAD CURRENT
INPUT VOLTAGE
Figure 1.
Figure 2.
Figure 3.
SWITCHING FREQUENCY
rDS(on) N-CHANNEL MAIN SWITCH
vs
vs
PWM OPERATION CONTINUOUS
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
MODE
Figure 4.
Figure 5.
Figure 6.
PWM OPERATION AT LIGHT LOAD
LOAD TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
Figure 7.
Figure 8.
Figure 9.
Copyright © 2003–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS65140 TPS65141 TPS65145


Similar Part No. - TPS65140PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65140PWPG4 TI-TPS65140PWPG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
More results

Similar Description - TPS65140PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65145 TI-TPS65145 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1_16 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65141PWPR TI-TPS65141PWPR Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
TPS65100 TI-TPS65100_07 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
logo
Analog Intergrations Co...
AIC1533 AIC-AIC1533 Datasheet
397Kb / 17P
   Triple-Output LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com