Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3123J18DBVRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS3123J18DBVRG4
Description  ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3123J18DBVRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS3123J18DBVRG4 Datasheet HTML 1Page - Texas Instruments TPS3123J18DBVRG4 Datasheet HTML 2Page - Texas Instruments TPS3123J18DBVRG4 Datasheet HTML 3Page - Texas Instruments TPS3123J18DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS3123J18DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS3123J18DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS3123J18DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS3123J18DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS3123J18DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
VDD
VIT
<0.85 V
MR
WDI
RESET
td
td
td
td
td
ttout
ttout
ttout
Output Undefined
*
*
*
*
*
* = WDI Disabled
t
t
t
t
A
B
C
D
E
F
G
H
J
(TPS3123)
TPS3123-xx
TPS3124-xx, TPS3125-xx
TPS3126-xx, TPS3128-xx
www.ti.com
SLVS227E
– AUGUST 1999 – REVISED AUGUST 2011
Figure 4. TIMING DIAGRAM TPS3123/4//8
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
UNIT
Manual reset, MR
–0.3 V to VDD + 0.6 V
RESET
–0.3 V to VDD + 0.6 V
VDD
Supply voltage
3.6 V
WDI
Watchdog input
–0.3 V to VDD + 0.6 V
IOL
Maximum low output current
5 mA
IOH
Maximum high output current
–5 mA
IIK
Input clamp current (VI < 0 or VI > VDD)
±10 mA
IOK
Output clamp current (VO < 0 or VO > VDD)
±10 mA
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range,
–40°C to +85°C
Tstg
Storage temperature range,
–65°C to +150°C
Soldering temperature
+260
°C
Open drain RESET outputs
–0.3 V to VDD + 0.3 V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
TA ≤ +25°C
DERATING FACTOR
TA = +70°C
TA = +85°C
PACKAGE
POWER RATING
ABOVE TA = +25°C
POWER RATING
POWER RATING
DBV
437 mW
3.5 mW/
°C
280 mW
227 mW
Copyright
© 1999–2011, Texas Instruments Incorporated
5


Similar Part No. - TPS3123J18DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3123J18DBVR TI-TPS3123J18DBVR Datasheet
218Kb / 12P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123J18DBVR TI1-TPS3123J18DBVR Datasheet
813Kb / 21P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
More results

Similar Description - TPS3123J18DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3123-XX TI-TPS3123-XX_08 Datasheet
409Kb / 19P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI-TPS3123-XX Datasheet
218Kb / 12P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI1-TPS3123-XX_16 Datasheet
813Kb / 21P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123J12 TI-TPS3123J12 Datasheet
229Kb / 13P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com