Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54260DRCR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54260DRCR
Description  3.5V to 60V INPUT, 2.5A, STEP DOWN CONVERTER WITH ECO-MODE
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54260DRCR Datasheet(HTML) 4 Page - Texas Instruments

  TPS54260DRCR Datasheet HTML 1Page - Texas Instruments TPS54260DRCR Datasheet HTML 2Page - Texas Instruments TPS54260DRCR Datasheet HTML 3Page - Texas Instruments TPS54260DRCR Datasheet HTML 4Page - Texas Instruments TPS54260DRCR Datasheet HTML 5Page - Texas Instruments TPS54260DRCR Datasheet HTML 6Page - Texas Instruments TPS54260DRCR Datasheet HTML 7Page - Texas Instruments TPS54260DRCR Datasheet HTML 8Page - Texas Instruments TPS54260DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
TPS54260
SLVSA86A – MARCH 2010 – REVISED DECEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TJ = –40°C to 150°C, VIN = 3.5 to 60V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TIMING RESISTOR AND EXTERNAL CLOCK (RT/CLK PIN)
Switching frequency range using RT mode
100
2500
kHz
fSW
Switching frequency
RT = 200 kΩ
450
581
720
kHz
Switching frequency range using CLK mode
300
2200
kHz
Minimum CLK input pulse width
40
ns
RT/CLK high threshold
1.9
2.2
V
RT/CLK low threshold
0.5
0.7
V
RT/CLK falling edge to PH rising edge delay
Measured at 500 kHz with RT resistor in series
60
ns
PLL lock in time
Measured at 500 kHz
100
ms
SLOW START AND TRACKING (SS/TR)
Charge current
VSS/TR = 0.4 V
2
mA
SS/TR-to-VSENSE matching
VSS/TR = 0.4 V
45
mV
SS/TR-to-reference crossover
98% nominal
1.15
V
SS/TR discharge current (overload)
VSENSE = 0 V, V(SS/TR) = 0.4 V
382
mA
SS/TR discharge voltage
VSENSE = 0 V
54
mV
POWER GOOD (PWRGD PIN)
VSENSE falling
92%
VSENSE rising
94%
VVSENSE
VSENSE threshold
VSENSE rising
109%
VSENSE falling
107%
Hysteresis
VSENSE falling
2%
Output high leakage
VSENSE = VREF, V(PWRGD) = 5.5 V, 25°C
10
nA
On resistance
I(PWRGD) = 3 mA, VSENSE < 0.79 V
50
Minimum VIN for defined output
V(PWRGD) < 0.5 V, II(PWRGD) = 100 mA
0.95
1.5
V
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS54260


Similar Part No. - TPS54260DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54260DGQ TI-TPS54260DGQ Datasheet
1Mb / 45P
[Old version datasheet]   3.5V to 60V INPUT, 2.5A, STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260DGQ TI-TPS54260DGQ Datasheet
1Mb / 47P
[Old version datasheet]   3.5V to 60V INPUT, 2.5A, STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260DGQ TI-TPS54260DGQ Datasheet
1Mb / 49P
[Old version datasheet]   3.5V to 60V INPUT, 2.5A, STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260DGQR TI-TPS54260DGQR Datasheet
1Mb / 45P
[Old version datasheet]   3.5V to 60V INPUT, 2.5A, STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260DGQR TI-TPS54260DGQR Datasheet
1Mb / 47P
[Old version datasheet]   3.5V to 60V INPUT, 2.5A, STEP DOWN CONVERTER WITH ECO-MODE?
More results

Similar Description - TPS54260DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54260 TI-TPS54260_2 Datasheet
1Mb / 49P
[Old version datasheet]   3.5V to 60V INPUT, 2.5A, STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260 TI-TPS54260 Datasheet
1Mb / 45P
[Old version datasheet]   3.5V to 60V INPUT, 2.5A, STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260 TI-TPS54260_1 Datasheet
1Mb / 47P
[Old version datasheet]   3.5V to 60V INPUT, 2.5A, STEP DOWN CONVERTER WITH ECO-MODE?
TPS54240 TI1-TPS54240_14 Datasheet
1Mb / 54P
[Old version datasheet]   3.5V to 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54240-Q1 TI1-TPS54240-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   3.5V to 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54240 TI-TPS54240 Datasheet
1Mb / 44P
[Old version datasheet]   3.5V to 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060A TI-TPS54060A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5A, 60V Step Down DC/DC Converter with Eco-mode?
TPS54060 TI-TPS54060 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060 TI-TPS54060_10 Datasheet
2Mb / 49P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060A TI1-TPS54060A Datasheet
2Mb / 50P
[Old version datasheet]   0.5A, 60V Step Down SWIFT??DC/DC Converter with ECO-MODE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com