Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2831D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2831D
Description  FAST SYNCHRONOUS-BUCK MOSFET DRIVERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2831D Datasheet(HTML) 4 Page - Texas Instruments

  TPS2831D Datasheet HTML 1Page - Texas Instruments TPS2831D Datasheet HTML 2Page - Texas Instruments TPS2831D Datasheet HTML 3Page - Texas Instruments TPS2831D Datasheet HTML 4Page - Texas Instruments TPS2831D Datasheet HTML 5Page - Texas Instruments TPS2831D Datasheet HTML 6Page - Texas Instruments TPS2831D Datasheet HTML 7Page - Texas Instruments TPS2831D Datasheet HTML 8Page - Texas Instruments TPS2831D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TPS2830, TPS2831
FAST SYNCHRONOUSBUCK MOSFET DRIVERS
WITH DEADTIME CONTROL
SLVS196C − JANUARY1999 − REVISED JANUARY 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
SYNC
The SYNC terminal controls whether the drivers operate in synchronous or nonsynchronous mode. In
synchronous mode, the low-side FET is operated as a synchronous rectifier. In nonsynchronous mode, the
low-side FET is always off.
CROWBAR
The CROWBAR terminal overrides the normal operation of the driver. When the CROWBAR terminal is low,
the low-side FET turns on to act as a clamp, protecting the output voltage of the dc/dc converter against over
voltages due to a short across the high-side FET. VIN should be fused to protect the low-side FET.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
−0.3 V to 16 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range: BOOT to PGND (high-side driver ON)
−0.3 V to 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
BOOTLO to PGND
−0.3 V to 16 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
BOOT to BOOTLO
−0.3 V to 16 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ENABLE, SYNC, and CROWBAR (see Note 2)
−0.3 V to 16 V
. . . . . . . . . . . . . . . . . . . . .
IN (see Note 2)
−0.3 V to 16 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DT (see Note 2)
−0.3 V to 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Unless otherwise specified, all voltages are with respect to PGND.
2. High-level input voltages on the ENABLE, SYNC, CROWBAR, IN, and DT terminals must be greater than or equal to 0.7VCC.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PWP with solder§
2668
26.68 mW/
°C
1467
1067
PWP without solder§
1024
10.24 mW/
°C
563
409
D
749
7.49 mW/
°C
412
300
JUNCTION-CASE THERMAL RESISTANCE TABLE
PWP
Junction-case thermal resistance
2.07
°C/W
§ Test Board Conditions:
1. Thickness: 0.062
I
2. 3
I × 3I (for packages <27 mm long)
3. 4
I × 4I (for packages >27 mm long)
4. 2 oz copper traces located on the top of the board (0.071 mm thick)
5. Copper areas located on the top and bottom of the PCB for soldering
6. Power and ground planes, 1 oz copper (0.036 mm thick)
7. Thermal vias, 0.33 mm diameter, 1.5 mm pitch
8. Thermal isolation of power plane
For more information, refer to TI technical brief, literature number SLMA002.
†High-level input voltages on ENABLE, SYNC, CROWBAR, IN, and DT must be greater than or equal to 0.7VCC.


Similar Part No. - TPS2831D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2831D TI-TPS2831D Datasheet
198Kb / 15P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
More results

Similar Description - TPS2831D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81166 ONSEMI-NCP81166 Datasheet
80Kb / 9P
   Synchronous Buck MOSFET Drivers
January, 2015 ??Rev. 2
NCP81063 ONSEMI-NCP81063 Datasheet
88Kb / 8P
   Synchronous Buck MOSFET Drivers
June, 2016 ??Rev. P1
NCP5269A ONSEMI-NCP5269A Datasheet
186Kb / 11P
   Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. P1
logo
Texas Instruments
TPS2830 TI-TPS2830 Datasheet
198Kb / 15P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
logo
Richtek Technology Corp...
RT9603 RICHTEK-RT9603 Datasheet
116Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
RT9603 RICHTEK-RT9603_07 Datasheet
128Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601_04 Datasheet
234Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6625A RENESAS-ISL6625A Datasheet
587Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
logo
ON Semiconductor
NCP5901 ONSEMI-NCP5901 Datasheet
140Kb / 9P
   Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP81062 ONSEMI-NCP81062 Datasheet
88Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
July, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com