Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40000 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40000
Description  LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40000 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS40000 Datasheet HTML 4Page - Texas Instruments TPS40000 Datasheet HTML 5Page - Texas Instruments TPS40000 Datasheet HTML 6Page - Texas Instruments TPS40000 Datasheet HTML 7Page - Texas Instruments TPS40000 Datasheet HTML 8Page - Texas Instruments TPS40000 Datasheet HTML 9Page - Texas Instruments TPS40000 Datasheet HTML 10Page - Texas Instruments TPS40000 Datasheet HTML 11Page - Texas Instruments TPS40000 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TPS40000, TPS40001
TPS40002, TPS40003
TPS40004, TPS40005
SLUS507D − JANUARY 2002 − REVISED NOVEMBER 2005
8
www.ti.com
APPLICATION INFORMATION
The TPS4000x series of synchronous buck controller devices is optimized for high-efficiency dc-to-dc
conversion in non-isolated distributed power systems. A typical application circuit is shown in Figure 1.
The TPS40004 and TPS40005 are the controllers of choice for most general purpose synchronous buck
designs. Each operates in two quadrant mode (i.e. source or sink current) full time. This choice provides the
best performance for output voltage load transient response over the widest load current range.
The TPS40001 and TPS40003 add an additional feature: They operate in single quadrant mode (i.e. source
current only) during converter startup, and then when the converter has reached the regulation point, the
controllers change to operate in two quadrant mode. This is useful for applications that have outputs pre-biased
at some voltage before the controller is enabled. When the TPS40001 or TPS40003 is enabled, it does not sink
current during startup and therefore does not pull current from the pre-biased voltage supply.
The TPS40000 and TPS40002 operate in single quadrant mode (source current only) full time, allowing the
paralleling of converters. Single quadrant operation ensures one converter does pull current from a paralleled
converter. A converter using one of these controllers emulates a non-synchronous buck converter at light loads.
When current in the output inductor attempts to reverse, an internal zero-current detection circuit turns OFF the
synchronous rectifier and causes the current flow in the inductor to become discontinuous. At average load
currents greater than the peak amplitude of the inductor ripple current, the converter returns to operation as a
synchronous buck converter to maximize efficiency.
UDG−02013
10
µF
20 k
W
100
µF
7.68 k
470
µF 10 µF 15.7 kΩ
243
10 k
VOUT 1.8 V
10 A
1.0
µH
Si4836DY
IHLP5050CE−01
Si4836DY
5
8
7
10
9
1
2
3
ILIM
FB
COMP
GND
HDRV
SW
VDD
LDRV
3.6 nF
4
4.7 nF
SS/SD
6
BOOT
100 pF
TPS40001
100 nF
3.3 nF
3.3
VDD
3.0 V to 5.5 V
Figure 1. Typical Application Circuit


Similar Part No. - TPS40000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40000 TI-TPS40000 Datasheet
292Kb / 20P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000 TI1-TPS40000 Datasheet
839Kb / 24P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYN CHRONOUS BUCK CONTROLLER
TPS40000DGQ TI-TPS40000DGQ Datasheet
292Kb / 20P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000DGQ TI1-TPS40000DGQ Datasheet
839Kb / 24P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYN CHRONOUS BUCK CONTROLLER
TPS40000DGQG4 TI1-TPS40000DGQG4 Datasheet
839Kb / 24P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYN CHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40000 TI-TPS40000_15 Datasheet
983Kb / 27P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000 TI-TPS40000 Datasheet
292Kb / 20P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_16 Datasheet
1Mb / 33P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020 TI1-TPS40020_16 Datasheet
938Kb / 34P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_17 Datasheet
1Mb / 39P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020 TI-TPS40020 Datasheet
411Kb / 32P
[Old version datasheet]   ENHANCED LOW INPUT VOLTAGE MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI-TPS40021-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com