Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2541A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2541A
Description  USB Charging Port Power Switch and Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2541A Datasheet(HTML) 5 Page - Texas Instruments

  TPS2541A Datasheet HTML 1Page - Texas Instruments TPS2541A Datasheet HTML 2Page - Texas Instruments TPS2541A Datasheet HTML 3Page - Texas Instruments TPS2541A Datasheet HTML 4Page - Texas Instruments TPS2541A Datasheet HTML 5Page - Texas Instruments TPS2541A Datasheet HTML 6Page - Texas Instruments TPS2541A Datasheet HTML 7Page - Texas Instruments TPS2541A Datasheet HTML 8Page - Texas Instruments TPS2541A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
TPS2540, TPS2540A
TPS2541, TPS2541A
www.ti.com
SLVSAG2C
– OCTOBER 2010 – REVISED OCTOBER 2011
ELECTRICAL CHARACTERISTICS
Conditions are -40
≤ TJ ≤ 125°C unless otherwise noted. VEN (if TPS2540 or TPS2540A) = VDSC (if TPS2541 or TPS2541A) =
VIN = 5 V, RFAULT = 10 kΩ, RILIM0 = 210 kΩ, RILIM1 = 20 kΩ, ILIM_SEL = 0 V, CTL1 = CTL2 = GND, CTL3 = VIN (TPS2540/40A) or
CTL3 = GND (TPS2541/41A), unless otherwise noted. Positive currents are into pins. Typical values are at 25
°C. All voltages
are with respect to GND unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Switch
IOUT = 2 A, VILIM_SEL = Logic HI
73
120
IOUT = 100 mA, VILIM_SEL = Logic LO
73
120
Static drain-source
RDS(on)
m
Ω
on-state resistance
-40
°C ≤ TA = TJ ≤ 85°C, IOUT = 2 A, VILIM_SEL = Logic HI
73
105
TA = TJ = 25°C, IOUT = 2 A, VILIM_SEL = Logic HI
73
84
tr
Rise time, output
CL = 1 µF, RL = 100 Ω, (see Figure 27, Figure 28)
1
1.5
ms
tf
Fall time, output
CL = 1 µF, RL = 100 Ω, (see Figure 27, Figure 28)
0.2
0.5
OUT discharge
RDIS
400
500
630
Ω
resistance
IREV
Reverse leakage current
VOUT = 5.5 V, VIN = VEN = 0 V , TJ = 25°C
0
1
µA
Enable Input EN (TPS2540/40A), Output Discharge Input DSC (TPS2541/41A)
Enable pin turn on/off
VEN
0.9
1.1
1.65
V
threshold, falling
VEN_HYS
EN Hysteresis
200
mV
IEN
Input current
VEN = 0 V or 5.5 V
-0.5
0.5
µA
DSC pin turn on/off
VDSC
0.9
1.1
1.65
V
threshold, falling
VDSC_HYS
DSC Hysteresis
200
mV
IDSC
Input current
VDSC = 0 V or 5.5 V
-0.5
0.5
µA
tON
Turn-on time
CL = 1 µF, RL = 100 Ω(see Figure 27, Figure 29)
3.4
5
ms
tOFF
Turn-off time
CL = 1 µF, RL = 100 Ω(see Figure 27, Figure 29)
1.7
3
Current Limit
ILIM_SEL turn on/off
VILIM_SEL
0.9
1.1
1.65
V
threshold, falling
VILIM_HYS
ILIM_SEL Hysteresis
200
mV
ILIM_SEL input current
VILIM_SEL = 0 V or 5.5 V
-0.5
0.5
µA
RILIM0 = 210 kΩ
185
230
265
VILIM_SEL = Logic LO
RILIM0 = 100 kΩ
420
480
530
RILIM1 = 20 kΩ
2150
2430
2650
Maximum DC output
ISHORT
VILIM_SEL = Logic HI
mA
current from IN to OUT
RILIM1 = 16.9 kΩ
2550
2840
3100
RILIM0 = 698 kΩ
VILIM_SEL = Logic LO
25
55
85
-40
≤ TJ ≤ 85°C
Response time to
tIOS
VIN = 5.0 V (see Figure 30)
1.5
µs
short-circuit
Supply Current
Supply current, switch
ICCL
VEN = VDSC = 0 V, OUT grounded, -40 ≤ TJ ≤ 85°C
0.1
2
disabled
VILIM_SEL = Logic
150
185
µA
HI
ICCH
Supply current, operating
VEN = VDSC = VIN,
VILIM_SEL = Logic
130
170
LOW
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS2540, TPS2540A TPS2541, TPS2541A


Similar Part No. - TPS2541A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2541 TI-TPS2541 Datasheet
1,021Kb / 37P
[Old version datasheet]   USB Charging Port Power Switch and Controller
More results

Similar Description - TPS2541A

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLGC55545 DIALOG-SLGC55545 Datasheet
373Kb / 20P
   USB Charging Port Power Switch and Controller
logo
Anpec Electronics Corop...
APL3524 ANPEC-APL3524 Datasheet
354Kb / 29P
   USB Charging Port Power Switch and Controller
logo
Renesas Technology Corp
SLGC55544CV RENESAS-SLGC55544CV Datasheet
590Kb / 20P
   USB Charging Port Power Switch and Controller
8-Feb-2022
SLGC55545V RENESAS-SLGC55545V Datasheet
605Kb / 19P
   USB Charging Port Power Switch and Controller
8-Feb-2022
logo
Texas Instruments
TPS2544RTER TI-TPS2544RTER Datasheet
1Mb / 33P
[Old version datasheet]   USB Charging Port Controller and Power Switch
TPS2540 TI-TPS2540 Datasheet
1,021Kb / 37P
[Old version datasheet]   USB Charging Port Power Switch and Controller
logo
Dialog Semiconductor
SLGC55544C DIALOG-SLGC55544C Datasheet
381Kb / 20P
   USB Charging Port Power Switch and Controller
logo
Renesas Technology Corp
SLG55544 RENESAS-SLG55544 Datasheet
514Kb / 20P
   USB Charging Port Power Switch and Controller
Revised February 8, 2022
SLG55546 RENESAS-SLG55546 Datasheet
566Kb / 20P
   USB Charging Port Power Switch and Controller
February 8, 2022
logo
Pericom Semiconductor C...
PI5USB2544 PERICOM-PI5USB2544 Datasheet
685Kb / 22P
   USB Charging Port Controller and Detection Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com