Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2540 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2540
Description  USB Charging Port Power Switch and Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2540 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2540 Datasheet HTML 6Page - Texas Instruments TPS2540 Datasheet HTML 7Page - Texas Instruments TPS2540 Datasheet HTML 8Page - Texas Instruments TPS2540 Datasheet HTML 9Page - Texas Instruments TPS2540 Datasheet HTML 10Page - Texas Instruments TPS2540 Datasheet HTML 11Page - Texas Instruments TPS2540 Datasheet HTML 12Page - Texas Instruments TPS2540 Datasheet HTML 13Page - Texas Instruments TPS2540 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
TPS2540, TPS2540A
TPS2541, TPS2541A
SLVSAG2C
– OCTOBER 2010 – REVISED OCTOBER 2011
www.ti.com
PIN DESCRIPTIONS
Pin Descriptions
NAME
PIN
I/O
DESCRIPTION
Power Switch
Input voltage; connect a 0.1-
µF or greater ceramic capacitor from IN to GND as close
IN
1
PWR
to the device as possible.
OUT
12
PWR
Power-switch output.
GND
14
PWR
Ground connection; should be connected externally to Power PAD.
Internally connected to GND; used to heat-sink the part to the circuit board traces.
POWERPAD
N/A
Connect to GND plane.
Current-Limit Threholds and Indication
External resistor used to set current-limit threshold when ILIM_SEL is LO;
ILIM0
16
I
recommended 16.9 k
Ω ≤ RILIM ≤ 750 kΩ;
External resistor used to set current-limit threshold when ILIM_SEL is HI;
ILIM1
15
I
recommended 16.9 k
Ω ≤ RILIM ≤ 750 kΩ;
Logic-level input signal used to dynamically change power switch current-limit
ILIM_SEL
4
I
threshold; logic LO selects ILIM0, logic HI selects ILIM1.
Active-low open-drain output, asserted during over-temperature or current limit
FAULT
13
O
conditions.
Input Logic Control Signals
Logic-level control input for turning the power switch and the signal switches on/off.
TPS2540/40A: When EN is low, the device is disabled, the signal and power
EN, DSC
5
I
switches are OFF.
TPS2541/41A: When DSC is low, the device is disabled, the signal and power
switches are OFF and the output (OUT) capacitor is discharged.
CTL1
6
I
Logic-level control inputs for controlling the charging mode and the signal switches.
The TPS2540/40A and TPS2541/41A use different control line truth tables. With the
CTL2
7
I
TPS2540/40A, the
“000” configuration is used to force a discharge of the output
CTL3
8
I
(OUT) capacitor.
D+/D- Data Line Signals
D- data line to connector, input/output used for hand-shaking with portable
DM_IN
11
I/O
equipment.
D+ data line to connector, input/output used for hand-shaking with portable
DP_IN
10
I/O
equipment.
DM_OUT
2
I/O
D- data line to USB host controller.
DP_OUT
3
I/O
D+ data line to USB host controller.
N/C
9
No connect pin. Can be grounded or left floating.
10
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS2540, TPS2540A TPS2541, TPS2541A


Similar Part No. - TPS2540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2540 TI-TPS2540 Datasheet
1,021Kb / 37P
[Old version datasheet]   USB Charging Port Power Switch and Controller
More results

Similar Description - TPS2540

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLGC55545 DIALOG-SLGC55545 Datasheet
373Kb / 20P
   USB Charging Port Power Switch and Controller
logo
Anpec Electronics Corop...
APL3524 ANPEC-APL3524 Datasheet
354Kb / 29P
   USB Charging Port Power Switch and Controller
logo
Renesas Technology Corp
SLGC55544CV RENESAS-SLGC55544CV Datasheet
590Kb / 20P
   USB Charging Port Power Switch and Controller
8-Feb-2022
SLGC55545V RENESAS-SLGC55545V Datasheet
605Kb / 19P
   USB Charging Port Power Switch and Controller
8-Feb-2022
logo
Texas Instruments
TPS2544RTER TI-TPS2544RTER Datasheet
1Mb / 33P
[Old version datasheet]   USB Charging Port Controller and Power Switch
TPS2540 TI-TPS2540 Datasheet
1,021Kb / 37P
[Old version datasheet]   USB Charging Port Power Switch and Controller
logo
Dialog Semiconductor
SLGC55544C DIALOG-SLGC55544C Datasheet
381Kb / 20P
   USB Charging Port Power Switch and Controller
logo
Renesas Technology Corp
SLG55544 RENESAS-SLG55544 Datasheet
514Kb / 20P
   USB Charging Port Power Switch and Controller
Revised February 8, 2022
SLG55546 RENESAS-SLG55546 Datasheet
566Kb / 20P
   USB Charging Port Power Switch and Controller
February 8, 2022
logo
Pericom Semiconductor C...
PI5USB2544 PERICOM-PI5USB2544 Datasheet
685Kb / 22P
   USB Charging Port Controller and Detection Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com