Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2540 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2540
Description  USB Charging Port Power Switch and Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2540 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2540 Datasheet HTML 3Page - Texas Instruments TPS2540 Datasheet HTML 4Page - Texas Instruments TPS2540 Datasheet HTML 5Page - Texas Instruments TPS2540 Datasheet HTML 6Page - Texas Instruments TPS2540 Datasheet HTML 7Page - Texas Instruments TPS2540 Datasheet HTML 8Page - Texas Instruments TPS2540 Datasheet HTML 9Page - Texas Instruments TPS2540 Datasheet HTML 10Page - Texas Instruments TPS2540 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
TPS2540, TPS2540A
TPS2541, TPS2541A
www.ti.com
SLVSAG2C
– OCTOBER 2010 – REVISED OCTOBER 2011
ELECTRICAL CHARACTERISTICS (continued)
Conditions are -40
≤ TJ ≤ 125°C unless otherwise noted. VEN (if TPS2540 or TPS2540A) = VDSC (if TPS2541 or TPS2541A) =
VIN = 5 V, RFAULT = 10 kΩ, RILIM0 = 210 kΩ, RILIM1 = 20 kΩ, ILIM_SEL = 0 V, CTL1 = CTL2 = GND, CTL3 = VIN (TPS2540/40A) or
CTL3 = GND (TPS2541/41A), unless otherwise noted. Positive currents are into pins. Typical values are at 25
°C. All voltages
are with respect to GND unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DCP Shorted Mode Charger Interface
DP_IN/DM_IN shorting
RDPM_short
CTLx configured for DCP BC1.2
125
200
Ω
resistance
Discharge resistance
RDCHG_PW
DM_IN and DP_IN to
CTLx configured for DCP BC1.2
2
3.2
6
M
Ω
GND
Divider Mode Charger Interface
VDP_AM
DP_IN output voltage
1.9
2
2.1
V
VDM_AM
DM_IN output voltage
2.57
2.7
2.84
CTLx configured for divider mode
ZOUT_DP
DP_IN output impedance
8
10
12.5
k
Ω
ZOUT_DM
DM_IN output impedance
8
10
12.5
CDP Interface
Voltage source on
VDM_SRC
VDP_IN = 0.6 V, CTLx configured for CDP
0.5
0.6
0.7
DM_IN for CDP detect
V
DP_IN rising voltage
VDAT_REF
threshold to activate
0.25
0.4
VDM_SRC
VDAT_REF hysteresis
50
mV
IDM_IN = - 250 µA, CTLx configured for CDP
DP_IN rising voltage
VLGC_SRC
threshold to deactivate
0.8
1
V
VDM_SRC
VLGC_SRC hysteresis
100
mV
IDP_SINK
DP_IN sink current
0.4 V
≤VDP_IN ≤ 0.8 V, CTLx configured for CDP operation
50
150
µA
Timings
DM_IN voltage source
From VDP_IN = 0 -> 0.6 V to VDM_IN = VDM_SRC , CTLx
tVDMSRC_EN
1
10
enable time, CDP mode
configured for CDP
DM_IN voltage source
From VDP_IN = 0.6 V -> 0 V to VDM_IN = 0 V, CTLx configured
tVDMSRC_DIS
10
disable time, CDP mode
for CDP
ms
Time for OUT to be
reapplied after VOUT falls
Any transition to and from CDP, or to and from SDP. Also
tVBUS_REAPP
200
500
below 0.7 V during
during Auto-detect to shorted mode.
discharge
Timing Requirements
Session valid (IN high) to
tSLVD_CON_P
TPS2540/TPS2541
1
VDP_SRC in DCP mode
s
When VBUS is high, (TPS2540, TPS2541)
0.9
Low DP_IN period in
tDCPLOW
DCP mode
When VBUS is high, (TPS2540A, TPS2541A)
9
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS2540, TPS2540A TPS2541, TPS2541A


Similar Part No. - TPS2540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2540 TI-TPS2540 Datasheet
1,021Kb / 37P
[Old version datasheet]   USB Charging Port Power Switch and Controller
More results

Similar Description - TPS2540

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLGC55545 DIALOG-SLGC55545 Datasheet
373Kb / 20P
   USB Charging Port Power Switch and Controller
logo
Anpec Electronics Corop...
APL3524 ANPEC-APL3524 Datasheet
354Kb / 29P
   USB Charging Port Power Switch and Controller
logo
Renesas Technology Corp
SLGC55544CV RENESAS-SLGC55544CV Datasheet
590Kb / 20P
   USB Charging Port Power Switch and Controller
8-Feb-2022
SLGC55545V RENESAS-SLGC55545V Datasheet
605Kb / 19P
   USB Charging Port Power Switch and Controller
8-Feb-2022
logo
Texas Instruments
TPS2544RTER TI-TPS2544RTER Datasheet
1Mb / 33P
[Old version datasheet]   USB Charging Port Controller and Power Switch
TPS2540 TI-TPS2540 Datasheet
1,021Kb / 37P
[Old version datasheet]   USB Charging Port Power Switch and Controller
logo
Dialog Semiconductor
SLGC55544C DIALOG-SLGC55544C Datasheet
381Kb / 20P
   USB Charging Port Power Switch and Controller
logo
Renesas Technology Corp
SLG55544 RENESAS-SLG55544 Datasheet
514Kb / 20P
   USB Charging Port Power Switch and Controller
Revised February 8, 2022
SLG55546 RENESAS-SLG55546 Datasheet
566Kb / 20P
   USB Charging Port Power Switch and Controller
February 8, 2022
logo
Pericom Semiconductor C...
PI5USB2544 PERICOM-PI5USB2544 Datasheet
685Kb / 22P
   USB Charging Port Controller and Detection Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com