Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK681024G Datasheet(PDF) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK681024G
Description  Static Random Access Memory
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK681024G Datasheet(HTML) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK681024G Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK681024G Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
The Accutek AK681024G is a high density SRAM memory module
organized in 1 Meg X 8 bit words. The assembly consists of four me-
dium speed 128K X 8 SRAMs in thin TSOP packages, plus a CMOS
decoder logic IC and four decoupling capacitor chips, mounted on
the front side and four medium speed 128K x 8 SRAMS in thin
TSOP packages and four decoupling capacitor chips mounted on
the back side of a low-profile printed circuit board. The module con-
figuration is a 36 pin leaded SIP.
The memory operates as a single asynchronous 1 Meg X 8 SRAM
from a 5V supply, and has common I/O, chip enable, output enable
and write enable functions. With the proper choice of SRAMs, it is
available in three separate low-standby-power configurations, with
access times of 55, 70, 85 or 100 nSEC.
The combination of low power, low profile and high density packag-
ing offered by the AK681024G makes it ideal for use in applications
where board space and available power are limited and extremely
low access times are not required. It is especially useful in VMEbus
designs and in places where very close module-to-module spacing
is dictated.
FEATURES
· 1,048,576 x 8 bit organization
· JEDEC Standard 36 pin SIP format
· Common I/O, single OE,CE and WE functions
· Low 0.550 inch maximum seated height and thin profile allow
maximum board density
· Range of access times from 55 to 100 nSEC
· Low, low-low and ultra-low standby power level versions avail-
able
· Single 5 volt power supply - AK681024G
· Single 3.3 volt power supply - AK681024G/3.3
· Operating free air temerature 0
0Cto700C (Industrial range
version of -10
0Cto850C also available)
· Completely static and asynchronous, no clock or timing strobe
required
·
Low
Low Low
9.0 Watt Max Active
9.0 Watt Max Active
120 µ Watt Max Standby
80 µ Watt Standby
ACCUTEK
MICROCIRCUIT CORPORATION
AK681024G
1,048,579 x 8 Bit CMOS
Static Random Access Memory
1
36
PIN NOMENCLATURE
DQ0 -DQ7
Data In/Data Out
A0 -A19
Address Inputs
CE
Chip Enable
WE
Write Enable
OE
Output Enable
Vcc
5v Supply
Vss
Ground
NC
No Connection
MODULE OPTIONS
Leaded SIP: AK681024G
PIN ASSIGNMENT
PIN #
SYMBOL
PIN #
SYMBOL
PIN #
SYMBOL
PIN #
SYMBOL
1NC
10
A4
19
CE
28
A7
2
Vcc
11
Vss
20
A15
29
A8
3WE
12
DQ5
21
A16
30
A9
4DQ2
13
A10
22
A12
31
DQ7
5DQ3
14
A11
23
A18
32
DQ4
6DQ0
15
A5
24
A6
33
DQ6
7A1
16
A13
25
DQ1
34
A17
8A2
17
A14
26
Vss
35
Vcc
9A3
18
A19
27
A0
36
OE
FUNCTIONAL DIAGRAM
128K x 8 SRAM
128K x 8 SRAM
128K x 8 SRAM
128K x 8 SRAM
128K x 8 SRAM
128K x 8 SRAM
128K x 8 SRAM
128K x 8 SRAM
DECODER


Similar Part No. - AK681024G

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK681024G ACCUTEK-AK681024G Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK681024G ACCUTEK-AK681024G Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK681024G ACCUTEK-AK681024G Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK681024G ACCUTEK-AK681024G Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK681024G ACCUTEK-AK681024G Datasheet
86Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK681024G

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK63264BZ ACCUTEK-AK63264BZ_09 Datasheet
78Kb / 2P
   Static Random Access Memory
AK632256BZ ACCUTEK-AK632256BZ_09 Datasheet
101Kb / 2P
   Static Random Access Memory
AK6321024W ACCUTEK-AK6321024W_09 Datasheet
148Kb / 2P
   Static Random Access Memory
AK63216Z ACCUTEK-AK63216Z_09 Datasheet
77Kb / 2P
   Static Random Access Memory
AK68512D ACCUTEK-AK68512D_09 Datasheet
185Kb / 2P
   Static Random Access Memory
AK682048D ACCUTEK-AK682048D_13 Datasheet
140Kb / 2P
   Static Random Access Memory
AK632128W ACCUTEK-AK632128W_09 Datasheet
93Kb / 2P
   Static Random Access Memory
AK632512W ACCUTEK-AK632512W_09 Datasheet
317Kb / 2P
   Static Random Access Memory
AK632512AW ACCUTEK-AK632512AW_09 Datasheet
76Kb / 2P
   Static Random Access Memory
logo
National Semiconductor ...
93L415A NSC-93L415A Datasheet
120Kb / 5P
   STATIC RANDOM ACCESS MEMORY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com