Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMZ1608S601A Datasheet(PDF) 2 Page - TDK Electronics

Part # MMZ1608S601A
Description  Chip Beads(SMD) For Signal Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ1608S601A Datasheet(HTML) 2 Page - TDK Electronics

  MMZ1608S601A Datasheet HTML 1Page - TDK Electronics MMZ1608S601A Datasheet HTML 2Page - TDK Electronics MMZ1608S601A Datasheet HTML 3Page - TDK Electronics MMZ1608S601A Datasheet HTML 4Page - TDK Electronics MMZ1608S601A Datasheet HTML 5Page - TDK Electronics MMZ1608S601A Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
(2/6)
006-04 / 20061022 / e9412_mmz1608.fm
• All specifications are subject to change without notice.
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD
PATTERN
TEMPERATURE RANGES
PACKAGING STYLE AND QUANTITIES
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
ELECTRICAL CHARACTERISTICS
Test equipment: E4991A or equivalent
Test tool
: 16192A or equivalent
TYPICAL ELECTRICAL CHARACTERISTICS
Z, X, R vs. FREQUENCY CHARACTERISTICS
MMZ1608B121C
MMZ1608B301C
MMZ1608B601C
Operating/storage
–55 to +125°C
Packaging style
Quantity
Taping
4000 pieces/reel
0.3
±0.2
1.6
±0.15
0.8
0.6
0.6
Dimensions in mm
Thickness(T)
Weight
0.6
±0.15mm
0.8
±0.15mm
3mg
4mg
Natural
cooling
10s max.
Preheating
60 to 120s
Soldering
30 to 60s
230˚C
250 to 260˚C
180˚C
150˚C
Time(s)
Part No.
Impedance
(
Ω)
[100MHz]
DC resistance
(
Ω)max.
Rated
current
(mA)max.
Product’s
thickness
T(mm)
MMZ1608B121C
120±25%
0.15
600
0.6
MMZ1608B301C
300±25%
0.25
500
0.6
MMZ1608B601C
600±25%
0.4
500
0.6
MMZ1608R150A
15±25%
0.05
1500
0.8
MMZ1608R300A
30±25%
0.05
1500
0.8
MMZ1608R600A
60±25%
0.1
800
0.8
MMZ1608R121A
120±25%
0.18
500
0.8
MMZ1608R301A
300±25%
0.25
500
0.8
MMZ1608R601A
600±25%
0.4
500
0.8
MMZ1608R102A
1000±25%
0.5
400
0.8
MMZ1608S400A
40±25%
0.1
600
0.8
MMZ1608S800A
80±25%
0.15
500
0.8
MMZ1608S121A
120±25%
0.2
500
0.8
MMZ1608S181A
180±25%
0.2
500
0.8
MMZ1608S301A
300±25%
0.3
500
0.8
MMZ1608S601A
600±25%
0.4
500
0.8
MMZ1608S102A
1000±25%
0.5
400
0.8
MMZ1608Y150B
15±25%
0.05
1500
0.8
MMZ1608Y300B
30±25%
0.05
1500
0.8
MMZ1608Y600B
60±25%
0.15
500
0.8
MMZ1608Y121B
120±25%
0.2
500
0.8
MMZ1608Y301B
300±25%
0.3
500
0.8
MMZ1608Y601B
600±25%
0.4
500
0.8
MMZ1608Y102B
1000±25%
0.5
400
0.8
MMZ1608Y152B
1500±25%
0.6
300
0.8
MMZ1608A252B
2500±25%
0.8
200
0.8
MMZ1608D050C
5±2
0.1
700
0.8
MMZ1608D100C
10±5
0.15
500
0.6
MMZ1608D220C
22±25%
0.2
500
0.6
MMZ1608D500C
50±25%
0.3
500
0.6
MMZ1608D800C
80±25%
0.35
500
0.6
MMZ1608D800B
80±25%
0.35
500
0.8
MMZ1608D121C
120±25%
0.45
400
0.6
MMZ1608D121B
120±25%
0.45
400
0.8
MMZ1608D241C
240±25%
0.6
300
0.8
MMZ1608D301B
300±25%
0.7
300
0.8
500
400
300
200
100
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
500
400
300
200
100
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
800
700
600
500
400
300
200
100
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X


Similar Part No. - MMZ1608S601A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ1608S601A TDK-MMZ1608S601A Datasheet
222Kb / 8P
   Chip Beads(SMD) For Signal Line
MMZ1608S601ATA00 TDK-MMZ1608S601ATA00 Datasheet
263Kb / 14P
   Chip Beads For general signal line
More results

Similar Description - MMZ1608S601A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ1005 TDK-MMZ1005_09 Datasheet
115Kb / 3P
   Chip Beads(SMD) For Signal Line
MMZ2012R150A TDK-MMZ2012R150A Datasheet
104Kb / 4P
   Chip Beads(SMD) For Signal Line
TDK_MMZ-2 TDK-TDK_MMZ-2 Datasheet
112Kb / 4P
   Chip Beads(SMD) For Signal Line
MMZ1608B121C TDK-MMZ1608B121C Datasheet
222Kb / 8P
   Chip Beads(SMD) For Signal Line
MZA1210 TDK-MZA1210 Datasheet
54Kb / 2P
   Chip Beads(SMD Array) For General Signal Line
MMZ2012Y202B TDK-MMZ2012Y202B Datasheet
915Kb / 29P
   Chip Beads For signal line
MCZ1210-T TDK-MCZ1210-T Datasheet
48Kb / 2P
   Chip Beads(SMD Array) For Audio Signal Line
MZA1608 TDK-MZA1608 Datasheet
52Kb / 2P
   Chip Beads(SMD Array) For General Signal Line
MCZ1210-D TDK-MCZ1210-D Datasheet
54Kb / 3P
   Chip Beads(SMD Array) For Audio USB1.1 Signal Line
MMZ0603 TDK-MMZ0603 Datasheet
270Kb / 6P
   Chip beads For general signal line
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com