Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1812C106J3RACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1812C106J3RACTU
Description  X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1812C106J3RACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1812C106J3RACTU Datasheet HTML 1Page - Kemet Corporation C1812C106J3RACTU Datasheet HTML 2Page - Kemet Corporation C1812C106J3RACTU Datasheet HTML 3Page - Kemet Corporation C1812C106J3RACTU Datasheet HTML 4Page - Kemet Corporation C1812C106J3RACTU Datasheet HTML 5Page - Kemet Corporation C1812C106J3RACTU Datasheet HTML 6Page - Kemet Corporation C1812C106J3RACTU Datasheet HTML 7Page - Kemet Corporation C1812C106J3RACTU Datasheet HTML 8Page - Kemet Corporation C1812C106J3RACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1002_X7R_SMD • 12/19/2013
1
One world. One KEMET
Benefits
• -55°C to +125°C operating temperature range
• Pb-Free and RoHS Compliant
• Temperature stable dielectric
• EIA 0402, 0603, 0805, 1206, 1210, 1808, 1812, 1825, 2220,
and 2225 case sizes
• DC voltage ratings of 6.3 V, 10 V, 16 V, 25 V, 50 V, 100 V,
200 V, and 250 V
• Capacitanceofferingsrangingfrom10pFto47μF
• Available capacitance tolerances of ±5%, ±10%, and ±20%
• Non-polar device, minimizing installation concerns
• 100%puremattetin-platedterminationfinishallowingfor
excellent solderability
• SnPbterminationfinishoptionavailableuponrequest
(5% minimum)
Applications
Typicalapplicationsincludedecoupling,bypass,filteringand
transient voltage suppression.
Overview
KEMET’s X7R dielectric features a 125°C maximum operating
temperatureandisconsidered“temperaturestable.”The
Electronics Components, Assemblies & Materials Association
(EIA)characterizesX7RdielectricasaClassIImaterial.
Componentsofthisclassificationarefixed,ceramicdielectric
capacitors suited for bypass and decoupling applications
orforfrequencydiscriminatingcircuitswhereQandstability
ofcapacitancecharacteristicsarenotcritical.X7Rexhibitsa
predictablechangeincapacitancewithrespecttotimeandvoltage
andboastsaminimalchangeincapacitancewithreferenceto
ambienttemperature.Capacitancechangeislimitedto±15%from
-55°C to +125°C.
SurfaceMountMultilayerCeramicChipCapacitors(SMDMLCCs)
X7R Dielectric, 6.3 – 250 VDC (Commercial Grade)
Ordering Information
C
1206
C
106
M
4
R
A
C
TU
Ceramic Case Size
(L"xW")
Specification/
Series1
Capacitance
Code (pF)
Capacitance
Tolerance
Voltage
Dielectric
Failure Rate/
Design
TerminationFinish2 Packaging/Grade
(C-Spec)3
0402
0603
0805
1206
1210
1808
1812
1825
2220
2225
C = Standard
2Significant
Digits + Number
of Zeros
J = ±5%
K = ±10%
M = ±20%
9 = 6.3 V
8 = 10 V
4 = 16 V
3 = 25 V
6 = 35 V
5 = 50 V
1 = 100 V
2 = 200 V
A = 250 V
R = X7R
A = N/A
C = 100% Matte Sn Blank = Bulk
TU=7"Reel
Unmarked
TM=7"Reel
Marked
1
Flexible termination option is available. Please see FT-CAP product bulletin C1013_X7R_FT-CAP_SMD.
2
Additional termination finish options may be available. Contact KEMET for details.
3
Additional reeling or packaging options may be available. Contact KEMET for details.


Similar Part No. - C1812C106J3RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812C106J3RACTU KEMET-C1812C106J3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
More results

Similar Description - C1812C106J3RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C1206C106M4RACTU KEMET-C1206C106M4RACTU_17 Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805S104K5RACTU KEMET-C0805S104K5RACTU Datasheet
2Mb / 22P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
C0805S472J2RACTU KEMET-C0805S472J2RACTU Datasheet
3Mb / 21P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220C106M5R2C7186 KEMET-C2220C106M5R2C7186 Datasheet
3Mb / 17P
   KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com