Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTD904-2225F-B203 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PTD904-2225F-B203
Description  9 mm Multi-Ganged Potentiometer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTD904-2225F-B203 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PTD904-2225F-B203 Datasheet HTML 1Page - Bourns Electronic Solutions PTD904-2225F-B203 Datasheet HTML 2Page - Bourns Electronic Solutions PTD904-2225F-B203 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Carbon element
Ganging up to 8 sections available
Knurled and flatted shaft styles
Audio taper option
Tracking error within 3 dB
RoHS compliant*
PTD90 Series - 9 mm Multi-Ganged Potentiometer
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
....................... 1 K ohms to 1 M ohms
Total Resistance Tolerance
.................................±10 % or ±20 %
Standard Tapers ................Linear & audio
Maximum Operating Voltage
............................... 150 VAC, 20 VDC
Rated Power
Linear Taper .......................0.05 watts
Audio Taper......................0.025 watts
Noise .................................. 100 mV max.
Insulation Resistance @ 250 VDC
....................................... 100 M ohms
Dielectric Withstanding Voltage
..............................................300 VAC
End Resistance .................20 ohms max.
Tracking Error (-40 dB to 0 dB).......±3 dB
Environmental Characteristics
Operating Temperature
.................................-10 °C to +50 °C
Rotational Life ................... 15,000 cycles
IP Rating .......................................... IP 40
Mechanical Characteristics
Mechanical Angle ...................300 ° ±10 °
Running Torque ............... 10 to 250 g-cm
Stop Strength .......................... 4.0 kg-cm
Shaft Push/Pull Strength .......5.0 kgf min.
Shaft Wobble .....0.6 x L/20 mm p-p max.
Mounting Torque ............. 7.0 kg-cm min.
Soldering Condition
Manual Soldering
........96.5 Sn/3.0 Ag/0.5 Cu solid wire
or no-clean rosin cored wire
270 °C max. for 3 seconds
Wave Soldering
............. 96.5 Sn/3.0 Ag/0.5 Cu solder
with no-clean flux
260 °C max. for 5 seconds
Wash Process ...... Not recommended
Mounting Hardware........ One flat washer
and one mounting nut supplied
per potentiometer
Product Dimensions
Derating Curve
Ambient Temperature (°C)
20
40 50 60 70
80 90 100
30
10
0
20
33
40
60
80
100
0
PTD901
M7XP0.75
R1
7.05 ± 0.5
(.278 ± .020)
0.8 ± 0.2
(.031 ± .008)
5.0
(.197)
MOUNTING
SURFACE
RECOMMENDED PCB LAYOUT
SCHEMATIC
1.0 +0.2/-0
(.039 +.008/-0)
DIA. HOLES
3 PLCS.
5.0
(.197)
5.0
(.197)
R1
3
2
1
3
2
1
R1
PTD902
M7XP0.75
R1
R1
R2
R2
9.65 ± 0.5
(.380 ± .020)
0.8 ± 0.2
(.031 ± .008)
2.5
(.098)
2.5
(.098)
5.0
(.197)
MOUNTING
SURFACE
RECOMMENDED PCB LAYOUT
1.0 +0.2/-0
(.039 +.008/-0)
DIA. HOLES
6 PLCS.
5.0
(.197)
5.0
(.197)
3
2
1
3
2
1
SCHEMATIC
3
2
1
R1
3'
2'
1'
R2
DIMENSIONS:
MM
(INCHES)
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105


Similar Part No. - PTD904-2225F-B203

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTD90 BOURNS-PTD90 Datasheet
423Kb / 3P
   9 mm Multi-Ganged Potentiometer
More results

Similar Description - PTD904-2225F-B203

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P9 VISHAY-P9_17 Datasheet
236Kb / 9P
   9 mm Multi-Ganged Potentiometer
Revision: 04-Jul-17
logo
Bourns Electronic Solut...
PTD90 BOURNS-PTD90 Datasheet
423Kb / 3P
   9 mm Multi-Ganged Potentiometer
logo
Vishay Siliconix
P9A1R100FIRX1103MA VISHAY-P9A1R100FIRX1103MA Datasheet
216Kb / 8P
   9 mm Multi-Ganged Potentiometer
Revision: 26-Nov-07
P9A1R100FIRX1103MA VISHAY-P9A1R100FIRX1103MA Datasheet
223Kb / 9P
   9 mm Multi-Ganged Potentiometer
01-Jan-2022
logo
Bourns Electronic Solut...
PTR90 BOURNS-PTR90 Datasheet
391Kb / 3P
   9 mm Multi-Ganged Potentiometer w/Rotary Switch
PTR90 BOURNS-PTR90_14 Datasheet
426Kb / 3P
   9 mm Multi-Ganged Potentiometer w/Rotary Switch
PTV09 BOURNS-PTV09 Datasheet
208Kb / 2P
   9 mm Potentiometer
PTV09 BOURNS-PTV09_13 Datasheet
1Mb / 4P
   9 mm Potentiometer
3319 BOURNS-3319 Datasheet
109Kb / 2P
   9 mm Round Trimming Potentiometer
PTV09A-4020F BOURNS-PTV09A-4020F Datasheet
1Mb / 5P
   PTV09 Series - 9 mm Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com