Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6305 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 1N6305
Description  HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N6305 Datasheet(HTML) 3 Page - Microsemi Corporation

  1N6305 Datasheet HTML 1Page - Microsemi Corporation 1N6305 Datasheet HTML 2Page - Microsemi Corporation 1N6305 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http://www.microsemi.com
HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
T4-LDS-0146 Rev. 1 (091812)
Page 3 of 3
PACKAGE DIMENSIONS
Physical dimensions (DO-203AB)
Dimensions
Ltr
Inches
Millimeters
Notes
Min
Max
Min
Max
CD
.375
9.53
7
C
.080
2.03
HF
.669
.688
16.99
17.48
HT
.115
.200
2.92
5.08
CH
.450
11.43
OAH
.750
1.00
0
19.05
25.40
SL
.422
.453
10.72
11.51
SU
.090
2.29
4
CD1
.667
16.94
SD
5
UD
.220
.249
5.59
6.32
θT
.140
.175
3.56
4.45
NOTES:
1
Dimensions are in inches.
2
Millimeter equivalents are given for information only.
3
Units must not be damaged by torque of 30 inch-pound applied
to .25-28 UNF-2B nut assembled on thread.
4
Length of incomplete or undercut threads of UD.
5
Maximum pitch diameter of plated threads shall be basic pitch
diameter .2268 inch (5.761 mm).
6
A chamfer or undercut on one or both ends of the hex portion is
optional; minimum base diameter at seating plane .60 inch (15.2
mm).
7
The angular orientation and peripheral configuration of terminal
1 is undefined.
8
Standard types shall have cathode connected to stud. Reverse
types shall have anode connected to stud.
9
Term 2 threads in accordance with FED-STD-H28.
10 In accordance with ASME Y14.5M, diameters are
equivalent to φx symbology.


Similar Part No. - 1N6305

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6305 MICROSEMI-1N6305 Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIERS
1N6305 MICROSEMI-1N6305 Datasheet
138Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
1N6305 MICROSEMI-1N6305 Datasheet
138Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
logo
New Jersey Semi-Conduct...
1N6305 NJSEMI-1N6305 Datasheet
90Kb / 1P
   Ultra Fast Rectifier
logo
Microsemi Corporation
1N6305R MICROSEMI-1N6305R Datasheet
138Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
More results

Similar Description - 1N6305

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN1N6306 MICROSEMI-JAN1N6306 Datasheet
138Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
1N5812 MICROSEMI-1N5812_10 Datasheet
77Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
JANTX1N6305 MICROSEMI-JANTX1N6305 Datasheet
138Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
1N3890 MICROSEMI-1N3890_10 Datasheet
88Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
JANTX1N3911 MICROSEMI-JANTX1N3911 Datasheet
78Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
1N3909 MICROSEMI-1N3909_10 Datasheet
78Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
JANS1N6512 SSDI-JANS1N6512 Datasheet
136Kb / 2P
   ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
SDH20UF SSDI-SDH20UF_2 Datasheet
72Kb / 2P
   ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
RC0172A SSDI-RC0172A_15 Datasheet
158Kb / 3P
   ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
RC0059F SSDI-RC0059F_15 Datasheet
82Kb / 2P
   ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com