Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N2221AUBC Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N2221AUBC
Description  NPN SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/255
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2221AUBC Datasheet(HTML) 2 Page - Microsemi Corporation

  2N2221AUBC Datasheet HTML 1Page - Microsemi Corporation 2N2221AUBC Datasheet HTML 2Page - Microsemi Corporation 2N2221AUBC Datasheet HTML 3Page - Microsemi Corporation 2N2221AUBC Datasheet HTML 4Page - Microsemi Corporation 2N2221AUBC Datasheet HTML 5Page - Microsemi Corporation 2N2221AUBC Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
T4-LDS-0060 Rev. 2 (100247)
Page 2 of 6
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(2)
Forward-Current Transfer Ratio
IC = 0.1mAdc, VCE = 10Vdc
2N2221A, L, UA, UB, UBC
2N2222A, L, UA, UB, UBC
30
50
IC = 1.0mAdc, VCE = 10Vdc
2N2221A, L, UA, UB, UBC
2N2222A, L, UA, UB, UBC
35
75
150
325
IC = 10mAdc, VCE = 10Vdc
2N2221A, L, UA, UB, UBC
2N2222A, L, UA, UB, UBC
40
100
IC = 150mAdc, VCE = 10Vdc
2N2221A, L, UA, UB, UBC
2N2222A, L, UA, UB, UBC
40
100
120
300
IC = 500mAdc, VCE = 10Vdc
2N2221A, L, UA, UB, UBC
2N2222A, L, UA, UB, UBC
hFE
20
30
Collector-Emitter Saturation Voltage
IC = 150mAdc, IB = 15mAdc
IC = 500mAdc, IB = 50mAdc
VCE(sat)
0.3
1.0
Vdc
Base-Emitter Voltage
IC = 150mAdc, IB = 15mAdc
IC = 500mAdc, IB = 50mAdc
VBE(sat)
0.6
1.2
2.0
Vdc
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Small-Signal Short-Circuit Forward Current Transfer Ratio
IC = 1.0mAdc, VCE = 10Vdc, f = 1.0kHz
2N2221A, L, UA, UB, UBC
2N2222A, L, UA, UB, UBC
hfe
30
50
Magnitude of Small–Signal Short-Circuit
Forward Current Transfer Ratio
IC = 20mAdc, VCE = 20Vdc, f = 100MHz
|hfe|
2.5
Output Capacitance
VCB = 10Vdc, IE = 0, 100kHz ≤ f ≤ 1.0MHz
Cobo
8.0
pF
Input Capacitance
VEB = 0.5Vdc, IC = 0, 100kHz ≤ f ≤ 1.0MHz
Cibo
25
pF
SWITCHING CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Turn-On Time
See figure 8 of MIL-PRF-19500/255
ton
35
ηs
Turn-Off Time
See Figure 9 of MIL-PRF-19500/255
toff
300
ηs
(2) Pulse Test: Pulse Width = 300
μs, Duty Cycle ≤ 2.0%.


Similar Part No. - 2N2221AUBC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N2221AUBC MICROSEMI-2N2221AUBC Datasheet
144Kb / 7P
   RADIATION HARDENED
2N2221AUBC MICROSEMI-2N2221AUBC Datasheet
142Kb / 6P
   NPN SILICON SWITCHING TRANSISTOR
2N2221AUBC MICROSEMI-2N2221AUBC Datasheet
142Kb / 6P
   TECHNICAL DATA SHEET NPN SILICON SWITCHING TRANSISTOR
More results

Similar Description - 2N2221AUBC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N5664 MICROSEMI-2N5664 Datasheet
60Kb / 2P
   NPN POWER SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/455
JANTX2N3902 MICROSEMI-JANTX2N3902 Datasheet
60Kb / 2P
   NPN HIGH POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/371
2N3418JAN MICROSEMI-2N3418JAN Datasheet
55Kb / 2P
   NPN MEDUIM POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/393
JANTXV2N6193 MICROSEMI-JANTXV2N6193 Datasheet
60Kb / 2P
   PNP MEDIUM POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/561
JANTX2N3743 MICROSEMI-JANTX2N3743 Datasheet
60Kb / 2P
   PNP HIGH VOLTAGE SILICON TRANSISTOR Qualified per MIL-PRF-19500/397
JANTX2N4399 MICROSEMI-JANTX2N4399 Datasheet
58Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/433
JANTX2N5680 MICROSEMI-JANTX2N5680 Datasheet
57Kb / 2P
   PNP POWER TRANSISTOR SILICON AMPLIFIER Qualified per MIL-PRF-19500/582
JAN2N6766 MICROSEMI-JAN2N6766 Datasheet
1,006Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
JAN2N6802 MICROSEMI-JAN2N6802 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/557
JAN2N6788 MICROSEMI-JAN2N6788 Datasheet
677Kb / 7P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/555
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com