Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXPT12200E Datasheet(PDF) 3 Page - Amphenol Corporation

Part # FXPT12200E
Description  FXP FlexiPlug짰 HYBRID PLUGGABLE BLOCK Screw/Pressure-Plate Termination
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

FXPT12200E Datasheet(HTML) 3 Page - Amphenol Corporation

  FXPT12200E Datasheet HTML 1Page - Amphenol Corporation FXPT12200E Datasheet HTML 2Page - Amphenol Corporation FXPT12200E Datasheet HTML 3Page - Amphenol Corporation FXPT12200E Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Amphenol Pcd • 2 Technology Drive • Peabody, MA 01960 • www.amphenolpcd.com • 800.333.4723 • info@amphenolpcd.com
ELFH HEADERS with Locking Ears
44
.200" (5.08mm)
Amphenol Pcd
ELFH SERIES HEADERS
ELFH Series headers mate
with ELF Series, FXP
FlexiPlug and SCF spring
clamp plugs; and accommo-
date competitive plugs as
well. The headers are preci-
sion-molded from tough,
stable PBT, providing addi-
tional strength and greater
reliability under extreme
conditions. Screwdriver slots
at either end facilitate
unplugging and eliminate
the possibility of body
damage.
SMT Compatibility
ELF headers are available in
ultra-high-temperature, glass-
filled polyamide, capable of
withstanding temperatures of
260°C for three minutes
while undergoing SMT
reflow soldering. This elimi-
nates the need for a sepa-
rate header wave soldering
operation if SMT is being
employed in the board man-
ufacturing process. See
page 25 for instructions on
how to order. Note:
Available in black only.
See page 25 for temperature, gold plating and marking options
SPECIFICATIONS:
Current Rating: 15A
Operating Voltage: 300V
Insulation Resistance: >10
5 Megohms
Dielectric Withstanding: <3000V
HEADER INSTALLATION:
Hole Diameter: .055" min.
ELFH Horizontal—Eared
ELFH Vertical—Eared
APPROVALS:
Contact factory for specific product recognition
Catalog #
Catalog #
L
Pos
Black
Green
(In.)
2 ELFH02210E ELFH0221GE
.80
3 ELFH03210E ELFH0321GE
1.00
4 ELFH04210E ELFH0421GE
1.20
5 ELFH05210E ELFH0521GE
1.40
6 ELFH06210E ELFH0621GE
1.60
7 ELFH07210E ELFH0721GE
1.80
8 ELFH08210E ELFH0821GE
2.00
9 ELFH09210E ELFH0921GE
2.20
10 ELFH10210E ELFH1021GE
2.40
11 ELFH11210E ELFH1121GE
2.60
12 ELFH12210E ELFH1221GE
2.80
13 ELFH13210E ELFH1321GE
3.00
14 ELFH14210E ELFH1421GE
3.20
15 ELFH15210E ELFH1521GE
3.40
16 ELFH16210E ELFH1621GE
3.60
17 ELFH17210E ELFH1721GE
3.80
18 ELFH18210E ELFH1821GE
4.00
19 ELFH19210E ELFH1921GE
4.20
20 ELFH20210E ELFH2021GE
4.40
21 ELFH21210E ELFH2121GE
4.60
22 ELFH22210E ELFH2221GE
4.80
Catalog #
Catalog #
L
Pos
Black
Green
(In.)
2 ELFH02250E ELFH0225GE
.80
3 ELFH03250E ELFH0325GE
1.00
4 ELFH04250E ELFH0425GE
1.20
5 ELFH05250E ELFH0525GE
1.40
6 ELFH06250E ELFH0625GE
1.60
7 ELFH07250E ELFH0725GE
1.80
8 ELFH08250E ELFH0825GE
2.00
9 ELFH09250E ELFH0925GE
2.20
10 ELFH10250E ELFH1025GE
2.40
11 ELFH11250E ELFH1125GE
2.60
12 ELFH12250E ELFH1225GE
2.80
13 ELFH13250E ELFH1325GE
3.00
14 ELFH14250E ELFH1425GE
3.20
15 ELFH15250E ELFH1525GE
3.40
16 ELFH16250E ELFH1625GE
3.60
17 ELFH17250E ELFH1725GE
3.80
18 ELFH18250E ELFH1825GE
4.00
19 ELFH19250E ELFH1925GE
4.20
20 ELFH20250E ELFH2025GE
4.40
21 ELFH21250E ELFH2125GE
4.60
22 ELFH22250E ELFH2225GE
4.80
MATERIALS:
Housing: PBT, UL 94V-0 (Standard)
PA 4/6, UL 94V-0 (High temp)
Black or green optional
Contact: Copper alloy, optional finish
Ear Insert, M2.5: Steel, nickel finish
Locking and Mounting Ears
Integrally molded locking
ears are available with all
ELFH headers. A threaded
insert in the header ear is
engaged by a plug mount-
ing screw, which is tight-
ened after plug and header
are mated, securing the
connection. Note: locking
ears add a contact position
per side to header length.
An “E” is added to the cata-
log number to specify lock-
ing ears.
Locking ears can also be
used as mounting ears to
secure the header to printed
circuit boards or chassis,
and are available as well
with blank through-holes in
the “vertical” orientation for
custom mounting.
Gold Plating: Indicate “1” as
the last digit of catalog no.
for black parts; “1G” in the
last position for green parts.
Consult PCD for assistance
with locking-ear headers.
Marking: See page 25
Accessories: Polarizing keys
and marking labels. See
page 29.


Similar Part No. - FXPT12200E

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP07.07.0100A TAOGLAS-FXP07.07.0100A Datasheet
1,022Kb / 10P
   Flexible PCB Penta Band GSM Antenna
FXP07.07.0100A TAOGLAS-FXP07.07.0100A Datasheet
1Mb / 10P
   Flexible PCB Penta Band GSM Antenna
FXP07.07.0100A TAOGLAS-FXP07.07.0100A_16 Datasheet
1Mb / 10P
   Flexible PCB Penta Band GSM Antenna
FXP07.09.0100A TAOGLAS-FXP07.09.0100A Datasheet
979Kb / 11P
   Flexible PCB Penta Band GSM Antenna
FXP07.09.0100A TAOGLAS-FXP07.09.0100A Datasheet
1Mb / 11P
   Flexible PCB Penta Band GSM Antenna
More results

Similar Description - FXPT12200E

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
311571XX METZ-311571XX Datasheet
366Kb / 6P
   screw type terminal block, pluggable
313491XX METZ-313491XX Datasheet
316Kb / 5P
   screw type terminal block, pluggable
312491XX METZ-312491XX Datasheet
294Kb / 5P
   screw type terminal block, pluggable
311071XX METZ-311071XX Datasheet
314Kb / 5P
   screw type terminal block, pluggable
310071XX METZ-310071XX Datasheet
336Kb / 5P
   screw type terminal block, pluggable
logo
Mallory Sonalert Produc...
ACC02 MSPI-ACC02 Datasheet
32Kb / 1P
   Pluggable Screw Terminal Block 180쨘 Wire Entry
logo
PHOENIX CONTACT
3050044 PHOENIX-3050044 Datasheet
1Mb / 3P
   Quick Connection Screw Hybrid Terminal Block QTCU
logo
Kemet Corporation
S301RE657R2R7W KEMET-S301RE657R2R7W Datasheet
411Kb / 8P
   Screw Termination
logo
PHOENIX CONTACT
3050264 PHOENIX-3050264 Datasheet
162Kb / 16P
   Fast connection screw hybrid terminal block - QTTCBU 1.5
logo
FIBOX Enclosing innovat...
3730792 FIBOX-3730792 Datasheet
38Kb / 1P
   Front plate screw
31.07.2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com