Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTX1N3893 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # JANTX1N3893
Description  FAST RECOVERY RECTIFIERS Qualified per MIL-PRF-19500/304
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTX1N3893 Datasheet(HTML) 3 Page - Microsemi Corporation

  JANTX1N3893 Datasheet HTML 1Page - Microsemi Corporation JANTX1N3893 Datasheet HTML 2Page - Microsemi Corporation JANTX1N3893 Datasheet HTML 3Page - Microsemi Corporation JANTX1N3893 Datasheet HTML 4Page - Microsemi Corporation JANTX1N3893 Datasheet HTML 5Page - Microsemi Corporation JANTX1N3893 Datasheet HTML 6Page - Microsemi Corporation JANTX1N3893 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
T4-LDS-0143, Rev. 2 (120861)
©2012 Microsemi Corporation
Page 3 of 7
1N3889 – 1N3891, 1N3893
SYMBOLS & DEFINITIONS
Symbol
Definition
CJ
Junction Capacitance: The junction capacitance in pF at a specified frequency.
IF(AV)
Average Forward Current: The average forward current dc value, no alternating component.
IFSM
Maximum Forward Surge Current: The forward current, surge peak or rated forward surge current.
IRM
Maximum Reverse Current: The maximum reverse (leakage) current that will flow at the specified voltage and
temperature.
trr
Reverse Recovery Time: The time interval between the instant the current passes through zero when changing from
the forward direction to the reverse direction and a specified decay point after a peak reverse current occurs.
VFM
Maximum Forward Voltage: The maximum forward voltage the device will exhibit at a specified current.
VRRM
Repetitive Peak Reverse Voltage: The peak reverse voltage including all repetitive transient voltages but excluding all
non-repetitive transient voltages.
VRWM
Working Peak Reverse Voltage: The maximum peak voltage that can be applied over the operating temperature range
excluding all transient voltages (ref JESD282-B). Also sometimes known as PIV.
ELECTRICAL CHARACTERISTICS @ TA = 25 ºC unless otherwise noted
Type
Typical
Junction
Capacitance
CJ
Average
Forward
Current
IF(AV)
Maximum
Forward
Voltage
VFM
Maximum
Reverse
Current
IRM
Maximum
Reverse
Recovery
Time
trr
TC = 100 ºC
TC = 25
oC
TC = 25
oC
TC = 150
oC
1N3889(R)
115 pF
(1)
12 A
1.5 V
@
IFM = 20 A
(2)
10
µA
@
VRRM
2 mA
@
VRRM
200 ns
(3)
NOTES: 1. VR = 10 V, f = 1 Mhz, TJ = 25 ºC.
2. IFM = 38 A, TJ = 25 ºC. Pulse test: pulse width 300 µsec, duty cycle 2%.
3. IF = 1 A, VR = 30 A, di/dt = 25 A/µs, TC = 55 ºC.
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Forward Voltage
IFM = 38 A, TC = 25 °C*
VFM
1.5
V
Forward Voltage
IFM = 250 A, TC = 150 °C**
VFM
2.75
V
Reverse Current
IRM
10
µA
VRM = 100 V, TC = 25 °C
VRM = 200 V, TC = 25 °C
VRM = 400 V, TC= 25 °C
1N3890 / A / R / AR
1N3891 / A / R / AR
1N3893 / A / R / AR
Reverse Current
IRM
2
mA
VRM = 100 V, TC = 150 °C
VRM = 200 V, TC = 150 °C
VRM = 400 V, TC = 150 °C
1N3890 / A / R / AR
1N3891 / A / R / AR
1N3893 / A / R / AR
Reverse Recovery Time
VRM = 30 V, IF = 1A, TC = 55 °C*
1N3890, 1N3891, 1N3893
1N3890A, 1N3891A,1N3893A / AR
Trr
200
150
ns
* Pulse test: Pulse width 300 µsec, duty cycle 2%.
** Pulse test: Pulse width 800 µsec.


Similar Part No. - JANTX1N3893

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTX1N3890 MICROSEMI-JANTX1N3890 Datasheet
288Kb / 3P
   SILICON 1 WATT ZENER DIODES
JANTX1N3890A MICROSEMI-JANTX1N3890A Datasheet
288Kb / 3P
   SILICON 1 WATT ZENER DIODES
JANTX1N3890ATR MICROSEMI-JANTX1N3890ATR Datasheet
288Kb / 3P
   SILICON 1 WATT ZENER DIODES
JANTX1N3890AUR-1 MICROSEMI-JANTX1N3890AUR-1 Datasheet
288Kb / 3P
   SILICON 1 WATT ZENER DIODES
JANTX1N3890AUR-1TR MICROSEMI-JANTX1N3890AUR-1TR Datasheet
288Kb / 3P
   SILICON 1 WATT ZENER DIODES
More results

Similar Description - JANTX1N3893

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N6766 MICROSEMI-JAN2N6766 Datasheet
1,006Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
JAN2N6802 MICROSEMI-JAN2N6802 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/557
JAN2N6788 MICROSEMI-JAN2N6788 Datasheet
677Kb / 7P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/555
1N5712-1JANTX MICROSEMI-1N5712-1JANTX Datasheet
459Kb / 7P
   Schottky Barrier Diode Qualified per MIL-PRF-19500/444
2N6768T1 MICROSEMI-2N6768T1 Datasheet
1,001Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
2N7228JANTX MICROSEMI-2N7228JANTX Datasheet
950Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/592
1N2982BJAN MICROSEMI-1N2982BJAN Datasheet
482Kb / 8P
   10 Watt Zener Diodes Qualified per MIL-PRF-19500/124
2N4091 MICROSEMI-2N4091 Datasheet
50Kb / 2P
   N-CHANNEL J-FET Qualified per MIL-PRF-19500/431
JANS2N2222A MICROSEMI-JANS2N2222A Datasheet
142Kb / 6P
   NPN SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/255
JANTX2N3902 MICROSEMI-JANTX2N3902 Datasheet
60Kb / 2P
   NPN HIGH POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/371
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com