Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXPT10200E Datasheet(PDF) 4 Page - Amphenol Corporation

Part # FXPT10200E
Description  FXP FlexiPlug짰 HYBRID PLUGGABLE BLOCK Screw/Pressure-Plate Termination
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

FXPT10200E Datasheet(HTML) 4 Page - Amphenol Corporation

  FXPT10200E Datasheet HTML 1Page - Amphenol Corporation FXPT10200E Datasheet HTML 2Page - Amphenol Corporation FXPT10200E Datasheet HTML 3Page - Amphenol Corporation FXPT10200E Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Amphenol Pcd • 2 Technology Drive • Peabody, MA 01960 • www.amphenolpcd.com • 800.333.4723 • info@amphenolpcd.com
ELFH HEADERS
45
.200" (5.08mm)
Amphenol Pcd
APPROVALS:
Contact factory for specific product recognition
Catalog #
Catalog #
L
Pos
Black
Green
(In.)
2
ELFH02250
ELFH0225G
.40
3
ELFH03250
ELFH0325G
.60
4
ELFH04250
ELFH0425G
.80
5
ELFH05250
ELFH0525G
1.00
6
ELFH06250
ELFH0625G
1.20
7
ELFH07250
ELFH0725G
1.40
8
ELFH08250
ELFH0825G
1.60
9
ELFH09250
ELFH0925G
1.80
10 ELFH10250
ELFH1025G
2.00
11 ELFH11250
ELFH1125G
2.20
12 ELFH12250
ELFH1225G
2.40
13 ELFH13250
ELFH1325G
2.60
14 ELFH14250
ELFH1425G
2.80
15 ELFH15250
ELFH1525G
3.00
16 ELFH16250
ELFH1625G
3.20
17 ELFH17250
ELFH1725G
3.40
18 ELFH18250
ELFH1825G
3.60
19 ELFH19250
ELFH1925G
3.80
20 ELFH20250
ELFH2025G
4.00
21 ELFH21250
ELFH2125G
4.20
22 ELFH22250
ELFH2225G
4.40
23 ELFH23250
ELFH2325G
4.60
24 ELFH24250
ELFH2425G
4.80
See page 25 for temperature, gold plating and marking options
ELFH Horizontal—Closed
ELFH Vertical—Closed
ELFH Horizontal—Open
ELFH Vertical—Open
Catalog #
Catalog #
L
Pos
Black
Green
(In.)
2
ELFH02210
ELFH0221G
.40
3
ELFH03210
ELFH0321G
.60
4
ELFH04210
ELFH0421G
.80
5
ELFH05210
ELFH0521G
1.00
6
ELFH06210
ELFH0621G
1.20
7
ELFH07210
ELFH0721G
1.40
8
ELFH08210
ELFH0821G
1.60
9
ELFH09210
ELFH0921G
1.80
10 ELFH10210
ELFH1021G
2.00
11 ELFH11210
ELFH1121G
2.20
12 ELFH12210
ELFH1221G
2.40
13 ELFH13210
ELFH1321G
2.60
14 ELFH14210
ELFH1421G
2.80
15 ELFH15210
ELFH1521G
3.00
16 ELFH16210
ELFH1621G
3.20
17 ELFH17210
ELFH1721G
3.40
18 ELFH18210
ELFH1821G
3.60
19 ELFH19210
ELFH1921G
3.80
20 ELFH20210
ELFH2021G
4.00
21 ELFH21210
ELFH2121G
4.20
22 ELFH22210
ELFH2221G
4.40
23 ELFH23210
ELFH2321G
4.60
24 ELFH24210
ELFH2421G
4.80
Catalog #
Catalog #
L
Pos
Black
Green
(In.)
2
ELFH02220
ELFH0222G
.40
3
ELFH03220
ELFH0322G
.60
4
ELFH04220
ELFH0422G
.80
5
ELFH05220
ELFH0522G
1.00
6
ELFH06220
ELFH0622G
1.20
7
ELFH07220
ELFH0722G
1.40
8
ELFH08220
ELFH0822G
1.60
9
ELFH09220
ELFH0922G
1.80
10 ELFH10220
ELFH1022G
2.00
11 ELFH11220
ELFH1122G
2.20
12 ELFH12220
ELFH1222G
2.40
13 ELFH13220
ELFH1322G
2.60
14 ELFH14220
ELFH1422G
2.80
15 ELFH15220
ELFH1522G
3.00
16 ELFH16220
ELFH1622G
3.20
17 ELFH17220
ELFH1722G
3.40
18 ELFH18220
ELFH1822G
3.60
19 ELFH19220
ELFH1922G
3.80
20 ELFH20220
ELFH2022G
4.00
21 ELFH21220
ELFH2122G
4.20
22 ELFH22220
ELFH2222G
4.40
23 ELFH23220
ELFH2322G
4.60
24 ELFH24220
ELFH2422G
4.80
Catalog #
Catalog #
L
Pos
Black
Green
(In.)
2
ELFH02260
ELFH0226G
.40
3
ELFH03260
ELFH0326G
.60
4
ELFH04260
ELFH0426G
.80
5
ELFH05260
ELFH0526G
1.00
6
ELFH06260
ELFH0626G
1.20
7
ELFH07260
ELFH0726G
1.40
8
ELFH08260
ELFH0826G
1.60
9
ELFH09260
ELFH0926G
1.80
10 ELFH10260
ELFH1026G
2.00
11 ELFH11260
ELFH1126G
2.20
12 ELFH12260
ELFH1226G
2.40
13 ELFH13260
ELFH1326G
2.60
14 ELFH14260
ELFH1426G
2.80
15 ELFH15260
ELFH1526G
3.00
16 ELFH16260
ELFH1626G
3.20
17 ELFH17260
ELFH1726G
3.40
18 ELFH18260
ELFH1826G
3.60
19 ELFH19260
ELFH1926G
3.80
20 ELFH20260
ELFH2026G
4.00
21 ELFH21260
ELFH2126G
4.20
22 ELFH22260
ELFH2226G
4.40
23 ELFH23260
ELFH2326G
4.60
24 ELFH24260
ELFH2426G
4.80
SPECIFICATIONS:
Current Rating: 15A
Operating Voltage: 300V
Insulation Resistance: >10
5 Megohms
Dielectric Withstanding: <3000V
HEADER INSTALLATION:
Hole Diameter: .055" min.
MATERIALS:
Housing: PBT, UL 94V-0 (Standard)
PA 4/6, UL 94V-0 (High temp)
Black (Green option standard only)
Contact: Copper alloy, optional finish


Similar Part No. - FXPT10200E

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP07.07.0100A TAOGLAS-FXP07.07.0100A Datasheet
1,022Kb / 10P
   Flexible PCB Penta Band GSM Antenna
FXP07.07.0100A TAOGLAS-FXP07.07.0100A Datasheet
1Mb / 10P
   Flexible PCB Penta Band GSM Antenna
FXP07.07.0100A TAOGLAS-FXP07.07.0100A_16 Datasheet
1Mb / 10P
   Flexible PCB Penta Band GSM Antenna
FXP07.09.0100A TAOGLAS-FXP07.09.0100A Datasheet
979Kb / 11P
   Flexible PCB Penta Band GSM Antenna
FXP07.09.0100A TAOGLAS-FXP07.09.0100A Datasheet
1Mb / 11P
   Flexible PCB Penta Band GSM Antenna
More results

Similar Description - FXPT10200E

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
311571XX METZ-311571XX Datasheet
366Kb / 6P
   screw type terminal block, pluggable
313491XX METZ-313491XX Datasheet
316Kb / 5P
   screw type terminal block, pluggable
312491XX METZ-312491XX Datasheet
294Kb / 5P
   screw type terminal block, pluggable
311071XX METZ-311071XX Datasheet
314Kb / 5P
   screw type terminal block, pluggable
310071XX METZ-310071XX Datasheet
336Kb / 5P
   screw type terminal block, pluggable
logo
Mallory Sonalert Produc...
ACC02 MSPI-ACC02 Datasheet
32Kb / 1P
   Pluggable Screw Terminal Block 180쨘 Wire Entry
logo
PHOENIX CONTACT
3050044 PHOENIX-3050044 Datasheet
1Mb / 3P
   Quick Connection Screw Hybrid Terminal Block QTCU
logo
Kemet Corporation
S301RE657R2R7W KEMET-S301RE657R2R7W Datasheet
411Kb / 8P
   Screw Termination
logo
PHOENIX CONTACT
3050264 PHOENIX-3050264 Datasheet
162Kb / 16P
   Fast connection screw hybrid terminal block - QTTCBU 1.5
logo
FIBOX Enclosing innovat...
3730792 FIBOX-3730792 Datasheet
38Kb / 1P
   Front plate screw
31.07.2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com