Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAS6180 Datasheet(PDF) 3 Page - Pixart Imaging Inc.

Part # PAS6180
Description  CMOS QVGA DIGITAL IMAGE SENSOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6180 Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  PAS6180 Datasheet HTML 1Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 2Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 3Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 4Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 5Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 6Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
PixArt Imaging Inc.
PAS6180
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
3
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, 2011/05/12
2.
Specifications
Absolute Maximum Ratings
Operating Temperature
-30˚C ~ 85˚C
Stable Image Temperature
0˚C ~ 50˚C
Ambient Storage Temperature
-40˚C ~ 125˚C
Supply Voltage ( with respect to ground )
VDD
4.5V
All Input / Output Voltage ( with respect to ground )
-0.3V to VDD + 0.5V
Lead-free temperature, Surface-mount process
245˚C
ESD rating, Human Body model
2000V
DC Electrical Characteristics ( Ta = 0℃ ~ 70℃ )
Symbol
Parameter
Min.
Typ.
Max.
Unit
Type : POWER
VDD
DC supply voltage – Main
2.8
V
IDD
Operating Current (QVGA YUV 30fps / 2.8v)
12
mA
IPWDN
Power Down Current (QVGA YUV 30fps / 2.8v)
10
µA
Type : IN & I/O
VIH
Input Voltage HIGH
VDD
* 0.7
V
VIL
Input Voltage LOW
VDD
* 0.3
V
Type : OUT & I/O
VOH
Output Voltage HIGH
VDD
* 0.9
V
VOL
Output Voltage LOW
VDD
* 0.1
V
AC Operating Condition
Symbol
Parameter
Min.
Typ.
Max.
Unit
fsysclk
System clock frequency
52
MHz
tsysclk_dc
System clock duty cycle
45
55
%
Sensor Characteristics
Parameter
Typ.
Unit
Sensitivity
1500
mV/Lux-Sec
Signal to Noise Ratio
41
dB
Dynamic Range
60
dB


Similar Part No. - PAS6180

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PAS614L-VL3 TAIYO-YUDEN-PAS614L-VL3 Datasheet
147Kb / 1P
   Coin Type Polyacene Capacitors
logo
Pixart Imaging Inc.
PAS6167 PIXART-PAS6167 Datasheet
439Kb / 19P
   CMOS QCIF DIGITAL IMAGE SENSOR
More results

Similar Description - PAS6180

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM205B ETC1-ICM205B Datasheet
589Kb / 41P
   VGA/QVGA CMOS image sensor with digital YUV output
logo
ON Semiconductor
MT9F002 ONSEMI-MT9F002 Datasheet
2Mb / 93P
   CMOS Digital Image Sensor
Rev. H Pub. 6/15 EN
MT9P001 ONSEMI-MT9P001 Datasheet
1Mb / 48P
   CMOS Digital Image Sensor
Rev. L 4/15 EN
AR0130 ONSEMI-AR0130 Datasheet
1Mb / 53P
   CMOS Digital Image Sensor
Rev. L Pub. 6/15 EN
AR0330 ONSEMI-AR0330 Datasheet
2Mb / 77P
   CMOS Digital Image Sensor
Rev. U Pub. 4/15 EN
MT9D015 ONSEMI-MT9D015 Datasheet
1Mb / 75P
   CMOS Digital Image Sensor
Rev. M Pub. 4/15 EN
AR0833 ONSEMI-AR0833_17 Datasheet
410Kb / 43P
   CMOS Digital Image Sensor
March, 2017 ??Rev. 10
MT9D015 ONSEMI-MT9D015_17 Datasheet
490Kb / 55P
   CMOS Digital Image Sensor
May, 2017 ??Rev. 13
MT9D115 ONSEMI-MT9D115 Datasheet
1Mb / 66P
   CMOS Digital Image Sensor
Rev. E Pub. 4/15 EN
MT9M021 ONSEMI-MT9M021 Datasheet
866Kb / 34P
   CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com