Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXPT062G0 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # FXPT062G0
Description  FXP FlexiPlug짰 HYBRID PLUGGABLE BLOCK Screw/Pressure-Plate Termination
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

FXPT062G0 Datasheet(HTML) 1 Page - Amphenol Corporation

  FXPT062G0 Datasheet HTML 1Page - Amphenol Corporation FXPT062G0 Datasheet HTML 2Page - Amphenol Corporation FXPT062G0 Datasheet HTML 3Page - Amphenol Corporation FXPT062G0 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Amphenol Pcd • 2 Technology Drive • Peabody, MA 01960 • www.amphenolpcd.com • 800.333.4723 • info@amphenolpcd.com
FXP FlexiPlug® HYBRID PLUGGABLE BLOCK
Screw/Pressure-Plate Termination
42
.200" (5.08mm)
Amphenol Pcd
HYBRID TERMINAL BLOCK
FXP FlexiPlug® hybrid terminal blocks
combine U.S.-style standard screw-
driver barrier-block wire terminations
with a European-style pluggable block
nose; and will mate with both
Amphenol Pcd and competitive head-
ers. FlexiPlugs can be used inter-
changeably with moving cage clamp
style plugs, such as ELF, and both plug
styles can be used in the same system.
Screw/pressure-plate terminations
enclosed in a tri-barrier configuration
accept either a #2 Philips head or a
1/4" flat screwdriver and will accom-
modate up to two 12 AWG wires or
ring- or fork-tongue terminals
FLEXIPLUG OPTIONS
Optional accessories and variations,
outlined below, greatly expand the
FXP application range and flexibility.
Refer to the Part Number Guide on
this page for catalog number and
ordering guidance, or contact
Amphenol Pcd.
Locking Ears
Integrally molded locking ears are
available with all FlexiPlugs for use in
high-stress or high-vibration applica-
tions, or where unintentional discon-
nect must be prevented. Plug ears
hold a captive floating locking screw
that engages a threaded insert in the
ELFH header ear.
For plugs with an even number of
contact positions, one locking screw
must be offset from the header by
using the FXPAD adapter (see illustra-
tion above).
Open Back Wall
Plugs can be supplied with an open
back wall on the upper row of con-
tacts (see photo insert above). This
facilitates fanning of wires in two
directions during installation.
Plating
Plugs and mating ELFH headers are
available with selective gold plating.
Keying
Standard ELF line keying tabs, as
described on page 29, are applica-
ble on the FXP as well.
Marking
FXP plugs are available with a variety
of standard and special markings.
Please contact the factory to discuss
your requirements.
Color
The standard color for FXP series
plugs is black. All FlexiPlugs are also
available—with the same delivery
commitment—in green.
Protective Cover
A clear protective “finger-proof”
safety cover can be provided with the
FlexiPlug. See photo above. Contact
Amphenol Pcd for details.
SPECIAL VARIATIONS
In addition to the standard FlexiPlug
product variations, Amphenol Pcd is a
leading supplier of special block con-
figurations and modifications, tailored
to meet unusual system design
requirements. The FXP screw clamp
termination is suited for special I/O
configurations. Please contact the fac-
tory for further discussions.
Open Back
Safety Cover


Similar Part No. - FXPT062G0

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP07.07.0100A TAOGLAS-FXP07.07.0100A Datasheet
1,022Kb / 10P
   Flexible PCB Penta Band GSM Antenna
FXP07.07.0100A TAOGLAS-FXP07.07.0100A Datasheet
1Mb / 10P
   Flexible PCB Penta Band GSM Antenna
FXP07.07.0100A TAOGLAS-FXP07.07.0100A_16 Datasheet
1Mb / 10P
   Flexible PCB Penta Band GSM Antenna
FXP07.09.0100A TAOGLAS-FXP07.09.0100A Datasheet
979Kb / 11P
   Flexible PCB Penta Band GSM Antenna
FXP07.09.0100A TAOGLAS-FXP07.09.0100A Datasheet
1Mb / 11P
   Flexible PCB Penta Band GSM Antenna
More results

Similar Description - FXPT062G0

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
311571XX METZ-311571XX Datasheet
366Kb / 6P
   screw type terminal block, pluggable
313491XX METZ-313491XX Datasheet
316Kb / 5P
   screw type terminal block, pluggable
312491XX METZ-312491XX Datasheet
294Kb / 5P
   screw type terminal block, pluggable
311071XX METZ-311071XX Datasheet
314Kb / 5P
   screw type terminal block, pluggable
310071XX METZ-310071XX Datasheet
336Kb / 5P
   screw type terminal block, pluggable
logo
Mallory Sonalert Produc...
ACC02 MSPI-ACC02 Datasheet
32Kb / 1P
   Pluggable Screw Terminal Block 180쨘 Wire Entry
logo
PHOENIX CONTACT
3050044 PHOENIX-3050044 Datasheet
1Mb / 3P
   Quick Connection Screw Hybrid Terminal Block QTCU
logo
Kemet Corporation
S301RE657R2R7W KEMET-S301RE657R2R7W Datasheet
411Kb / 8P
   Screw Termination
logo
PHOENIX CONTACT
3050264 PHOENIX-3050264 Datasheet
162Kb / 16P
   Fast connection screw hybrid terminal block - QTTCBU 1.5
logo
FIBOX Enclosing innovat...
3730792 FIBOX-3730792 Datasheet
38Kb / 1P
   Front plate screw
31.07.2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com