Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EQ-34 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EQ-34
Description  Panasonic Electric Works of America
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EQ-34 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EQ-34 Datasheet HTML 1Page - Panasonic Semiconductor EQ-34 Datasheet HTML 2Page - Panasonic Semiconductor EQ-34 Datasheet HTML 3Page - Panasonic Semiconductor EQ-34 Datasheet HTML 4Page - Panasonic Semiconductor EQ-34 Datasheet HTML 5Page - Panasonic Semiconductor EQ-34 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Panasonic Electric Works Corporation of America
http://pewa.panasonic.com/automation-controls/
FX-500 Series
Type
# Outputs
Model
Discrete
Analog
NPN Output
PNP Output
Standard
1
FX-501
FX-501P
High Function
2
FX-502
FX-502P
Analog
2
1
FX-505-C2
FX-505P-C2
High Visibility Dual Digital Display
The incident light value and threshold setting can be viewed
simultaneously without the need to enter the menu system.
High Stability
Each amplifier is calibrated at the factory to ensure consistency
from part to part. Furthermore, our newly developed active
coupling device (ACD) provides optimal light transmission.
25µs Response Time
With a 25 µs response time, the FX-500 series can handle detec-
tions on even the fastest manufacturing lines.
Additional Features
• Active Threshold Tracking
• Built-In Logic Functions
• Interference Prevention
• Automatic Attenuation
• Multifunction Input
• 8 Channel Memory
FX-100 Series
Low Cost
● Small Size ● 250µs Response Time
Type
Connection
Model
NPN Output
PNP Output
Standard
2M Cable
FX-101-CC2
FX-101P-CC2
M8 Connector
FX-101-Z
FX-101P-Z
Long Range
2M Cable
FX-102-CC2
FX-102P-CC2
M8 Connector
FX-102-Z
FX-102P-Z
FX-300 Series
Mid-Range Performance
● Red, Green and IR LED ● 65µs Response Time
Type
LED
# Outputs
Model
NPN Output
PNP Output
Standard
Red
1
FX-301
FX-301P
Green
1
FX-301G
FX-301GP
Blue
1
FX-301B
FX-301BP
Infrared
1
FX-301H
FX-301HP
High Function
Red
2
FX-305
FX-305P
High Speed, 33µs
Red
1
FX-301-HS
FX-301P-HS
FX-400 Series
Manual Adjustment Amplifier
● Easy to Use ● 150µs Response Time
Type
LED
Model
NPN Output
PNP Output
Standard
Red
FX-411
FX-411P
Green
FX-411G
FX-411GP
Blue
FX-411B
FX-411BP
Raised Adjuster
Red
FX-412
-
Green
FX-412G
-
Blue
FX-412B
-
POWER CABLES
Type
# Cores
Model
1M Length
2M Length
5M Length
Main
Cable
3
CN-73-C1
CN-73-C2
CN-73-C5
4
CN-74-C1
CN-74-C2
CN-74-C5
Sub
Cable
1
CN-71-C1
CN-71-C2
CN-71-C5
2
CN-72-C1
CN-72-C2
CN-72-C5
STANDARD FIBERS
Single Core
● Break Free ● Sharp Bending ● -67 to +176 ºF Temp. Rating
Type
Sensing
Range
Bend
Radius
Model
M4
15
0.591
M4
HYPR: 3600mm
STD: 1130mm
H-SP: 190mm
R2 mm
R0.079 in
FT-42
M3
M3
12
0.472
HYPR: 1350mm
STD: 315mm
H-SP: 70
R4 mm
R0.157 in
FT-31
1.5mm
Dia.
10
0.394
ø1.5 ø0.059
FT-S21
Ultra
Small
Dia.
Beam diameter
ø0.25 mmø0.010 in
Sleeve part
cannot be bent.
ø3
ø0.118
ø0.4
ø0.016
15
0.591
5
0.197
HYPR: 270mm
STD: 75mm
H-SP: 13mm
FT-E23
M6
17
0.669
M6
HYPR: 1400mm
STD: 450mm
H-SP: 70mm
R2 mm
R0.079 in
FD-61
M4
M4
14
0.551
HYPR: 515mm
STD: 125mm
H-SP: 25mm
FD-41
M3
M3
12
0.472
R4 mm
R0.157 in
FD-31
3mm
Dia.
10
0.394
ø3
ø0.118
FD-S31
FIBER OPTIC SENSORS
Universal Power Connection
Optical Communication
Panasonic fiber optic sensors are unmatched in quality
and performance. High speed detections coupled with
unparalleled stability give you the best performance possible.
With over 200 different fiber optic cables, you're sure to find
one for your application, no matter how specialized.
An integrated optical communication port on the FX-500
and FX-300 series allow for remote configuration/control as
well as interference prevention.
Additionally, Panasonic fiber optic sensors utilize a universal
power connection system to decrease wiring and share
power over an array of sensors.
Simply select a main
cable for the first unit in the array and a sub cable for each
subsequent sensor.


Similar Part No. - EQ-34

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EQ-34 PANASONIC-EQ-34 Datasheet
459Kb / 8P
   Adjustable Range Reflective Photoelectric Sensor
EQ-34 PANASONIC-EQ-34 Datasheet
459Kb / 8P
   Adjustable Range Reflective Photoelectric Sensor
EQ-34-PN PANASONIC-EQ-34-PN Datasheet
459Kb / 8P
   Adjustable Range Reflective Photoelectric Sensor
EQ-34-PN PANASONIC-EQ-34-PN Datasheet
459Kb / 8P
   Adjustable Range Reflective Photoelectric Sensor
More results

Similar Description - EQ-34

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
SHH43C72RAU PANASONICBATTERY-SHH43C72RAU Datasheet
49Kb / 1P
   SPECIFICATION OF PANASONIC COMPRESSOR
DGH51C69RAU PANASONICBATTERY-DGH51C69RAU Datasheet
49Kb / 1P
   SPECIFICATION OF PANASONIC COMPRESSOR
logo
Panasonic Semiconductor
AN80T05 PANASONIC-AN80T05 Datasheet
991Kb / 12P
   Panasonic Semiconductor Singapore A Division of Panasonic Semiconductor Asia Pte Ltd
AN17808B PANASONIC-AN17808B Datasheet
982Kb / 15P
   A Division of Panasonic Semiconductor Asia Pte Ltd
REV 1
EZAEG2A50AX PANASONIC-EZAEG2A50AX Datasheet
892Kb / 6P
   Panasonic ESD Suppressors
ECO-S1KP472DA PANASONIC-ECO-S1KP472DA Datasheet
193Kb / 10P
   Panasonic Industrial Company
logo
CUI INC
SMI-US-3L CUI-SMI-US-3L Datasheet
349Kb / 2P
   NORTH AMERICA BLADE
SMI-US-3 CUI-SMI-US-3_V01 Datasheet
570Kb / 2P
   NORTH AMERICA BLADE
06/20/2019
SMI-US-1 CUI-SMI-US-1 Datasheet
250Kb / 2P
   NORTH AMERICA BLADE
SMI-US-3 CUI-SMI-US-3 Datasheet
607Kb / 2P
   NORTH AMERICA BLADE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com