Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCM1512D05 Datasheet(PDF) 2 Page - XP Power Limited

Part # JCM1512D05
Description  15/20 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCM1512D05 Datasheet(HTML) 2 Page - XP Power Limited

  JCM1512D05 Datasheet HTML 1Page - XP Power Limited JCM1512D05 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
28-July-11
JCM15/20
Application Notes
Mechanical Details
Models and Ratings
1. All dimensions are in inches (mm),
2. Weight: 0.04 lbs (20 g) approx.
3. Pin diameter: 0.004 ±0.002 (1.0 ±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Output can be externally trimmed by using the method above.
(Single output models only). For variable trimming, use 100 k
Ωpotentiometer
1.00 (25.4)
1.00
(25.40)
32
1
65
4
0
0.10
(2.54)
0.10
(2.54)
0.40
(10.16)
0.20
(5.08)
0.40
(10.16)
0.80
(20.32)
Bottom View
0.10
(2.54)
0.40
(10.16)
0.30
(7.62)
45
6
1
2
3
0.39
(9.90)
DIA
0.04
(1.00)
0.22
(5.60)
Print
Face
Pin Connections
Pin
Single
Dual
Pin
Single
Dual
1
+Vin
+Vin
4
+Vout
+Vout
2
-Vin
-Vin
5
Trim
Com
3 Remote On/Off Remote On/Off 6
-Vout
-Vout
Input
Voltage
Output
Voltage
Output
Current
Input Current(1)
Maximum
Capacitive Load
Efficiency
Model
Number
No Load
Full Load
9-18 V
3.3 V
4.000 A
20 mA
1310 mA
1000 µF
85%
JCM1512S3V3
5.0 V
3.000 A
20 mA
1471 mA
1000 µF
86%
JCM1512S05
12.0 V
1.300 A
20 mA
1494 mA
330 µF
88%
JCM1512S12
15.0 V
1.000 A
20 mA
1420 mA
220 µF
89%
JCM1512S15
±5.0 V
±1.500 A
20 mA
1488 mA
±470 µF
85%
JCM1512D05
±12.0 V
±0.625 A
20 mA
1420 mA
±220 µF
89%
JCM1512D12
±15.0 V
±0.500 A
20 mA
1437 mA
±100 µF
89%
JCM1512D15
18-36 V
3.3 V
4.000 A
15 mA
647 mA
1000 µF
86%
JCM1524S3V3
5.0 V
3.000 A
15 mA
727 mA
1000 µF
87%
JCM1524S05
12.0 V
1.300 A
15 mA
747 mA
330 µF
88%
JCM1524S12
15.0 V
1.000 A
15 mA
710 mA
220 µF
89%
JCM1524S15
±5.0 V
±1.500 A
15 mA
744 mA
±470 µF
85%
JCM1524D05
±12.0 V
±0.625 A
15 mA
718 mA
±220 µF
88%
JCM1524D12
±15.0 V
±0.500 A
15 mA
710 mA
±100 µF
89%
JCM1524D15
36-75 V
3.3 V
4.000 A
10 mA
327 mA
1000 µF
85%
JCM1548S3V3
5.0 V
3.000 A
10 mA
368 mA
1000 µF
86%
JCM1548S05
12.0 V
1.300 A
10 mA
374 mA
330 µF
88%
JCM1548S12
15.0 V
1.000 A
10 mA
359 mA
220 µF
88%
JCM1548S15
±5.0 V
±1.500 A
10 mA
377 mA
±470 µF
84%
JCM1548D05
±12.0 V
±0.625 A
10 mA
363 mA
±220 µF
87%
JCM1548D12
±15.0 V
±0.500 A
10 mA
359 mA
±100 µF
88%
JCM1548D15
9-18 V
3.3 V
4.500 A
60 mA
1439 mA
7000 µF
86%
JCM2012S3V3
5.0 V
4.000 A
60 mA
1852 mA
5000 µF
90%
JCM2012S05
12.0 V
1.670 A
30 mA
1873 mA
850 µF
89%
JCM2012S12
15.0 V
1.330 A
30 mA
1873 mA
700 µF
89%
JCM2012S15
±12.0 V
±0.833 A
30 mA
1873 mA
±470 µF
89%
JCM2012D12
±15.0 V
±0.667 A
30 mA
1873 mA
±330 µF
89%
JCM2012D15
18-36 V
3.3 V
4.500 A
35 mA
720 mA
7000 µF
86%
JCM2024S3V3
5.0 V
4.000 A
35 mA
936 mA
5000 µF
89%
JCM2024S05
12.0 V
1.670 A
25 mA
936 mA
850 µF
89%
JCM2024S12
15.0 V
1.330 A
25 mA
936 mA
700 µF
89%
JCM2024S15
±12.0 V
±0.833 A
30 mA
936 mA
±470 µF
89%
JCM2024D12
±15.0 V
±0.667 A
30 mA
936 mA
±330 µF
89%
JCM2024D15
36-75 V
3.3 V
4.500 A
25 mA
360 mA
7000 µF
86%
JCM2048S3V3
5.0 V
4.000 A
25 mA
468 mA
5000 µF
89%
JCM2048S05
12.0 V
1.670 A
15 mA
468 mA
850 µF
89%
JCM2048S12
15.0 V
1.330 A
15 mA
468 mA
700 µF
90%
JCM2048S15
±12.0 V
±0.833 A
20 mA
468 mA
±470 µF
89%
JCM2048D12
±15.0 V
±0.667 A
20 mA
468 mA
±330 µF
89%
JCM2048D15
Output Trim
5
RTrim-up
6
4
5
RTrim-down
12 µH
220 µF
+
-
2.2 µF
+Vin
+Vout
DC/DC
Converter
-Vout
Load
-Vin
Notes
Input Filter
Trim Resistor Values
Model Number
Trim up
10%
Trim down
10%
JCM-S3V3
8 k
Ω 12kΩ
JCM-S05
10 k
Ω 5kΩ
JCM-S12
20 k
Ω 7kΩ
JCM-S15
20 k
Ω 6kΩ
Approximate values.
Notes
1. Input current specified at nominal input.
2. Cross regulation for duals is ±5% when one output is at 100% and the other is
varied between 25% and 100%.
3. Measured with 1 µF ceramic capacitor in parallel with a 10 µF electrolytic
across output rails on single output models or 1 µF ceramic capacitor only on
dual output models.


Similar Part No. - JCM1512D05

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCM30 XPPOWER-JCM30 Datasheet
393Kb / 4P
   DC-DC Converter
JCM3012D12 XPPOWER-JCM3012D12 Datasheet
393Kb / 4P
   DC-DC Converter
JCM3012D15 XPPOWER-JCM3012D15 Datasheet
393Kb / 4P
   DC-DC Converter
JCM3012S05 XPPOWER-JCM3012S05 Datasheet
393Kb / 4P
   DC-DC Converter
JCM3012S12 XPPOWER-JCM3012S12 Datasheet
393Kb / 4P
   DC-DC Converter
More results

Similar Description - JCM1512D05

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JTK2048D15 XPPOWER-JTK2048D15 Datasheet
114Kb / 2P
   15/20 Watts JTK Series
logo
Astec America, Inc
AK40A ASTEC-AK40A Datasheet
125Kb / 2P
   15 Watts
AEE04F18 ASTEC-AEE04F18 Datasheet
107Kb / 2P
   15 Watts
AK42A-024L-033D025SM ASTEC-AK42A-024L-033D025SM Datasheet
1Mb / 2P
   15 Watts
logo
TT Electronics.
PLO TTELEC-PLO Datasheet
374Kb / 2P
   3 watts to 15 watts
4LPW TTELEC-4LPW Datasheet
282Kb / 2P
   3 watts to 15 watts
LPW TTELEC-LPW Datasheet
155Kb / 2P
   3 watts to 15 watts
logo
Artesyn Technologies
LDO03C-005W05-VJ ARTESYN-LDO03C-005W05-VJ_14 Datasheet
786Kb / 4P
   POWER 15 Watts
logo
Anaren Microwave
20-50TPC-S ANAREN-20-50TPC-S Datasheet
218Kb / 2P
   20 Watts
logo
Artesyn Technologies
AEE04F18-LS ARTESYN-AEE04F18-LS Datasheet
659Kb / 3P
   POWER 15 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com