Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82498F3561J Datasheet(PDF) 8 Page - EPCOS

Part # B82498F3561J
Description  SIMID series, SIMID 0805-F
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82498F3561J Datasheet(HTML) 8 Page - EPCOS

Back Button B82498F3561J Datasheet HTML 2Page - EPCOS B82498F3561J Datasheet HTML 3Page - EPCOS B82498F3561J Datasheet HTML 4Page - EPCOS B82498F3561J Datasheet HTML 5Page - EPCOS B82498F3561J Datasheet HTML 6Page - EPCOS B82498F3561J Datasheet HTML 7Page - EPCOS B82498F3561J Datasheet HTML 8Page - EPCOS B82498F3561J Datasheet HTML 9Page - EPCOS B82498F3561J Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
10/12
Inductance L versus DC load current IDC
measured with RF LCR meter
Agilent 4285A, typical values at +20 °C
Current derating Iop/IR
versus ambient temperature TA
(rated temperature TR = +105 °C)
IND0549-G
10
_2
10 1
_
10 0
10 1
DC
I
A
L
10 1
μH
_
10 3
10 2
_
1
_
10
10 0
6.8 μH
4.7 μH
2.7 μH
1 μH
0.82 μH
0.10 μH
0.01 μH
B82498F
0
0
0.2
0.4
I
0.6
R
0.8
1.0
op
I
1.2
A
T
IND0548-H
20
40
60
80
100
140
B82498F
C
B82498F
SMT inductors, SIMID series
SIMID 0805-F


Similar Part No. - B82498F3561J

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82498F3561J000 EPCOS-B82498F3561J000 Datasheet
172Kb / 10P
   SMT inductors
More results

Similar Description - B82498F3561J

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82498F EPCOS-B82498F Datasheet
78Kb / 7P
   SMT Inductors, SIMID Series SIMID 0805-F
B82432C EPCOS-B82432C Datasheet
128Kb / 8P
   SIMID series, SIMID 1812-C
B82432T EPCOS-B82432T Datasheet
127Kb / 8P
   SIMID series, SIMID 1812-T
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
B82422H1223K EPCOS-B82422H1223K Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series SIMID 1210?묱
B82422H1474K EPCOS-B82422H1474K Datasheet
484Kb / 8P
   SMT inductors SIMID series, SIMID 1210-H
B82496C3159A EPCOS-B82496C3159A Datasheet
81Kb / 6P
   SMT Inductors, SIMID Series
B82499A EPCOS-B82499A Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82496C3109 EPCOS-B82496C3109 Datasheet
125Kb / 8P
   SMT inductors, SIMID series
B82496-A EPCOS-B82496-A Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com