Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDB181-B425P-103A1 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PDB181-B425P-103A1
Description  17 mm Rotary Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDB181-B425P-103A1 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PDB181-B425P-103A1 Datasheet HTML 1Page - Bourns Electronic Solutions PDB181-B425P-103A1 Datasheet HTML 2Page - Bourns Electronic Solutions PDB181-B425P-103A1 Datasheet HTML 3Page - Bourns Electronic Solutions PDB181-B425P-103A1 Datasheet HTML 4Page - Bourns Electronic Solutions PDB181-B425P-103A1 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
Single and dual section control
Metal shaft styles
Carbon element
Center and multiple detent options
Wide range of resistance tapers
Plain or knurled shaft options
PDB18 Series - 17 mm Rotary Potentiometer
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Characteristics
Taper.................................... Linear, audio
Standard Resistance Range
....................... 1 K ohms to 1 M ohms
Standard Resistance Tolerance.....±20 %
Residual Resistance ................. 1 % max.
Environmental Characteristics
Operating Temperature ...-10 °C to +50 °C
Power Rating
Linear .....................................0.2 watt
Dual Section..................0.125 watt
Audio......................................0.1 watt
Dual Section....................0.06 watt
Maximum Operating Voltage
Linear ........................................ 200 V
Audio......................................... 150 V
Sliding Noise ........................ 47 mV max.
Mechanical Characteristics
Mechanical Angle .................... 300 ° ±5 °
Rotational Torque .......... 10 to 150 gf-cm
Detent Torque ............... 150 to 500 g-cm
Stop Strength ..................... 5 kg-cm min.
Rotational Life ................... 15,000 cycles
Soldering Condition
........... 260 °C max. within 3 seconds
Hardware ................. One flat washer and
mounting nut supplied per
potentiometer with bushing
Product Dimensions
DIMENSIONS:
MM
(INCHES)
PDB181-K
L
6.5
(.255)
2.0
(.078)
2.0
(.078)
9.5
(.374)
A
6.0
(.236)
DIA.
1.0
(.039)
18 TEETH
KNURL
M7 x P0.75
DIA.
16.5
(.649)
0.5
(.019)
3.6
(.141)
17.0
(.669)
DIA.
8.4
(.330)
30
°
1.2
(.047)
2.8
(.110)
12.5
(.492)
4.0
(.157)
1
2
3
1.0
(.039)
5.0
(.196)
5.0
(.196)
SHAFT SHOWN IN CCW POSITION
PDB181-A
L
6.5
(.255)
9.5
(.374)
2.0
(.078)
2.0
(.078)
6.0
(.236)
1.0
(.039)
A
M7 x P0.75
18 TEETH
KNURL
DIA.
17.0
(.669)
4.0
(.157)
3.6
(.141)
15.0
(.590)
8.4
(.330)
1.2
.047)
10.0
(.393)
1.0
(.039)
2.5
(.098)
13.5
(.531)
18.0
± 0.5
(.708
± .019)
30
°
SHAFT SHOWN IN CCW POSITION
1
2
3
Derating Curve
Ambient Temperature (°C)
20
40 50 60 70
80 90 100
30
10
0
20
33
40
60
80
100
0
2
13
SCHEMATIC


Similar Part No. - PDB181-B425P-103A1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDB181-GTR BOURNS-PDB181-GTR Datasheet
360Kb / 2P
   PDB181-GTR Series - 17 mm Guitar Potentiometer
PDB181-K425K-103A1 BOURNS-PDB181-K425K-103A1 Datasheet
522Kb / 5P
   17 mm Rotary Potentiometer
More results

Similar Description - PDB181-B425P-103A1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDA17 BOURNS-PDA17 Datasheet
266Kb / 3P
   17 mm Rotary Potentiometer
PDB18 BOURNS-PDB18 Datasheet
522Kb / 5P
   17 mm Rotary Potentiometer
PDB184 BOURNS-PDB184 Datasheet
270Kb / 2P
   17 mm Rotary Potentiometer w/Rotary Switch
PDB183 BOURNS-PDB183 Datasheet
362Kb / 3P
   17 mm Rotary Potentiometer w/Push-Pull Switch
H-1202 BOURNS-H-1202 Datasheet
341Kb / 2P
   17 mm Guitar Potentiometer
PDB12 BOURNS-PDB12 Datasheet
220Kb / 2P
   12 mm Rotary Potentiometer
PDB08 BOURNS-PDB08 Datasheet
739Kb / 3P
   PDB08 - 8 mm Micro Rotary Potentiometer
03/21
PDB24 BOURNS-PDB24 Datasheet
310Kb / 2P
   PDB24 Series - 24 mm Rotary Potentiometer
logo
Productwell Precision E...
EC10A12V070 PRODUCTWELL-EC10A12V070 Datasheet
114Kb / 1P
   ROTARY POTENTIOMETER
EC10A12V090 PRODUCTWELL-EC10A12V090 Datasheet
114Kb / 1P
   ROTARY POTENTIOMETER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com