Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2K-C25ME1 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E2K-C25ME1
Description  Adjustable Capacitive Prox
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2K-C25ME1 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E2K-C25ME1 Datasheet HTML 1Page - Omron Electronics LLC E2K-C25ME1 Datasheet HTML 2Page - Omron Electronics LLC E2K-C25ME1 Datasheet HTML 3Page - Omron Electronics LLC E2K-C25ME1 Datasheet HTML 4Page - Omron Electronics LLC E2K-C25ME1 Datasheet HTML 5Page - Omron Electronics LLC E2K-C25ME1 Datasheet HTML 6Page - Omron Electronics LLC E2K-C25ME1 Datasheet HTML 7Page - Omron Electronics LLC E2K-C25ME1 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
E2K-C
5
E2K-C
Engineering Data
Operating Range
E2K-C25MY1
Detecting head
Setting
distance
30
25
20
15
10
5
25mm
20mm
15mm
10mm
5mm
Y (mm)
25 20 15 10
5
0
5
10 15 20
25
Y
Standard
target
X
Detecting
head
Detecting Distance vs. Size and Material of Target
Detecting Distances of Common Materials
10
20
30 40
50
60 70
80 90 100
25
20
15
10
5
0
X
Size of target
(mm)
Phenolic resin
plate
t = 6 mm
Grounded
mild steel
t = 1 mm
Detecting
distance
Ungrounded
mild steel
t = 1 mm
30
25
20
15
10
5
0


Similar Part No. - E2K-C25ME1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2K-C25ME1 OMRON-E2K-C25ME1 Datasheet
122Kb / 6P
   Long-distance capacitive proximity sensor
E2K-C25ME1 OMRON-E2K-C25ME1 Datasheet
389Kb / 6P
   Long-distance Capacitive Proximity Sensor
E2K-C25ME1 OMRON-E2K-C25ME1 Datasheet
373Kb / 18P
   Adjustable Long-distance Sensor
E2K-C25ME1 OMRON-E2K-C25ME1 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
E2K-C25ME12M OMRON-E2K-C25ME12M Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
More results

Similar Description - E2K-C25ME1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
TL-W OMRON-TL-W Datasheet
223Kb / 8P
   Miniature Inductive Prox
E2C-C1A OMRON-E2C-C1A Datasheet
396Kb / 15P
   Miniature Inductive Prox
E2K-C25MF1 OMRON-E2K-C25MF1 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
E2KC25ME18 OMRON-E2KC25ME18 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
E2E-X10MY2-US OMRON-E2E-X10MY2-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
E2E-X5E1-M1 OMRON-E2E-X5E1-M1 Datasheet
270Kb / 5P
   Short Barrel Inductive Prox
TL-Q2MC1 OMRON-TL-Q2MC1 Datasheet
119Kb / 9P
   Compact Rectangular Inductive Prox
E2E2-X2C1 OMRON-E2E2-X2C1 Datasheet
362Kb / 9P
   Long Barrel Inductive Prox
E2E-X5Y1-53-US OMRON-E2E-X5Y1-53-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
E2EVX5C1 OMRON-E2EVX5C1 Datasheet
300Kb / 6P
   All Metal Sensing Inductive Prox
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com