Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC143XEB Datasheet(PDF) 1 Page - Rohm

Part # DTC143XEB
Description  NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC143XEB Datasheet(HTML) 1 Page - Rohm

  DTC143XEB Datasheet HTML 1Page - Rohm DTC143XEB Datasheet HTML 2Page - Rohm DTC143XEB Datasheet HTML 3Page - Rohm DTC143XEB Datasheet HTML 4Page - Rohm DTC143XEB Datasheet HTML 5Page - Rohm DTC143XEB Datasheet HTML 6Page - Rohm DTC143XEB Datasheet HTML 7Page - Rohm DTC143XEB Datasheet HTML 8Page - Rohm DTC143XEB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DTC143X series
NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
Datasheet
l
lOutline
Parameter
Value
VMT3
EMT3F
VCC
50V
 
 
 
 
IC(MAX.)
100mA
R1
4.7kΩ
DTC143XM
DTC143XEB
R2
10kΩ
(SC-105AA)
(SC-89)
EMT3
UMT3F
l
lFeatures
 
 
 
 
1) Built-In Biasing Resistors
2) Built-in bias resistors enable the configuration of
 an inverter circuit without connecting external
 input resistors (see inner circuit) .
3) The bias resistors consist of thin-film resistors
 with complete isolation to allow negative biasing
 of the input. They also have the advantage of
 completely eliminating parasitic effects.
4) Only the on/off conditions need to be set
 for operation, making the circuit design easy.
5) Complementary PNP Types: DTA143X series
6) Lead Free/RoHS Compliant.
DTC143XE
DTC143XUB
SOT-416(SC-75A)
(SC-85)
UMT3
SMT3
 
 
 
 
DTC143XUA
DTC143XKA
SOT-323(SC-70)
SOT-346(SC-59)
l
lInner circuit
l
lApplication
Switching circuit, Inverter circuit, Interface circuit,
Driver circuit
l
lPackaging specifications
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
DTC143XM
VMT3
1212
T2L
180
8
8000
43
DTC143XEB
EMT3F
1616
TL
180
8
3000
43
DTC143XE
EMT3
1616
TL
180
8
3000
43
DTC143XUB
UMT3F
2021
TL
180
8
3000
43
DTC143XUA
UMT3
2021
T106
180
8
3000
43
DTC143XKA
SMT3
2928
T146
180
8
3000
43
                                                                                         
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
1/10
20121023 - Rev.001


Similar Part No. - DTC143XEB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143XEB ROHM-DTC143XEB Datasheet
65Kb / 3P
   100mA / 50V Digital transistors
DTC143XEB ROHM-DTC143XEB Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143XEB ROHM-DTC143XEB Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143XEB ROHM-DTC143XEB Datasheet
3Mb / 12P
   NPN 100mA 50V Digital Transistors
DTC143XEBHZG ROHM-DTC143XEBHZG Datasheet
765Kb / 8P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
More results

Similar Description - DTC143XEB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC123EKAT146 ROHM-DTC123EKAT146 Datasheet
1Mb / 4P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143ZEBTL ROHM-DTC143ZEBTL Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC123J ROHM-DTC123J Datasheet
558Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143E ROHM-DTC143E Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143E ROHM-DTC143E Datasheet
567Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC144E ROHM-DTC144E_12 Datasheet
567Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC124EKAT146 ROHM-DTC124EKAT146 Datasheet
571Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors
DTC143XUAT106 ROHM-DTC143XUAT106 Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC113ZUAT106 ROHM-DTC113ZUAT106 Datasheet
928Kb / 7P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC115GU3HZG ROHM-DTC115GU3HZG Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC123JCAHZG ROHM-DTC123JCAHZG Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com