Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR1105W-TR Datasheet(PDF) 5 Page - STANLEY ELECTRIC CO.,LTD.

Part # FR1105W-TR
Description  3216 Dome Lens Type, Water Clear resin
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

FR1105W-TR Datasheet(HTML) 5 Page - STANLEY ELECTRIC CO.,LTD.

  FR1105W-TR Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. FR1105W-TR Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. FR1105W-TR Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. FR1105W-TR Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. FR1105W-TR Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. FR1105W-TR Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. FR1105W-TR Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. FR1105W-TR Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. FR1105W-TR Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Luminous Intensity Rank
Page 5
※ Please contact our sales staff concerning rank designation.
Single Color High Brightness Type
1105W Series
(Ta=25℃)
MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX.
A
25
50
80
160
70
140
70
140
70
140
B
35
70
110
220
100
200
100
200
100
200
C
50
100
160
320
140
280
140
280
140
280
D
70
140
220
440
200
400
200
400
200
400
E
100
200
320
640
280
-
280
-
280
-
F
200
-
440
-
IV(mcd)
Rank
FY
FA
IF=20mA
IF=20mA
IF=20mA
YBG
FR
IF=20mA
YPY
IF=20mA
2005.7.29


Similar Part No. - FR1105W-TR

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
FR1105W-RR STANLEY-FR1105W-RR Datasheet
440Kb / 19P
   Single Color High Brightness Type
More results

Similar Description - FR1105W-TR

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
208-501-21-38 MARL-208-501-21-38_15 Datasheet
271Kb / 5P
   Water clear lens
235-038-9307 MARL-235-038-9307_15 Datasheet
254Kb / 4P
   Water clear lens
236-038-9307 MARL-236-038-9307_15 Datasheet
265Kb / 4P
   Water clear lens
202-301-23-3811 MARL-202-301-23-3811_15 Datasheet
279Kb / 5P
   Water clear lens
238-501-98 MARL-238-501-98_15 Datasheet
206Kb / 4P
   Water clear lens
206-501-21-38 MARL-206-501-21-38_15 Datasheet
320Kb / 5P
   Water clear lens
205-501-21-38 MARL-205-501-21-38_15 Datasheet
274Kb / 5P
   Water clear lens
212-501-21-38 MARL-212-501-21-38_15 Datasheet
265Kb / 5P
   Water clear lens
610-301-21 MARL-610-301-21_15 Datasheet
402Kb / 4P
   Water clear lens
logo
Visual Communications C...
CNX718 VCC-CNX718 Datasheet
164Kb / 2P
   dome-shaped clear lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com