Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BC847T
Description  45 V, 100 mA NPN general-purpose transistors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC847T Datasheet(HTML) 3 Page - NXP Semiconductors

  BC847T Datasheet HTML 1Page - NXP Semiconductors BC847T Datasheet HTML 2Page - NXP Semiconductors BC847T Datasheet HTML 3Page - NXP Semiconductors BC847T Datasheet HTML 4Page - NXP Semiconductors BC847T Datasheet HTML 5Page - NXP Semiconductors BC847T Datasheet HTML 6Page - NXP Semiconductors BC847T Datasheet HTML 7Page - NXP Semiconductors BC847T Datasheet HTML 8Page - NXP Semiconductors BC847T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
BC847_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 8 — 20 August 2012
3 of 18
NXP Semiconductors
BC847 series
45 V, 100 mA NPN general-purpose transistors
3.
Ordering information
[1]
Valid for all available selection groups.
4.
Marking
[1]
* = placeholder for manufacturing site code
Table 4.
Ordering information
Type number[1]
Package
Name
Description
Version
BC847
-
plastic surface-mounted package; 3 leads
SOT23
BC847A
BC847B
BC847C
BC847W
SC-70
plastic surface-mounted package; 3 leads
SOT323
BC847AW
BC847BW
BC847CW
BC847T
SC-75
plastic surface-mounted package; 3 leads
SOT416
BC847AT
BC847BT
BC847CT
BC847AM
SC-101
leadless ultra small plastic package; 3 solder lands;
body 1.0
 0.6  0.5 mm
SOT883
BC847BM
BC847CM
Table 5.
Marking codes
Type number
Marking code[1]
Type number
Marking code[1]
BC847
1H*
BC847T
1N
BC847A
1E*
BC847AT
1E
BC847B
1F*
BC847BT
1F
BC847C
1G*
BC847CT
1G
BC847W
1H*
BC847AM
D4
BC847AW
1E*
BC847BM
D5
BC847BW
1F*
BC847CM
D6
BC847CW
1G*


Similar Part No. - BC847T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847T PHILIPS-BC847T Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 26
logo
Infineon Technologies A...
BC847T INFINEON-BC847T Datasheet
229Kb / 9P
   NPN Silicon AF Transistors
Aug-01-2002
logo
NXP Semiconductors
BC847T PHILIPS-BC847T Datasheet
84Kb / 13P
   45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
logo
Guangdong Kexin Industr...
BC847T KEXIN-BC847T Datasheet
39Kb / 1P
   NPN General Purpose Transistors
logo
NXP Semiconductors
BC847T NXP-BC847T Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
More results

Similar Description - BC847T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847 NXP-BC847 Datasheet
96Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
BC847XMB NXP-BC847XMB Datasheet
349Kb / 14P
   45 V, 100 mA NPN general-purpose transistors
Rev. 1-5 March 2012
BC847BW115 NXP-BC847BW115 Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
logo
Nexperia B.V. All right...
BC847XMB_SER NEXPERIA-BC847XMB_SER Datasheet
1,007Kb / 14P
   45 V, 100 mA NPN general-purpose transistors
Rev. 1 - 5 March 2012
logo
NXP Semiconductors
BC847B.235 NXP-BC847B.235 Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
logo
Nexperia B.V. All right...
BC847XW_SER NEXPERIA-BC847XW_SER Datasheet
233Kb / 12P
   45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
BC847XM_SER NEXPERIA-BC847XM_SER Datasheet
228Kb / 11P
   45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
logo
NXP Semiconductors
BC847B.215 NXP-BC847B.215 Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
logo
Nexperia B.V. All right...
BC847XQA NEXPERIA-BC847XQA Datasheet
1Mb / 15P
   45 V, 100 mA NPN general-purpose transistors
BC847X-Q_SER NEXPERIA-BC847X-Q_SER Datasheet
226Kb / 12P
   45 V, 100 mA NPN general-purpose transistors
Rev. 2 - 24 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com