Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FN283E-2-06 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FN283E-2-06
Description  Compact Filtered Power Entry Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN283E-2-06 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FN283E-2-06 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN283E-2-06 Datasheet HTML 2Page - List of Unclassifed Manufacturers FN283E-2-06 Datasheet HTML 3Page - List of Unclassifed Manufacturers FN283E-2-06 Datasheet HTML 4Page - List of Unclassifed Manufacturers FN283E-2-06 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
EMC/EMI Products > FN 280
FN 281
FN 282
FN 283
FN 284
FN 285
FN 286
Tolerances
Dimensions
A
32
32
50
50
32
32
±0.3
B
82
82
65
65
65
65
±0.3
C
72
72
40
40
±0.1
D
43.1
43.1
43.1
43.1
43.6
43.6
±0.3
E
28.5
28.5
28.5
28.5
28.5
28.5
±0.25
F
5.5
5.5
5.5
5.5
5
5
±0.3
G
59.95 max.
59.95 max.
59.95 max.
59.95 max.
59.95 max.
59.95 max.
H
Ø3.5
Ø3.5
Ø3.3
Ø3.3
I
13.4
16.2
13.4
16.2
13.9
16.7
±0.3
J
22.5
22.5
22.5
22.5
22.5
22.5
M
R ≤ 2.5
R ≤ 2.5
R ≤ 2.5
R ≤ 2.5
R ≤ 2.5
R ≤ 2.5
N
60
60
60
60
61.5 +0.2/-0*
61.5 +0.2/-0*
+0.5/-0
P
29
29
29
29
29
29
+0.5/-0
R
M3
M3
M3
M3
S
90°
90°
90°
90°
*
For a panel thickness between 0.8 and 3mm
All dimensions in mm; 1 inch = 25.4mm
Tolerances according: ISO 2768-m / EN 22768-m
Mechanical data
FN 281 / FN 282
FN 283 / FN 284
A
B
E
H
C
S
F
D
I
6.3 x 0.8
J
U
FN 285 / FN 286
Panel cut out
N
M
P
C
A
B
E
H
G
S
F
D
I
6.3 x 0.8
J
U
C
A
B
E
G
S
F
D
I
6.3 x 0.8
J
U
R
N
M
P
C
R
G
IEC plug type
IEC plug type
C14
C14
C14


Similar Part No. - FN283E-2-06

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN283E-2-06 SCHAFFNER-FN283E-2-06 Datasheet
535Kb / 5P
   Compact filtered power entry module
More results

Similar Description - FN283E-2-06

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN-280 SCHAFFNER-FN-280 Datasheet
535Kb / 5P
   Compact filtered power entry module
FN-9280 SCHAFFNER-FN-9280 Datasheet
3Mb / 9P
   Ultra Compact and Versatile Filtered Power Entry Module
FN-9290 SCHAFFNER-FN-9290 Datasheet
2Mb / 7P
   Ultra Compact and Versatile Filtered Power Entry Module
FN-390 SCHAFFNER-FN-390 Datasheet
619Kb / 5P
   Versatile Filtered Power Entry Module
FN-370 SCHAFFNER-FN-370 Datasheet
1Mb / 5P
   Versatile Filtered Power Entry Module
FN-380 SCHAFFNER-FN-380 Datasheet
743Kb / 5P
   Versatile Filtered Power Entry Module
logo
Tyco Electronics
1CUFE1 MACOM-1CUFE1 Datasheet
390Kb / 4P
   Compact 1U Height Switched Power Entry Module
1EGG1-1 MACOM-1EGG1-1 Datasheet
85Kb / 2P
   Smallest Filtered Power Entry Modules with Metric Fuseholders
1EGG1-1 MACOM-1EGG1-1_1 Datasheet
71Kb / 2P
   Smallest Filtered Power Entry Modules with Metric Fuseholders
logo
Schurter Inc.
DG12-IP40 SCHURTER-DG12-IP40 Datasheet
444Kb / 1P
   Power Entry Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com