Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS793475DBVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS793475DBVR
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS793475DBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS793475DBVR Datasheet HTML 4Page - Texas Instruments TPS793475DBVR Datasheet HTML 5Page - Texas Instruments TPS793475DBVR Datasheet HTML 6Page - Texas Instruments TPS793475DBVR Datasheet HTML 7Page - Texas Instruments TPS793475DBVR Datasheet HTML 8Page - Texas Instruments TPS793475DBVR Datasheet HTML 9Page - Texas Instruments TPS793475DBVR Datasheet HTML 10Page - Texas Instruments TPS793475DBVR Datasheet HTML 11Page - Texas Instruments TPS793475DBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.ti.com
APPLICATION INFORMATION
TPS793xx
GND
EN
NR
IN
OUT
V
IN
V
OUT
0.1
µF
0.01
µF
2.2
µF
V
IN
V
OUT
External Capacitor Requirements
Board Layout Recommendation to Improve PSRR and Noise Performance
TPS793xx
SLVS348K – JULY 2001 – REVISED OCTOBER 2007
The TPS793xx family of low-dropout (LDO) regulators has been optimized for use in noise-sensitive
battery-operated equipment. The device features extremely low dropout voltages, high PSRR, ultralow output
noise, low quiescent current (170
μA typically), and enable-input to reduce supply currents to less than 1μA when
the regulator is turned off.
A typical application circuit is shown in Figure 22.
Figure 22. Typical Application Circuit
A 0.1
μF or larger ceramic input bypass capacitor, connected between IN and GND and located close to the
TPS793xx, is required for stability and improves transient response, noise rejection, and ripple rejection. A
higher-value input capacitor may be necessary if large, fast-rise-time load transients are anticipated or the device
is located several inches from the power source.
Like most low-dropout regulators, the TPS793xx requires an output capacitor connected between OUT and GND
to stabilize the internal control loop. The minimum recommended capacitance is 2.2
μF. Any 2.2μF or larger
ceramic capacitor is suitable, provided the capacitance does not vary significantly over temperature. If load
current is not expected to exceed 100mA, a 1.0
μF ceramic capacitor can be used.
The internal voltage reference is a key source of noise in an LDO regulator. The TPS793xx has an NR pin which
is connected to the voltage reference through a 250k
Ω internal resistor. The 250kΩ internal resistor, in
conjunction with an external bypass capacitor connected to the NR pin, creates a low-pass filter to reduce the
voltage reference noise and, therefore, the noise at the regulator output. In order for the regulator to operate
properly, the current flow out of the NR pin must be at a minimum, because any leakage current creates an IR
drop across the internal resistor, thus creating an output error. Therefore, the bypass capacitor must have
minimal leakage current. The bypass capacitor should be no more than 0.1
μF to ensure that it is fully charged
during the quickstart time provided by the internal switch shown in the Functional Block Diagrams.
As an example, the TPS79328 exhibits only 32
μVRMS of output voltage noise using a 0.1μF ceramic bypass
capacitor and a 2.2
μF ceramic output capacitor. Note that the output starts up slower as the bypass capacitance
increases due to the RC time constant at the NR pin that is created by the internal 250k
Ω resistor and external
capacitor.
To improve ac measurements like PSRR, output noise, and transient response, it is recommended that the board
be designed with separate ground planes for VIN and VOUT, with each ground plane connected only at the GND
pin of the device. In addition, the ground connection for the bypass capacitor should connect directly to the GND
pin of the device.
8
Submit Documentation Feedback
Copyright © 2001–2007, Texas Instruments Incorporated


Similar Part No. - TPS793475DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS793475DBVR TI-TPS793475DBVR Datasheet
442Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS IN NANOSTAR WAFER CHIP SCALE AND SOT23
TPS793475DBVR TI-TPS793475DBVR Datasheet
891Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TPS793475DBVR TI1-TPS793475DBVR Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793475DBVR TI1-TPS793475DBVR Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS793475DBVR TI1-TPS793475DBVR Datasheet
1Mb / 34P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
More results

Similar Description - TPS793475DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS796XX TI-TPS796XX Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com