Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ55182W Datasheet(PDF) 9 Page - Texas Instruments

Part # SNJ55182W
Description  DUAL DIFFERENTIAL LINE RECEIVERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ55182W Datasheet(HTML) 9 Page - Texas Instruments

Back Button SNJ55182W Datasheet HTML 5Page - Texas Instruments SNJ55182W Datasheet HTML 6Page - Texas Instruments SNJ55182W Datasheet HTML 7Page - Texas Instruments SNJ55182W Datasheet HTML 8Page - Texas Instruments SNJ55182W Datasheet HTML 9Page - Texas Instruments SNJ55182W Datasheet HTML 10Page - Texas Instruments SNJ55182W Datasheet HTML 11Page - Texas Instruments SNJ55182W Datasheet HTML 12Page - Texas Instruments SNJ55182W Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
SN55182, SN75182
DUAL DIFFERENTIAL LINE RECEIVERS
SLLS092D – OCTOBER 1972 – REVISED APRIL 1998
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
SUPPLY CURRENT
(AVERAGE PER RECEIVER)
vs
COMMON-MODE INPUT VOLTAGE
10
8
6
4
2
0
12
VIC – Common-Mode Input Voltage – V
VID = –1 V
VID = 1 V
10
0
–10
20
–20
–15
15
5
–5
VCC = 5 V
No Load
TA = 25°C
Figure 10
POWER DISSIPATION
(AVERAGE PER RECEIVER)
vs
COMMON-MODE INPUT VOLTAGE
VIC – Common-Mode Input Voltage – V
200
100
0
300
TA = 25°C
TA = 125°C
10
0
–10
20
–20
–15
15
5
–5
50
150
250
VCC = 5 V
VID = –1 V
Max Rated PD at TA = 125°C
(W Package )
† Operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied.


Similar Part No. - SNJ55182W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ55182W TI-SNJ55182W Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SNJ55182W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
logo
Texas Instruments
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
Intersil Corporation
EL5175 INTERSIL-EL5175_07 Datasheet
337Kb / 16P
   550MHz Differential Line Receivers
EL5172 INTERSIL-EL5172_08 Datasheet
349Kb / 16P
   250MHz Differential Line Receivers
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com