Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS79318YZQT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79318YZQT
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79318YZQT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS79318YZQT Datasheet HTML 2Page - Texas Instruments TPS79318YZQT Datasheet HTML 3Page - Texas Instruments TPS79318YZQT Datasheet HTML 4Page - Texas Instruments TPS79318YZQT Datasheet HTML 5Page - Texas Instruments TPS79318YZQT Datasheet HTML 6Page - Texas Instruments TPS79318YZQT Datasheet HTML 7Page - Texas Instruments TPS79318YZQT Datasheet HTML 8Page - Texas Instruments TPS79318YZQT Datasheet HTML 9Page - Texas Instruments TPS79318YZQT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ti.com
10
100
1 k
10 k
10
40
80
100 k
1 M
10 M
Frequency (Hz)
IOUT = 10 mA
50
0
VIN = 3.8 V
COUT = 10 µF
CNR = 0.01 µF
IOUT = 200 mA
20
30
60
70
90
100
10
100
1 k
10 k
20
60
100
100 k
1 M
10 M
Frequency (Hz)
VIN = 3.8 V
COUT = 2.2 µF
CNR = 0.01 µF
IOUT = 10 mA
IOUT = 200 mA
40
70
90
30
50
80
10
0
10
100
1 k
10 k
20
60
100
100 k
1 M
10 M
Frequency (Hz)
VIN = 3.8 V
COUT = 2.2 µF
CNR = 0.1 µF
IOUT = 10 mA
IOUT = 200 mA
40
70
90
30
50
80
10
0
3
Time (
µs)
0
60
40
20
80 100
140
120
160 180 200
VIN = 3.8 V
VOUT = 2.8 V
IOUT = 200 mA
COUT = 2.2 µF
TJ = 25°C
1
2
0
0
2
CNR = 0.0047 µF
CNR = 0.01 µF
4
CNR = 0.001 µF
Time (
µs)
0
30
20
10
40
50
70
60
80
90 100
IOUT = 200 mA
COUT = 2.2 µF
CNR = 0.01 µF
0
-20
3.8
dv
dt
+
0.4 V
µs
20
4.8
Time (
µs)
0
0
150
100
50
200 250
350
300
400 450
20
0
−20
100
500
VIN = 3.8 V
COUT = 10 µF
−40
200
300
di
dt
+
0.02A
µs
1mA
1s/div
VIN
VOUT
VOUT = 3 V
RL = 15 Ω
100
50
0
20
40 60
80 100 120
150
200
250
140 160 180 200
0
IOUT (mA)
TJ = 125°C
TJ = 25°C
TJ = −55°C
0
50
100
150
200
2.5
3.0
3.5
4.0
4.5
5.0
VIN (V)
IOUT = 200 mA
TJ = 25°C
TJ = −40°C
TJ = 125°C
TPS793xx
SLVS348K – JULY 2001 – REVISED OCTOBER 2007
TYPICAL CHARACTERISTICS (SOT23 PACKAGE) (continued)
TPS79328
TPS79328
TPS79328
RIPPLE REJECTION
RIPPLE REJECTION
RIPPLE REJECTION
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 11.
Figure 12.
Figure 13.
TPS79328 OUTPUT VOLTAGE,
ENABLE VOLTAGE
vs
TPS79328
TPS79328
TIME (START-UP)
LINE TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
Figure 14.
Figure 15.
Figure 16.
TPS79301
DROPOUT VOLTAGE
DROPOUT VOLTAGE
vs
vs
POWER-UP / POWER-DOWN
OUTPUT CURRENT
INPUT VOLTAGE
Figure 17.
Figure 18.
Figure 19.
6
Submit Documentation Feedback
Copyright © 2001–2007, Texas Instruments Incorporated


Similar Part No. - TPS79318YZQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79318YZQT TI-TPS79318YZQT Datasheet
891Kb / 20P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 200mA LOW-DROPOUT LINEAR REGULATORS IN NanoStar WAFER CHIP SCALE AND SOT23
TPS79318YZQT TI1-TPS79318YZQT Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS79318YZQT TI1-TPS79318YZQT Datasheet
1Mb / 33P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar Wafer Chip Scale and SOT-23
TPS79318YZQT TI1-TPS79318YZQT Datasheet
1Mb / 34P
[Old version datasheet]   TPS793 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators in NanoStar??Wafer Chip Scale and SOT-23
More results

Similar Description - TPS79318YZQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS796XX TI-TPS796XX Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com