Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC1201Y3RHHTG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # MSC1201Y3RHHTG4
Description  Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1201Y3RHHTG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button MSC1201Y3RHHTG4 Datasheet HTML 3Page - Texas Instruments MSC1201Y3RHHTG4 Datasheet HTML 4Page - Texas Instruments MSC1201Y3RHHTG4 Datasheet HTML 5Page - Texas Instruments MSC1201Y3RHHTG4 Datasheet HTML 6Page - Texas Instruments MSC1201Y3RHHTG4 Datasheet HTML 7Page - Texas Instruments MSC1201Y3RHHTG4 Datasheet HTML 8Page - Texas Instruments MSC1201Y3RHHTG4 Datasheet HTML 9Page - Texas Instruments MSC1201Y3RHHTG4 Datasheet HTML 10Page - Texas Instruments MSC1201Y3RHHTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
7
DIGITAL CHARACTERISTICS: DVDD = 2.7V to 5.25V
All specifications from TMIN to TMAX, FMCON = 10h, all digital outputs high, and PDCON = 00h (all peripherals ON) or PDCON = FFh (all peripherals OFF), unless
otherwise specified.
MSC120x
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Power-Supply Requirements
DVDD
2.7
3.3
3.6
V
Normal Mode, fOSC = 1MHz, All Peripherals ON
0.7
mA
Normal Mode, fOSC = 1MHz, All Peripherals OFF
0.6
mA
Normal Mode, fOSC = 8MHz, All Peripherals ON
4.7
mA
Digital Power-Supply Current
Normal Mode, fOSC = 8MHz, All Peripherals OFF
4.3
mA
Digital Power-Supply Current
Internal Oscillator LF Mode (14.8MHz nominal),
All Peripherals ON
8.6
mA
Internal Oscillator LF Mode (14.8MHz nominal),
All Peripherals OFF
7.9
mA
Stop Mode, External Clock OFF
100
nA
DVDD
4.75
5.0
5.25
V
Normal Mode, fOSC = 1MHz, All Peripherals ON
1.4
mA
Normal Mode, fOSC = 1MHz, All Peripherals OFF
1.3
mA
Normal Mode, fOSC = 8MHz, All Peripherals ON
9.3
mA
Normal Mode, fOSC = 8MHz, All Peripherals OFF
8.6
mA
Digital Power-Supply Current
Internal Oscillator LF Mode (14.8MHz nom), All
Peripherals ON
18
mA
Digital Power-Supply Current
Internal Oscillator LF Mode (14.8MHz nom), All
Peripherals OFF
16
mA
Internal Oscillator HF Mode (29.5MHz nom), All
Peripherals ON
33
mA
Internal Oscillator HF Mode (29.5MHz nom), All
Peripherals OFF
31
mA
Stop Mode, External Clock OFF
100
nA
Digital Input/Output (CMOS)
Logic Level
VIH (except XIN pin)
0.6
• DVDD
DVDD
V
Logic Level
VIL (except XIN pin)
DGND
0.2
• DVDD
V
Ports 1 and 3, Input Leakage Current, Input
Mode
VIH = DVDD or VIH = 0V
0
µA
I/O Pin Hysteresis
700
mV
VOL, Ports 1 and 3, All Output Modes
IOL = 1mA
DGND
0.4
V
VOL, Ports 1 and 3, All Output Modes
IOL = 30mA, 3V (20mA)
1.5
V
VOH, Ports 1 and 3, Strong Drive Output
IOH = 1mA
DVDD − 0.4
DVDD − 0.1
DVDD
V
VOH, Ports 1 and 3, Strong Drive Output
IOH = 30mA, 3V (20mA)
DVDD − 1.5
V
Ports 1 and 3, Pull-Up Resistors
Tolerance =
±25%
13
k
FLASH MEMORY CHARACTERISTICS: DVDD = 2.7V to 5.25V
MSC120x
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Flash Memory Endurance
100,000
1,000,000
cycles
Flash Memory Data Retention
100
Years
Mass and Page Erase Time
Set with FER Value in FTCON, from TMIN to TMAX
10
ms
Flash Memory Write Time
Set with FWR Value in FTCON
30
40
µs


Similar Part No. - MSC1201Y3RHHTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1201Y3RHHTG4 TI-MSC1201Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
MSC1201Y3RHHTG4 TI1-MSC1201Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com