Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRS11S-N20F-102B1 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PRS11S-N20F-102B1
Description  11 mm SMD Potentiometer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PRS11S-N20F-102B1 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PRS11S-N20F-102B1 Datasheet HTML 1Page - Bourns Electronic Solutions PRS11S-N20F-102B1 Datasheet HTML 2Page - Bourns Electronic Solutions PRS11S-N20F-102B1 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
11.3
(.445)
5.0
(.197)
DIA. 2 PLCS.
SOLDER LAND
Recommended Land Pattern
GLUE LAND
5.0
(.197)
2.0
(.079)
5 PLCS.
4.0
(.157)
5 PLCS.
1.5 +0.1/-0
(.059 +.004/-0)
8.0
(.315)
8.5
(.335)
11.7 ± 0.3
(.461 ± .012)
60 °
7.2
(.283)
5.0
(.197)
Y
X
X
Y
20.0
(.787)
12.8
(.504)
5.0
(.197)
0.1
(.004)
COPLANARITY
MAX.
0.2
(.008)
R
MAX.
0.5
(.020)
C
1.5
(.059)
MOUNTING SURFACE
0.95
(.037)
R
1.0
(.039)
1.4
(.055)
1.5
(.059)
2.5
(.098)
13.0
(.512)
Y
Y
X
SHAFT SHOWN IN FULL C.C.W. POSITION
NOTES:
1. Layout tolerances: ±0.1 mm/(.004 in.).
2. Recommended PCB thickness: 1.6 mm/(.063 in.).
X
45
3
2
1
6.0
(.236)
9.0
(.354)
9.5
(.374)
7.0
(.276)
7.5
(.295)
4.5
(.177)
DIA.
7.5
(.295)
3.8
(.150)
4.3
(.169)
1.0
(.039
7.5
(.295)
4.0
(.157)
5.0
(.196)
18 TEETH
KNURLED SHAFT
FLATTED SHAFT
12.8
(.504)
6.0
(.236)
DIA.
6.0
(.236)
4.5
(.177)
DIA.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PRS11S - 11 mm SMD Potentiometer
Product Dimensions
Schematic
3
R1 1
4 = no connection
5 = no connection
2
DIMENSION
TOLERANCE
<10.0
(<.394)
±0.3
(±.012)
10.0 ~ 100
(.394 ~ 3.937)
±0.5
(±.020)
DIMENSIONS:
MM
(INCHES)
Tolerances
Applications
Multimedia sound systems
Audio and DJ equipment
Portable electronics
Portable appliances
Automotive sound systems
Environmental controls


Similar Part No. - PRS11S-N20F-102B1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PRS11R BOURNS-PRS11R Datasheet
766Kb / 4P
   PRS11R - 11 mm Rotary Metal Shaft Potentiometer
03/31/21
PRS11R-215F-S103B1 BOURNS-PRS11R-215F-S103B1 Datasheet
766Kb / 4P
   PRS11R - 11 mm Rotary Metal Shaft Potentiometer
03/31/21
PRS11R-415F-S103B1 BOURNS-PRS11R-415F-S103B1 Datasheet
766Kb / 4P
   PRS11R - 11 mm Rotary Metal Shaft Potentiometer
03/31/21
More results

Similar Description - PRS11S-N20F-102B1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PRS11R BOURNS-PRS11R Datasheet
766Kb / 4P
   PRS11R - 11 mm Rotary Metal Shaft Potentiometer
03/31/21
3312 BOURNS-3312 Datasheet
740Kb / 3P
   2 mm SMD Trimpot Trimming Potentiometer
3224W-1-103E BOURNS-3224W-1-103E Datasheet
132Kb / 2P
   3224 - 4 mm SMD Trimming Potentiometer
TC33B-1-103E BOURNS-TC33B-1-103E Datasheet
258Kb / 2P
   3 mm SMD Trimpot Trimming Potentiometer
3223 BOURNS-3223 Datasheet
533Kb / 2P
   3 mm SMD Trimpot짰 Trimming Potentiometer
3224J-1-104E BOURNS-3224J-1-104E Datasheet
132Kb / 2P
   3224 - 4 mm SMD Trimming Potentiometer
3302 BOURNS-3302 Datasheet
186Kb / 1P
   2 mm SMD Trimpot짰 Trimming Potentiometer
TC42X-2-103E BOURNS-TC42X-2-103E Datasheet
946Kb / 1P
   2 mm SMD Trimpot Trimming Potentiometer
3224W-1-104E BOURNS-3224W-1-104E Datasheet
237Kb / 2P
   3224 - 4 mm SMD Trimpot짰 Trimming Potentiometer
3224J-1-101E BOURNS-3224J-1-101E Datasheet
237Kb / 2P
   3224 - 4 mm SMD Trimpot짰 Trimming Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com