Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2225GC333KAT1A Datasheet(PDF) 3 Page - AVX Corporation

Part # 2225GC333KAT1A
Description  1210, 1825, 2225, 3640 X7R Dielectric, High Voltage MLC Chips, Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

2225GC333KAT1A Datasheet(HTML) 3 Page - AVX Corporation

  2225GC333KAT1A Datasheet HTML 1Page - AVX Corporation 2225GC333KAT1A Datasheet HTML 2Page - AVX Corporation 2225GC333KAT1A Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Your Electronic Engineering Resource 
 
2220HC562KAT1A
1789479
52R2448
CAPACITOR, 2220, 3000V, 5.6NF
2220HC682KAT1A
1789481
52R2449
CAPACITOR, 2220, 3000V, 6.8NF
2220HC682KAZ1A
1789482
52R2450
CAPACITOR, 2220, 3000V, 6.8NF
2225SC683KAT1A
1789483
52R2458
CAPACITOR, 2225, 1500V, 68NF
2225SC683KAZ1A
1789484
52R2459
CAPACITOR, 2225, 1500V, 68NF
2225GC333KAT1A
1789485
52R2453
CAPACITOR, 2225, 2000V, 33NF
2225GC333KAZ1A
1789486
52R2454
CAPACITOR, 2225, 2000V, 33NF
2225WC223KAT1A
1789487
52R2460
CAPACITOR, 2225, 2500V, 22NF
2225HC103KAT1A
1789488
52R2455
CAPACITOR, 2225, 3000V, 10NF
2225HC153KAT1A
1789489
52R2456
CAPACITOR, 2225, 3000V, 15NF
2225HC153KAZ1A
1789490
52R2457
CAPACITOR, 2225, 3000V, 15NF
Legal Disclaimer: The content of the pages of this website is for your general information and use only. It is subject to change without notice. From time to time, this website may
also include links to other websites. These links are provided for your convenience to provide further information. They do not signify that we endorse the website(s). We have no
responsibility for the content of the linked website(s). Your use of any information or materials on this website is entirely at your own risk, for which we shall not be liable. It shall
be your own responsibility to ensure that any products, services or information available through this website meet your specific requirements.


Similar Part No. - 2225GC333KAT1A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
2225G100JA11A AVX-2225G100JA11A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
2225G100JA13A AVX-2225G100JA13A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
2225G100JAT1A AVX-2225G100JAT1A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
2225G100JAT3A AVX-2225G100JAT3A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
2225G100KA11A AVX-2225G100KA11A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
More results

Similar Description - 2225GC333KAT1A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805AA330KAT1A AVX-0805AA330KAT1A Datasheet
99Kb / 2P
   High Voltage MLC Chips
1825CC104KAT1A AVX-1825CC104KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1206CC153KAT1A AVX-1206CC153KAT1A Datasheet
118Kb / 2P
   High Voltage MLC Chips
1206GC102KAT1A AVX-1206GC102KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1812AA102JAT1A AVX-1812AA102JAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1812GC102KAT1A AVX-1812GC102KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1206AC102KAT2A AVX-1206AC102KAT2A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1808GC222KAT1A AVX-1808GC222KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1812HA101JAT1A AVX-1812HA101JAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1812SA101KAT1A AVX-1812SA101KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com