Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2450FB15L0001 Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # 2450FB15L0001
Description  Integrated Passive Component Packaging
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

2450FB15L0001 Datasheet(HTML) 2 Page - Johanson Technology Inc.

  2450FB15L0001 Datasheet HTML 1Page - Johanson Technology Inc. 2450FB15L0001 Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3. Leader and Trailer Tape (Plastic material)
4. Peel-off Force
Peel-off force should be in the range of 0.1 – 0.6 N at a peel-off speed of 300±10 mm/min.
5. Storage Conditions
Temperature: 15 - 35° C and relative humidity (RH): 45 - 75%.
Non-corrosive environment
It is recommended that product be used within 18 months of receipt
6. The following p/n's require vacuum sealed packaging when stored (due to Ag (silver)
termination):
7. Notes
The contents of this data sheet are subject to change without notice. Please confirm the specifications and
delivery conditions when placing your order.
0400FA15A0400
1810BP07B200
2450BP14D0100
2500BP15M400
0866BL15C200
1900HP41B500
2450BP14E0100
2500FB16A0400
0869LD14D1810
1900HP41C0500
2450BP15D100
2595FB16A0100
0892DP15A1940
1906BP18C027
2450BP15E0100
2595FB39A0050
0892LP07A0136
1906BP39B027
2450BP15F0100
2600BP14M0200
0896BL14B050
2345FB16A0100
2450BP15G0100
3500FB16A0100
0896BM15A0001
2345FB39A0050
2450BP15M0100
3500FB39A0050
0896FB15A0100
2450BM15B0003
2450BP15P0100
3600BP14M0600
0900BL15C050
2450FB15L0001
2450BP39D100C
3600BP15M600
1200BP44A575
2450FB15A0100
2450BP39D100E
5525BP15B0750
1200LP41B0500
2450BP07A0100
2450BP39F100A
1200LP41C0500
2450BP07A0100
2450HP15A100
Peeling Direction
Top Cover Tape
Carrier Tape
<10
0
Trailer End
Trailer (80mm min.)
Cover Tape Only
60mm min.
Leader End
Empty Compartments with Cover Tape
(80mm min.)


Similar Part No. - 2450FB15L0001

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450FB15L0001 JOHANSON-2450FB15L0001 Datasheet
142Kb / 4P
   2.45 GHz Harmonic Filter-Balun Optimized for AT86RF230/231 and ATmega128RFA1
2450FB15L0001E JOHANSON-2450FB15L0001E Datasheet
434Kb / 4P
   High Frequency Ceramic Solutions
More results

Similar Description - 2450FB15L0001

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
LCR200 EXTECH-LCR200 Datasheet
227Kb / 1P
   Passive Component LCR Meter
380193 EXTECH-380193_15 Datasheet
871Kb / 1P
   Passive Component LCR Meter
380193 EXTECH-380193 Datasheet
196Kb / 1P
   Passive Component LCR Meter
logo
Johanson Technology Inc...
2450PC14A0017 JOHANSON-2450PC14A0017 Datasheet
202Kb / 3P
   Impedance-Matched Highly Integrated Ceramic Passive Component for Atheros Qualcomm AR6004 Chipset
0900PC15J0013 JOHANSON-0900PC15J0013 Datasheet
916Kb / 5P
   868/915MHz Impedance Matched, Multi-Function, Integrated Ceramic Passive Component for Texas Instruments
0896BM15A0032 JOHANSON-0896BM15A0032 Datasheet
150Kb / 4P
   Sub-GHz Impedance Matched Balun LPF integrated Passive Component for Microchip SAM R30
logo
Bourns Electronic Solut...
2DAB-F6R BOURNS-2DAB-F6R Datasheet
235Kb / 4P
   Integrated Passive & Active Device
2FAL-M16R BOURNS-2FAL-M16R Datasheet
277Kb / 3P
   Integrated Passive & Active Devices
logo
ON Semiconductor
TCP-4118UB ONSEMI-TCP-4118UB Datasheet
223Kb / 7P
   Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
logo
Bourns Electronic Solut...
2FAF-M8R BOURNS-2FAF-M8R Datasheet
300Kb / 3P
   Integrated Passive & Active Devices
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com