Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0002TMAX Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH0002TMAX
Description  LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0002TMAX Datasheet(HTML) 3 Page - Texas Instruments

  LMH0002TMAX Datasheet HTML 1Page - Texas Instruments LMH0002TMAX Datasheet HTML 2Page - Texas Instruments LMH0002TMAX Datasheet HTML 3Page - Texas Instruments LMH0002TMAX Datasheet HTML 4Page - Texas Instruments LMH0002TMAX Datasheet HTML 5Page - Texas Instruments LMH0002TMAX Datasheet HTML 6Page - Texas Instruments LMH0002TMAX Datasheet HTML 7Page - Texas Instruments LMH0002TMAX Datasheet HTML 8Page - Texas Instruments LMH0002TMAX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LMH0002
www.ti.com
SNLS215D – JANUARY 2006 – REVISED AUGUST 2008
DC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified
(1) (2).
Symbol Parameter
Conditions
Reference
Min
Typ
Max
Units
VCMIN
Input Common Mode Voltage
SDI, SDI
1.6 +
VCC
V
VSDI/2
VSDI/2
VSDI
Input Voltage Swing
Differential
100
2000
mVP−P
VCMOUT Output Common Mode Voltage
SDO, SDO
VCC
V
VSDO
VSDO
Output Voltage Swing
Single-ended, 75
Ω load,
750
800
850
mVP-P
RREF = 750Ω 1%
Single-ended, 75
Ω load,
900
1000
1100
mVP-P
RREF = 590Ω 1%
SD/HD Input Voltage
Min for SD
SD/HD
2.4
V
Max for HD
0.8
V
SD/HD Input Current
3.7
µA
ICC
Supply Current
SD/HD = 0, (3)
45
49
mA
SD/HD = 1, (3)
38
43
mA
(1)
Current flow into device pins is defined as positive. Current flow out of device pins is defined as negative. All voltages are stated
referenced to VEE = 0 Volts.
(2)
Typical values are stated for VCC = +3.3V and TA = +25°C.
(3)
Maximum ICC is measured at VCC = +3.465V and TA = +70°C.
AC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified
(1).
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
DRSDI
Input Data Rate
See (2)
SDI, SDI
1485
Mbps
tjit
Additive Jitter
1.485 Gbps
SDO, SDO
26
psP-P
270 Mbps
18
psP-P
tr,tf
Output Rise Time, Fall Time
SD/HD = 0, 20% – 80%,(3)
120
220
ps
SD/HD = 1, 20% – 80%
400
560
800
ps
Mismatch in Rise/Fall Time
See (2)
30
ps
Duty Cycle Distortion
SD/HD = 0, (2)
30
ps
SD/HD = 1, (2)
100
ps
tOS
Output Overshoot
See (2)
8
%
RLSDO
Output Return Loss
See (4)
15
20
dB
(1)
Typical values are stated for VCC = +3.3V and TA = +25°C.
(2)
Specification is guaranteed by characterization.
(3)
Specification is guaranteed by characterization and verified by test.
(4)
Output return loss is dependent on board design. The LMH0002 meets this specification on the SD002 evaluation board from 5MHz to
1.5GHz.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH0002


Similar Part No. - LMH0002TMAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0002TMAX TI-LMH0002TMAX Datasheet
766Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002TMAX TI1-LMH0002TMAX Datasheet
786Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002TMAX TI-LMH0002TMAX Datasheet
766Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002TMAX TI-LMH0002TMAX Datasheet
766Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002TMAX-NOPB TI1-LMH0002TMAX-NOPB Datasheet
786Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
More results

Similar Description - LMH0002TMAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0002SQE TI-LMH0002SQE Datasheet
766Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002SQE TI1-LMH0002SQE Datasheet
786Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002TMAX TI-LMH0002TMAX Datasheet
766Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002MA TI-LMH0002MA Datasheet
766Kb / 13P
[Old version datasheet]   LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 TI1-LMH0002_14 Datasheet
784Kb / 14P
[Old version datasheet]   SMPTE 292M / 259M Serial Digital Cable Driver
logo
National Semiconductor ...
CLC002 NSC-CLC002 Datasheet
446Kb / 4P
   SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 NSC-LMH0002_08 Datasheet
247Kb / 6P
   SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 NSC-LMH0002 Datasheet
459Kb / 5P
   SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002_0610 NSC-LMH0002_0610 Datasheet
495Kb / 6P
   SMPTE 292M / 259M Serial Digital Cable Driver
LMH0202_0606 NSC-LMH0202_0606 Datasheet
503Kb / 6P
   Dual SMPTE 292M / 259M Serial Digital Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com