Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC660CN Datasheet(PDF) 5 Page - Texas Instruments

Part # LMC660CN
Description  LMC660 CMOS Quad Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC660CN Datasheet(HTML) 5 Page - Texas Instruments

  LMC660CN Datasheet HTML 1Page - Texas Instruments LMC660CN Datasheet HTML 2Page - Texas Instruments LMC660CN Datasheet HTML 3Page - Texas Instruments LMC660CN Datasheet HTML 4Page - Texas Instruments LMC660CN Datasheet HTML 5Page - Texas Instruments LMC660CN Datasheet HTML 6Page - Texas Instruments LMC660CN Datasheet HTML 7Page - Texas Instruments LMC660CN Datasheet HTML 8Page - Texas Instruments LMC660CN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LMC660
www.ti.com
SNOSBZ3D – APRIL 1998 – REVISED MARCH 2013
Typical Performance Characteristics
VS = ±7.5V, TA = 25°C unless otherwise specified.
Supply Current
vs.
Supply Voltage
Offset Voltage
Figure 3.
Figure 4.
Input Bias Current
Output Characteristics Current Sinking
Figure 5.
Figure 6.
Input Voltage Noise
vs.
Output Characteristics Current Sourcing
Frequency
Figure 7.
Figure 8.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMC660


Similar Part No. - LMC660CN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC660CN NSC-LMC660CN Datasheet
461Kb / 14P
   CMOS Quad Operational Amplifier
LMC660CN NSC-LMC660CN Datasheet
441Kb / 12P
   CMOS Quad Operational Amplifier
LMC660CN NSC-LMC660CN Datasheet
873Kb / 14P
   CMOS Quad Operational Amplifier
More results

Similar Description - LMC660CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6034 TI1-LMC6034 Datasheet
1Mb / 22P
[Old version datasheet]   CMOS Quad Operational Amplifier
logo
National Semiconductor ...
LMC660 NSC-LMC660_00 Datasheet
441Kb / 12P
   CMOS Quad Operational Amplifier
LMC660EP NSC-LMC660EP Datasheet
891Kb / 15P
   CMOS Quad Operational Amplifier
LMC660 NSC-LMC660_06 Datasheet
873Kb / 14P
   CMOS Quad Operational Amplifier
LMC660 NSC-LMC660 Datasheet
461Kb / 14P
   CMOS Quad Operational Amplifier
LMC6034 NSC-LMC6034 Datasheet
301Kb / 12P
   CMOS Quad Operational Amplifier
LMC6044 NSC-LMC6044 Datasheet
387Kb / 12P
   CMOS Quad Micropower Operational Amplifier
logo
Texas Instruments
LMC6034IMX TI-LMC6034IMX Datasheet
1Mb / 22P
[Old version datasheet]   LMC6034 CMOS Quad Operational Amplifier
LMC6044 TI1-LMC6044_17 Datasheet
1Mb / 23P
[Old version datasheet]   CMOS Quad Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6084 NSC-LMC6084 Datasheet
729Kb / 14P
   Precision CMOS Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com