Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC7101BIM5 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7101BIM5
Description  LMC7101/LMC7101Q Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC7101BIM5 Datasheet(HTML) 2 Page - Texas Instruments

  LMC7101BIM5 Datasheet HTML 1Page - Texas Instruments LMC7101BIM5 Datasheet HTML 2Page - Texas Instruments LMC7101BIM5 Datasheet HTML 3Page - Texas Instruments LMC7101BIM5 Datasheet HTML 4Page - Texas Instruments LMC7101BIM5 Datasheet HTML 5Page - Texas Instruments LMC7101BIM5 Datasheet HTML 6Page - Texas Instruments LMC7101BIM5 Datasheet HTML 7Page - Texas Instruments LMC7101BIM5 Datasheet HTML 8Page - Texas Instruments LMC7101BIM5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LMC7101, LMC7101Q
SNOS719F – SEPTEMBER 1999 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
ESD Tolerance (3)
Human Body Model
1000V
Machine Model
200V
Charged Device Model
1000V
Difference Input Voltage
±Supply Voltage
Voltage at Input/Output Pin
(V+) + 0.3V, (V)
− 0.3V
Supply Voltage (V+
− V)
16V
Current at Input Pin
±5 mA
Current at Output Pin (4)
±35 mA
Current at Power Supply Pin
35 mA
Lead Temp. (Soldering, 10 sec.)
260°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (5)
150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
Human Body Model is 1.5 k
Ω in series with 100 pF.
(4)
Applies to both single-supply and split-supply operation. Continuous short operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature at 150°C.
(5)
The maximum power dissipation is a function of TJ(MAX), θJA and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) − TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Recommended Operating Conditions
(1)
Supply Voltage
2.7V
≤ V+ ≤ 15.5V
Temperature Range
LMC7101AI, LMC7101BI
−40°C to 85°C
LMC7101Q
−40°C to 125°C
Thermal Resistance (
θJA)
5-Pin SOT-23
325°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
2.7V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C, V
+ = 2.7V, V= 0V, V
CM = VO = V
+/2 and R
L > 1 MΩ. Boldface
limits apply at the temperature extremes.
LMC7101AI
LMC7101BI
LMC7101Q
Symbol
Parameter
Conditions
Typ(1)
Limit
Limit
Limit
Units
(2)
(2)
(2) (3)
mV
VOS
Input Offset Voltage Average Drift
V+ = 2.7V
0.11
6
9
9
max
TCVOS
Input Offset Voltage
1
μV/°C
IB
Input Bias Current
1.0
64
64
1000
pA max
IOS
Input Offset Current
0.5
32
32
2000
pA max
RIN
Input Resistance
>1
Tera
Ω
0V
≤ VCM ≤ 2.7V
CMRR
Common-Mode Rejection Ratio
70
55
50
50
dB min
V+ = 2.7V
0.0
0.0
0.0
0.0
V min
Input Common Mode Voltage
VCM
For CMRR
≥ 50 dB
Range
3.0
2.7
2.7
2.7
V max
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are guaranteed by testing or statistical analysis.
(3)
When operated at temperature between
−40°C and 85°C, the LMC7101Q will meet LMC7101BI specifications.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMC7101 LMC7101Q


Similar Part No. - LMC7101BIM5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7101BIM5 NSC-LMC7101BIM5 Datasheet
853Kb / 18P
   Tiny Low Power Operational Amplifier with Rail-To-Rail Input and Output
logo
Micrel Semiconductor
LMC7101BIM5 MICREL-LMC7101BIM5 Datasheet
154Kb / 12P
   Low-Power Operational Amplifier
logo
National Semiconductor ...
LMC7101BIM5 NSC-LMC7101BIM5 Datasheet
845Kb / 24P
   Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
logo
Micrel Semiconductor
LMC7101BIM5 MICREL-LMC7101BIM5 Datasheet
134Kb / 12P
   Low-Power Operational Amplifier
logo
Texas Instruments
LMC7101BIM5 TI1-LMC7101BIM5 Datasheet
1Mb / 33P
[Old version datasheet]   Tiny Low-Power Operational Amplifier
More results

Similar Description - LMC7101BIM5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC7101AIM5X TI-LMC7101AIM5X Datasheet
1Mb / 28P
[Old version datasheet]   LMC7101/LMC7101Q Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
LMC7101 TI-LMC7101_15 Datasheet
1Mb / 33P
[Old version datasheet]   LMC7101, LMC7101Q-Q1 Tiny Low-Power Operational Amplifier With Rail-to-Rail Input and Output
logo
National Semiconductor ...
LMC7101 NSC-LMC7101 Datasheet
853Kb / 18P
   Tiny Low Power Operational Amplifier with Rail-To-Rail Input and Output
LMC7101 NSC-LMC7101_09 Datasheet
845Kb / 24P
   Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
logo
Texas Instruments
108335 TI-108335 Datasheet
1Mb / 21P
[Old version datasheet]   Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
LMC7111BIM5 TI-LMC7111BIM5 Datasheet
1Mb / 26P
[Old version datasheet]   LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
LMC7111 TI1-LMC7111 Datasheet
1Mb / 26P
[Old version datasheet]   LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
logo
National Semiconductor ...
LMC7111 NSC-LMC7111_14 Datasheet
1Mb / 26P
   LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
LMC7111 NSC-LMC7111 Datasheet
735Kb / 18P
   Tiny CMOS Operational Amplifier with Rail-to-Rail Input
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com