Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

83A1A-A12-J15L Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # 83A1A-A12-J15L
Description  Square 10-Turn
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

83A1A-A12-J15L Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  83A1A-A12-J15L Datasheet HTML 1Page - Bourns Electronic Solutions 83A1A-A12-J15L Datasheet HTML 2Page - Bourns Electronic Solutions 83A1A-A12-J15L Datasheet HTML 3Page - Bourns Electronic Solutions 83A1A-A12-J15L Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
“Hybritron” is a registered trademark of Bourns, Inc.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
83/84 - 5/8 ” Square 10-Turn
How To Order
8 3
A
1
A
-
B
2 8
-
J
1 5
L
ELEMENT TAPER
RESISTANCE CODE
TYPE/TOLERANCE
VALUE IN OHMS
J
K
(J)
Linear Wirewound
(06) - 200
(10) - 1 K
10-Turn ±5 %
(08) - 500
(11) - 2 K
(K)
Linear Hybritron®
(10) - 1 K
(13) - 5 K
Elements 10-Turn ±10 %
(11) - 2 K
(15) - 10 K
(13) - 5 K
(16) - 20 K
(15) - 10 K
(18) - 50 K
(16) - 20 K
(20) - 100 K
(18) - 50 K
(20) - 100 K
AVAILABLE ONLY IN
SHAFT TYPE
LENGTHS
BUSHINGS
(CODE)
(CODE)
A
Single Plain 1/4 ” (6.35 mm) D
16,20,24,28
A, B, J
B
Single Slotted 1/4 ” (6.35 mm) D
16,20,24,28
A, B, J
C
Single Flatted 1/4 ” (6.35 mm) D
20,24,28
A, B, J
E
Single Slotted 1/8 ” (3.18 mm) D
12,16,20,24,28
C, E, N
F
Single Flatted 1/8 ” (3.18 mm) D
Consult Factory C, N
G
Dual Concentric Plain 1/4 ” (6.35 mm) D - 1/8 ” (3.18 mm) D
36,40
A, J
Outer Operates Section 1
K
Dual Concentric Plain 1/8 ” (3.18 mm) D - 5/64 ” (1.98 mm) D
32,36
C, N
Outer Operates Section 1
L
Dual Concentric Plain 1/4 ” (6.35 mm) D - 1/8 ” (3.18 mm) D
36,40
A, J
Outer Operates Section 1/2
M
Dual Concentric Plain 1/8 ” (3.18 mm) D - 5/64 ” (1.98 mm) D
32,36
C, N
Outer Operates Section 1
N
Dual Concentric Plain 1/4 ” (6.35 mm) D - 1/8 ” (3.18 mm) D
36,40
A, J
Outer Operates Section 1/2/3
P
Dual Concentric Plain 1/8 ” (3.18 mm) D - 5/64 ” (1.98 mm) D
32,36
C, N
Outer Operates Section 1/2
R
Single Slotted 6 mm D
16,19,22,50
R, S
T
Single Slotted 4 mm D
10, 13, 22
U
V
Dual Concentric Plain 6 mm D - 3 mm D
30, 42
R
Outer Operates Section 1
A
Plain 3/8 ” (9.53 mm) D x 3/8 ” (9.53 mm) L
B
Locking 3/8 ” (9.53 mm) D x 1/2 ” (12.7 mm) L
C
Plain 1/4 ” (6.35 mm) D x 1/4 ” (6.35 mm) L
E
Locking 1/4 ” (6.35 mm) D x 1/2 ” (12.7 mm) L
J
Plain 3/8 ” (9.53 mm) D x 1/4 ” (6.35 mm) L
N
Plain 1/4 ” (6.35 mm) D x 3/8 ” (9.53 mm) L
R
Plain 10 mm D x 9 mm L
U
Plain 7 mm D x 6 mm L
MODEL
83
10-Turn, PC Pins
84
10-Turn, Solder Lugs
# SECTIONS
1
Single
2
Double
3
Triple
BUSHING
A
Single .305 R, 90 °CW
B
Double .305 R, 90 ° & 270 °CW
C
Single .305 R, 270 °CW
D
No Lug
E
Single .531 R, 90 °CW
F
Single .305 R, 180 °CW
J
Single .375 R, 90 °CW
K
Double .375 R, 90 ° & 270 °CW
ANTI-ROTATION LUG
RoHS IDENTIFIER
Compliant
L
Boldface features are Bourns standard options.
All others are available with higher minimum order
quantities.
SHAFT
AVAILABLE
LENGTH
ONLY IN
(FMS)
BUSHING
Code
Description
Code
12
3/8 ” L
C, N, J
16
1/2 ” L
A, C, J, N
20
5/8 ” L
A, B, C, E, J, N
24
3/4 ” L
A, B, C, E, J, N
28
7/8 ” L
A, B, C, E, J, N
32
1 ” L
A, B, C, E, J, N
36
1-1/8 ” L
A, B, C, E, J, N
40
1-1/4 ” L
A, B, C, E, J, N
Metric
10
10 mmL
U
13
13 mmL
U
16
16 mmL
R
19
19 mmL
R
22
22 mmL
R, U
30
30 mmL
R
42
42 mmL
R
50
50 mmL
R
REV. 06/12


Similar Part No. - 83A1A-A12-J15L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
83A1A-A12-J10 BOURNS-83A1A-A12-J10 Datasheet
276Kb / 4P
   83/84 - 5/8 Square 10-Turn
83A1A-A12-J10L BOURNS-83A1A-A12-J10L Datasheet
276Kb / 4P
   83/84 - 5/8 Square 10-Turn
More results

Similar Description - 83A1A-A12-J15L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
83A1A-B28-J15L BOURNS-83A1A-B28-J15L Datasheet
276Kb / 4P
   83/84 - 5/8 Square 10-Turn
logo
Vishay Siliconix
M63P201KB40T607 VISHAY-M63P201KB40T607 Datasheet
88Kb / 3P
   3/8 Square (10 mm) Single-Turn Cermet Trimmer
26-Jan-18
M64P224KB40 VISHAY-M64P224KB40 Datasheet
105Kb / 5P
   3/8 Square (10 mm) Multi-Turn Cermet Trimmer
01-Jan-2022
64P201E3 VISHAY-64P201E3 Datasheet
137Kb / 4P
   3/8 Square (10 mm) Multi-Turn Cermet Trimmer
Revision: 04-Sep-07
T93YA502KT20 VISHAY-T93YA502KT20 Datasheet
96Kb / 5P
   Square Multi-Turn Cermet Trimmer
Revision: 05-Aug-13
logo
Bourns Electronic Solut...
81A2A-B28-A15 BOURNS-81A2A-B28-A15 Datasheet
401Kb / 6P
   Square Single-Turn Panel Control
logo
DB Lectro Inc
3386P DBLECTRO-3386P Datasheet
200Kb / 1P
   9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386U DBLECTRO-3386U Datasheet
197Kb / 1P
   9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386W DBLECTRO-3386W Datasheet
194Kb / 1P
   9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3362H DBLECTRO-3362H Datasheet
203Kb / 1P
   7횞7.2 Square/Single Turn/Trimming Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com