Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3610S-1-502 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 3610S-1-502
Description  10-Turn Precision Knobpot
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3610S-1-502 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  3610S-1-502 Datasheet HTML 1Page - Bourns Electronic Solutions 3610S-1-502 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
REV. 10/11
3610 - 10-Turn Precision Knobpot®
Product Dimensions
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PANEL HOLE PATTERN
PANEL HOLE PATTERN
3610S-1
3610S-2
FULL R
ANTIROTATION
KEY
VIEW ROTATED 45
°
ANTIROTATION
KEY
1
3 CW
CLOCKWISE
CCW
2 WIPER
2
13
14.27
(.562)
(NO. 30 DRILL)
3.264
(.1285)
REF.
12.65
(.498)
DIA.
25.40
(1.00)
NOTES:
1. SNAP-IN MOUNTING CUP
ACCOMMODATES PANEL THICKNESS
(.025)
THRU
(.078)
(NO. 22GA
THRU NO. 14GA) AND
(.125)
.64
1.98
3.18
18.80
± .38
(.740
± .015)
16.26
± .38
(.640
± .015)
1.27
(.050)
4.76
± .79
(3/16
± 1/32)
22.23
(7/8)
DIA.
.724
(.0285)
31.496
(1.240)
DIA.
TOLERANCES: EXCEPT WHERE NOTED
.25
.13
DECIMALS: .XX
±
(.010),
.XXX
±
(.005)
FRACTIONS:
±1/64
MM
DIMENSIONS:
(IN.)
#21 AWG GOLD
PLATED PINS
DIA.
LOCATED ON
RADIUS
3.18
± 0.79
(.125 ± .031)
33.48 ± 0.79
(1.318 ± .031)
1.70 ± 0.25
(.067 ± .010)
0.72
(.0285)
#21 AWG GOLD
PLATED PIN
LOCATED ON
3/8-32
UNEF-2A THD.
10.44 ± .07
(.411 ± .003)
DIA.
1.83
(.072)
ANTI-ROTATION LUG
ALIGNS WITH “0” ± 4 °
1.52 ± 0.38
(.060 ± .015)
1.52 TO 3.96
(.060 TO .156)
PANEL THICKNESS
1.98 +.08/-.03
(.078 + .003/-.001)
(DRILL #5/64)
DIA.
0.38
(.015)
10.26 ± 0.05
(.404 ± .002)
DIA.
DIA.
1.27
(.050)
RADIUS
22.23 ± 0.38
(.875 ± .015)
17.65 ± 0.38
(.695 ± .015)
7.11
(.280)
6.93 ± 0.25
(.273 ± .010)
1.40 ± 0.38
(.055 ± .015)
HOOK DETAIL
8.36 ± 0.38
(.329 ± .015)
4.78 ± 0.79
(.188 ± .031)


Similar Part No. - 3610S-1-502

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3610S-1-502 BOURNS-3610S-1-502 Datasheet
134Kb / 1P
   10-Turn Precision Knobpot
More results

Similar Description - 3610S-1-502

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3600 BOURNS-3600 Datasheet
198Kb / 1P
   10-Turn Precision Knobpot
3610 BOURNS-3610 Datasheet
134Kb / 1P
   10-Turn Precision Knobpot
3549 BOURNS-3549 Datasheet
530Kb / 5P
   10-Turn Precision Potentiometer
3549S-1AA-502A BOURNS-3549S-1AA-502A Datasheet
497Kb / 4P
   3549 - 10-Turn Precision Potentiometer
3549H-1AE-102B BOURNS-3549H-1AE-102B Datasheet
409Kb / 4P
   3549 - 10-Turn Precision Potentiometer
logo
Bi technologies
7280 BITECH-7280 Datasheet
77Kb / 5P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7281 BITECH-7281 Datasheet
345Kb / 4P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
7274 ETC1-7274 Datasheet
65Kb / 4P
   7/8 Diameter Plastic 10-Turn Wirewound Precision Potentiometer
logo
Bi technologies
7601 BITECH-7601 Datasheet
64Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
7600 BITECH-7600 Datasheet
63Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com