Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR1100E Datasheet(PDF) 5 Page - Motorola, Inc

Part # MUR1100E
Description  ULTRAFAST RECTIFIERS 1.0 AMPERE 900-1000 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MUR1100E Datasheet(HTML) 5 Page - Motorola, Inc

  MUR1100E Datasheet HTML 1Page - Motorola, Inc MUR1100E Datasheet HTML 2Page - Motorola, Inc MUR1100E Datasheet HTML 3Page - Motorola, Inc MUR1100E Datasheet HTML 4Page - Motorola, Inc MUR1100E Datasheet HTML 5Page - Motorola, Inc MUR1100E Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MUR190E MUR1100E
5
Rectifier Device Data
Lead Length, L
Mounting
Method
1/8
1/4
1/2
Units
1
2
3
52
67
R
θJA
65
72
80
87
50
°C/W
°C/W
°C/W
TYPICAL VALUES FOR R
θJA IN STILL AIR
Data shown for thermal resistance junction to
ambient (R
θJA) for the mountings shown is to be used
as typical guideline values for preliminary
engineering or in case the tie point temperature
cannot be measured.
NOTE 1 — AMBIENT MOUNTING DATA
MOUNTING METHOD 1
MOUNTING METHOD 2
MOUNTING METHOD 3
L
L
L
L
Vector Pin Mounting
L = 3/8
Board Ground Plane
P.C. Board with
1–1/2 X 1–1/2 Copper Surface


Similar Part No. - MUR1100E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR1100E ONSEMI-MUR1100E Datasheet
82Kb / 8P
   SWITCHMODE Power Rectifiers
August, 2002 ??Rev. 1
MUR1100E ONSEMI-MUR1100E Datasheet
79Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2006 ??Rev. 3
logo
Digitron Semiconductors
MUR1100E DIGITRON-MUR1100E Datasheet
177Kb / 3P
   1A SCHOTTKY RECTIFIER
logo
New Jersey Semi-Conduct...
MUR1100E NJSEMI-MUR1100E Datasheet
80Kb / 2P
   SWITCHMODE Power Rectifiers
logo
ON Semiconductor
MUR1100E ONSEMI-MUR1100E Datasheet
131Kb / 6P
   SWITCHMODE Power Rectifiers
May, 2013 ??Rev. 4
More results

Similar Description - MUR1100E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR490E ONSEMI-MUR490E_06 Datasheet
79Kb / 5P
   ULTRAFAST RECTIFIERS 4.0 AMPS, 900 - 1000 VOLTS
February, 2006 ??Rev. 3
logo
Motorola, Inc
MUR490E MOTOROLA-MUR490E Datasheet
120Kb / 6P
   ULTRAFAST RECTIFIERS 4.0 AMPERES 900-1000 VOLTS
MURS120T3 MOTOROLA-MURS120T3 Datasheet
112Kb / 4P
   ULTRAFAST RECTIFIERS 1.0 AMPERE 200-600 VOLTS
logo
ON Semiconductor
MURS120T3 ONSEMI-MURS120T3_06 Datasheet
60Kb / 5P
   ULTRAFAST RECTIFIERS 1.0 AMPERE, 50??00 VOLTS
July, 2006 ??Rev. 8
logo
Motorola, Inc
MUR120 MOTOROLA-MUR120 Datasheet
115Kb / 6P
   ULTRAFAST RECTIFIERS 1.0 AMPERE 200-400-600 VOLTS
logo
Pan Jit International I...
UF100 PANJIT-UF100 Datasheet
54Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
UF100S PANJIT-UF100S Datasheet
55Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Yea Shin Technology Co....
UF100 YEASHIN-UF100 Datasheet
79Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
UF100G YEASHIN-UF100G Datasheet
43Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
logo
Pan Jit International I...
1U1 PANJIT-1U1 Datasheet
55Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com