Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3548S-2BD-102A Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3548S-2BD-102A
Description  5-Turn Precision Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3548S-2BD-102A Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3548S-2BD-102A Datasheet HTML 1Page - Bourns Electronic Solutions 3548S-2BD-102A Datasheet HTML 2Page - Bourns Electronic Solutions 3548S-2BD-102A Datasheet HTML 3Page - Bourns Electronic Solutions 3548S-2BD-102A Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Wirewound and Hybritron® elements
High rotational life
Optional 0.15 % linearity
Optional A/R lug
RoHS compliant*
Suitable for use under side load
Designed for HMI and MMI applications
Dual gang option
Servo mount option
3548 - 5-Turn Precision Potentiometer
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics1
Wirewound Element
Hybritron® Element
Standard Resistance Range..................................................................500 to 50K ohms ....................................................1K to 10K ohms
Total Resistance Tolerance....................................................................±3 % .......................................................................±10 %
Independent Linearity ............................................................................±0.25 % ..................................................................±0.25 %
Independent Linearity (Maximum Practical) ..........................................±0.15 % ..................................................................±0.15 %
Effective Electrical Angle .......................................................................1800 ° +10 °, -0 °....................................................1800 ° +10 °, -0 °
Absolute Minimum Resistance/End Voltage..........................................1 ohm or 0.1 % maximum ......................................0.4 % maximum
(whichever is greater)
Noise/Output Smoothness ....................................................................100 ohms maximum...............................................0.15 % maximum
Max. Wiper Current @ 5K ohms ...........................................................20 mA.....................................................................10 mA
Dielectric Withstanding Voltage (MIL-STD-202, Method 301)
Sea Level...........................................................................................1,000 VAC minimum ..............................................1,000 VAC minimum
Insulation Resistance (500 VDC) ..........................................................1,000 megohms minimum......................................1,000 megohms minimum
Resolution..............................................................................................See How to Order chart ........................................Essentially infinite
Power Rating (Voltage Limited By Power Dissipation)
+70 °C................................................................................................1.5 watts.................................................................1.5 watts
+125 °C..............................................................................................0 watt......................................................................0 watt
Environmental Characteristics1
Operating Temperature Range
Dynamic.............................................................................................-40 °C to +125 °C...................................................-40 °C to +125 °C
Static..................................................................................................-55 °C to +125 °C...................................................-55 °C to +125 °C
Temperature Coefficient (Over Static Temperature Range) ..................±50 ppm/°C ............................................................±100 ppm/°C
Temperature Cycling (5 Cycles Over Static Temperature Range).........±2 % TR shift max. .................................................±4 % TR shift max.
Vibration (15 Gs, 10 Hz to 2 kHz)
Wiper Bounce ....................................................................................0.1 ms max.............................................................0.1 ms max.
Shock (100 Gs, 6 ms sawtooth)
Wiper Bounce ....................................................................................0.1 ms max.............................................................0.1 ms max.
Load Life (1,000 hours @ 70 °C)...........................................................±2 % TR shift max. .................................................±5 % TR shift max.
Rotational Life
No Load .............................................................................................1,000,000 shaft revolutions ...................................2,500,000 shaft revolutions
Powered (MIL-PRF-12934)................................................................1,000,000 shaft revolutions ...................................2,500,000 shaft revolutions
Moisture Resistance (Mil-Std-202, Method 103) ...................................±2 % TR shift max. .................................................±5 % TR shift max.
IP Rating................................................................................................IP 50.......................................................................IP 50
Mechanical Characteristics1
Mechanical Angle ...........................................................................................................................................................................................1800 ° +10 °, -0 °
Backlash .................................................................................................................................................................................................................... 1.0 ° max.
Stop Strength.......................................................................................................................................................................................53 N-cm (75 oz-in.) min.
Torque
Starting ........................................................................................................................................................................................0.5 N-cm (0.7 oz.-in.) max.
Running .......................................................................................................................................................................................0.5 N-cm (0.7 oz.-in.) max.
Clutch................................................................................................................................................................................1.0 to 4.2 N-cm (1.5 to 6.0 oz.-in.)
Mounting .......................................................................................................................................................................... 170-200 N-cm (15-18 in.-lb.) max.
Shaft Runout T.I.R. ..................................................................................................................................................................................... 0.08 mm (0.003 in.)
Lateral Runout T.I.R.................................................................................................................................................................................... 0.13 mm (0.005 in.)
Shaft End Play T.I.R. .................................................................................................................................................................................. 0.15 mm (0.006 in.)
Shaft Radial Play T.I.R................................................................................................................................................................................ 0.08 mm (0.003 in.)
Pilot Diameter Runout T.I.R. ....................................................................................................................................................................... 0.08 mm (0.003 in.)
Weight
Single.................................................................................................................................................................................................... 19 gm (0.67 oz.) typ.
Dual ..................................................................................................................................................................................................... 35 gm. (1.23 oz.) typ.
Shaft Side Load (Max. Allowable)
Nickel Plated Brass Shaft w/Brass Bushing ................................................................................................................................................. 50 gmf (1.7 ozf)
Stainless Steel Shaft w/Bronze Bushing .................................................................................................................................................... 250 gmf (8.8 ozf)
Terminals .............................................................................................................................................................................................. Gold-plated solder lugs
Soldering Condition
Manual Soldering........................................................... 96.5Sn/3.0Ag/0.5Cu solid wire or no-clean rosin cored wire, 370 °C (700 °F) max. for 3 seconds
Wave Soldering ...................................................................................96.5Sn/3.0Ag/0.5Cu solder with no-clean flux, 260 °C (500 °F) max. for 5 seconds
Wash processes .......................................................................................................................................................................................Not recommended
Mounting Hardware ............................................................................................. One lockwasher and one mounting nut is shipped with each potentiometer
Recommended Panel Thickness (Bushing Mount) ..................................................................................................................2.46-3.81 mm (0.097-0.150 in.)
Marking...........................................................................................................................Manufacturer’s symbol, model number, product code and date code
Standard Packaging ........................................................................................................................................................................... Plastic trays (5 pcs./tray)
1At room ambient: +25 °C nominal and 50 % relative humidity nominal, except as noted.
For other options, please consult factory.


Similar Part No. - 3548S-2BD-102A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3548S BOURNS-3548S Datasheet
48Kb / 4P
   Precision Potentiometer
More results

Similar Description - 3548S-2BD-102A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3549 BOURNS-3549 Datasheet
530Kb / 5P
   10-Turn Precision Potentiometer
logo
TT Electronics.
3371 TTELEC-3371 Datasheet
690Kb / 3P
   Single-Turn Precision Potentiometer
3381 TTELEC-3381 Datasheet
690Kb / 3P
   Single-Turn Precision Potentiometer
6273 TTELEC-6273 Datasheet
708Kb / 3P
   Single-Turn Precision Potentiometer
6370 TTELEC-6370 Datasheet
788Kb / 3P
   Single-Turn Precision Potentiometer
9300 TTELEC-9300 Datasheet
742Kb / 4P
   Multi-Turn Precision Potentiometer
8140 TTELEC-8140 Datasheet
1,006Kb / 4P
   Multi-Turn Precision Potentiometer
5100 TTELEC-5100 Datasheet
710Kb / 4P
   Single-Turn Precision Potentiometer
5400 TTELEC-5400 Datasheet
766Kb / 4P
   Single-Turn Precision Potentiometer
6130 TTELEC-6130 Datasheet
717Kb / 3P
   Single-Turn Precision Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com